Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL84780IRZ-T Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL84780IRZ-T
Description  Ultra Low ON-Resistance, Low Voltage, Single Supply, Quad 2:1 Analog Multiplexer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL84780IRZ-T Datasheet(HTML) 1 Page - Intersil Corporation

  ISL84780IRZ-T Datasheet HTML 1Page - Intersil Corporation ISL84780IRZ-T Datasheet HTML 2Page - Intersil Corporation ISL84780IRZ-T Datasheet HTML 3Page - Intersil Corporation ISL84780IRZ-T Datasheet HTML 4Page - Intersil Corporation ISL84780IRZ-T Datasheet HTML 5Page - Intersil Corporation ISL84780IRZ-T Datasheet HTML 6Page - Intersil Corporation ISL84780IRZ-T Datasheet HTML 7Page - Intersil Corporation ISL84780IRZ-T Datasheet HTML 8Page - Intersil Corporation ISL84780IRZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
®
FN6099.1
ISL84780
Ultra Low ON-Resistance, Low Voltage,
Single Supply, Quad 2:1 Analog
Multiplexer
The Intersil ISL84780 device is a low ON-resistance, low
voltage, bidirectional, Quad SPDT (Dual DPDT) analog
switch designed to operate from a single +1.6V to +3.6V
supply. Targeted applications include battery-powered
equipment that benefit from low on-resistance, and fast
switching speeds (tON =12ns, tOFF = 8ns). The digital logic
input is 1.8V logic-compatible when using a single +3V supply.
Cell phones, for example, often face ASIC functionality
limitations. The number of analog input or GPIO pins may be
limited and digital geometries are not well suited to analog
switch performance. This family of parts may be used to
“mux-in” additional functionality while reducing ASIC design
risk. The ISL84780 is offered in small form factor packages,
alleviating board space limitations.
The ISL84780 is a committed Quad SPDT that consists of
four normally open (NO) and four normally closed (NC)
switches. This configuration can also be used as a diff dual 2-
to-1 multiplexer/demultiplexer or a quad 2-to1
multiplexer/demultiplexer. The ISL84780 is pin compatible
with the MAX4780.
Related Literature
• Technical Brief TB363 “Guidelines for Handling and
Processing Moisture Sensitive Surface Mount Devices
(SMDs)”
• Application Note AN557 “Recommended Test Procedures
for Analog Switches”
Features
• Pin Compatible Replacement for the MAX4780
• ON Resistance (RON)
- V+ = +3.0V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.36
- V+ = +1.8V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.54
•RON Matching between Channels. . . . . . . . . . . . . . . . .0.13Ω
•RON Flatness Across Signal Range . . . . . . . . . . . . . . .0.05Ω
• Single Supply Operation. . . . . . . . . . . . . . . . . +1.6V to +3.6V
• Low Power Consumption (PD). . . . . . . . . . . . . . . . . . <0.2µW
• Fast Switching Action
-tON . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12ns
-tOFF . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8ns
• Guaranteed Break-Before-Make
• 1.8V Logic Compatible (+3V supply)
• Available in 16 lead 3x3 thin QFN and 16 lead TSSOP
• ESD HBM Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6kV
• Pb-Free Available (RoHS Compliant)
Applications
• Battery Powered, Handheld, and Portable Equipment
- Cellular/Mobile Phones
- Pagers
- Laptops, Notebooks, Palmtops
• Portable Test and Measurement
• Medical Equipment
• Audio and Video Switching
TABLE 1. FEATURES AT A GLANCE
ISL84780
Number of Switches
4
SW
Quad SPDT (Dual DPDT)
3.0V RON
0.36
3.0V tON/tOFF
12ns/8ns
1.8V RON
0.54
1.8V tON/tOFF
19ns/11ns
Packages
16Ld 3x3 TQFN, 16Ld TSSOP
Data Sheet
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2004. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
December 27, 2004


Similar Part No. - ISL84780IRZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL84780IRZ-T RENESAS-ISL84780IRZ-T Datasheet
594Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Quad 2:1 Analog Multiplexer
More results

Similar Description - ISL84780IRZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL84780 RENESAS-ISL84780 Datasheet
594Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Quad 2:1 Analog Multiplexer
logo
Intersil Corporation
ISL84781 INTERSIL-ISL84781_06 Datasheet
282Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, 8 to 1 Analog Multiplexer
ISL84781 INTERSIL-ISL84781_10 Datasheet
282Kb / 11P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, 8-to-1 Analog Multiplexer
ISL84781 INTERSIL-ISL84781 Datasheet
340Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, 8 to 1 Analog Multiplexer
ISL84781IVZ INTERSIL-ISL84781IVZ Datasheet
279Kb / 11P
   Ultra Low ON-Resistance, Low-Voltage Single Supply, 8-to-1 Analog Multiplexer
October 28, 2010
logo
Renesas Technology Corp
ISL84781 RENESAS-ISL84781 Datasheet
617Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, 8-to-1 Analog Multiplexer
logo
Intersil Corporation
ISL54057 INTERSIL-ISL54057 Datasheet
264Kb / 10P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
ISL43L840 INTERSIL-ISL43L840 Datasheet
334Kb / 11P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Dual 4 to 1 Analog Multiplexer
logo
Renesas Technology Corp
ISL43L841 RENESAS-ISL43L841 Datasheet
623Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
ISL84782 RENESAS-ISL84782 Datasheet
628Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com