Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL84780IRZ-T Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL84780IRZ-T
Description  Ultra Low ON-Resistance, Low Voltage, Single Supply, Quad 2:1 Analog Multiplexer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL84780IRZ-T Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL84780IRZ-T Datasheet HTML 3Page - Intersil Corporation ISL84780IRZ-T Datasheet HTML 4Page - Intersil Corporation ISL84780IRZ-T Datasheet HTML 5Page - Intersil Corporation ISL84780IRZ-T Datasheet HTML 6Page - Intersil Corporation ISL84780IRZ-T Datasheet HTML 7Page - Intersil Corporation ISL84780IRZ-T Datasheet HTML 8Page - Intersil Corporation ISL84780IRZ-T Datasheet HTML 9Page - Intersil Corporation ISL84780IRZ-T Datasheet HTML 10Page - Intersil Corporation ISL84780IRZ-T Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems.
Intersil Corporation’s quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
FN6099.1
December 27, 2004
Thin Quad Flat No-Lead Plastic Package (TQFN)
Thin Micro Lead Frame Plastic Package (TMLFP)
)
INDEX
D1/2
D1
D/2
D
E1/2
E/2
E
A
2X
0.15
B
C
0.10
B
A
MC
A
N
SEATING PLANE
N
6
3
2
2
3
e
1
1
0.08
FOR ODD TERMINAL/SIDE
FOR EVEN TERMINAL/SIDE
C
C
SECTION "C-C"
NX b
A1
C
2X
C
0.15
0.15
2X
B
REF.
(Nd-1)Xe
(Ne-1)Xe
REF.
5
A1
4X P
A
C
C
4X P
B
2X
A
C
0.15
A2
A3
D2
D2
E2
E2/2
TERMINAL TIP
SIDE VIEW
TOP VIEW
7
BOTTOM VIEW
7
5
CL
CL
e
e
E1
2
NX k
NX b
8
NX L
8
8
9
AREA
9
4X
0.10 C
/ /
9
(DATUM B)
(DATUM A)
AREA
INDEX
6
AREA
N
9
CORNER
OPTION 4X
L1
L
10
L1
L
10
L16.3x3A
16 LEAD THIN QUAD FLAT NO-LEAD PLASTIC PACKAGE
SYMBOL
MILLIMETERS
NOTES
MIN
NOMINAL
MAX
A
0.70
0.75
0.80
-
A1
-
-
0.05
-
A2
-
-
0.80
9
A3
0.20 REF
9
b
0.18
0.23
0.30
5, 8
D
3.00 BSC
-
D1
2.75 BSC
9
D2
1.35
1.50
1.65
7, 8, 10
E
3.00 BSC
-
E1
2.75 BSC
9
E2
1.35
1.50
1.65
7, 8, 10
e
0.50 BSC
-
k0.20
-
-
-
L
0.30
0.40
0.50
8
N16
2
Nd
4
3
Ne
4
3
P-
-
0.60
9
θ
--
12
9
Rev. 0 6/04
NOTES:
1. Dimensioning and tolerancing conform to ASME Y14.5-1994.
2. N is the number of terminals.
3. Nd and Ne refer to the number of terminals on each D and E.
4. All dimensions are in millimeters. Angles are in degrees.
5. Dimension b applies to the metallized terminal and is measured
between 0.15mm and 0.30mm from the terminal tip.
6. The configuration of the pin #1 identifier is optional, but must be
located within the zone indicated. The pin #1 identifier may be
either a mold or mark feature.
7. Dimensions D2 and E2 are for the exposed pads which provide
improved electrical and thermal performance.
8. Nominal dimensions are provided to assist with PCB Land
Pattern Design efforts, see Intersil Technical Brief TB389.
9. Features and dimensions A2, A3, D1, E1, P &
θ are present when
Anvil singulation method is used and not present for saw
singulation.
10. Compliant to JEDEC MO-220WEED-2 Issue C, except for the E2
and D2 MAX dimension.
ISL84780


Similar Part No. - ISL84780IRZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL84780IRZ-T RENESAS-ISL84780IRZ-T Datasheet
594Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Quad 2:1 Analog Multiplexer
More results

Similar Description - ISL84780IRZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL84780 RENESAS-ISL84780 Datasheet
594Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Quad 2:1 Analog Multiplexer
logo
Intersil Corporation
ISL84781 INTERSIL-ISL84781_06 Datasheet
282Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, 8 to 1 Analog Multiplexer
ISL84781 INTERSIL-ISL84781_10 Datasheet
282Kb / 11P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, 8-to-1 Analog Multiplexer
ISL84781 INTERSIL-ISL84781 Datasheet
340Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, 8 to 1 Analog Multiplexer
ISL84781IVZ INTERSIL-ISL84781IVZ Datasheet
279Kb / 11P
   Ultra Low ON-Resistance, Low-Voltage Single Supply, 8-to-1 Analog Multiplexer
October 28, 2010
logo
Renesas Technology Corp
ISL84781 RENESAS-ISL84781 Datasheet
617Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, 8-to-1 Analog Multiplexer
logo
Intersil Corporation
ISL54057 INTERSIL-ISL54057 Datasheet
264Kb / 10P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
ISL43L840 INTERSIL-ISL43L840 Datasheet
334Kb / 11P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Dual 4 to 1 Analog Multiplexer
logo
Renesas Technology Corp
ISL43L841 RENESAS-ISL43L841 Datasheet
623Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
ISL84782 RENESAS-ISL84782 Datasheet
628Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com