Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL84715 Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL84715
Description  Ultra Low ON-Resistance, Low Voltage, Single Supply, SPST Analog Switches
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL84715 Datasheet(HTML) 3 Page - Intersil Corporation

  ISL84715 Datasheet HTML 1Page - Intersil Corporation ISL84715 Datasheet HTML 2Page - Intersil Corporation ISL84715 Datasheet HTML 3Page - Intersil Corporation ISL84715 Datasheet HTML 4Page - Intersil Corporation ISL84715 Datasheet HTML 5Page - Intersil Corporation ISL84715 Datasheet HTML 6Page - Intersil Corporation ISL84715 Datasheet HTML 7Page - Intersil Corporation ISL84715 Datasheet HTML 8Page - Intersil Corporation ISL84715 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
Absolute Maximum Ratings
Thermal Information
V+ to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to 4.8V
Input Voltages
NO, NC, IN (Note 2). . . . . . . . . . . . . . . . . . . . . -0.3 to ((V+) + 0.3V)
Output Voltages
COM (Note 2). . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to ((V+) + 0.3V)
Continuous Current NO, NC, or COM . . . . . . . . . . . . . . . . .
±300mA
Peak Current NO, NC, or COM
(Pulsed 1ms, 10% Duty Cycle, Max)
. . . . . . . . . . . . . . . . . . . ± 600mA
ESD Rating:
HBM
> . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .>4kV
MM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .>300V
CDM. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .>1000V
Operating Conditions
Temperature Range
ISL8471XIH . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to 85°C
Thermal Resistance (Typical, Note 3)
θJA (°C/W)
5 Ld SC70 Package . . . . . . . . . . . . . . . . . . . . . . . . .
660
Maximum Junction Temperature (Plastic Package). . . . . . . . 150°C
Maximum Storage Temperature Range . . . . . . . . . . . . . -65°C to 150°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300°C
(Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
2. Signals on NC, NO, IN, or COM exceeding V+ or GND are clamped by internal diodes. Limit forward diode current to maximum current ratings.
3.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
Electrical Specifications - 3V Supply
Test Conditions: V+ = +2.7V to +3.6V, GND = 0V, VINH = 1.4V, VINL = 0.5V (Notes 4, 6),
Unless Otherwise Specified
PARAMETER
TEST CONDITIONS
TEMP
(°C)
(NOTE 5)
MIN
TYP
(NOTE 5)
MAX
UNITS
ANALOG SWITCH CHARACTERISTICS
Analog Signal Range, VANALOG
Full
0
-
V+
V
ON Resistance, RON
V+ = 2.7V, ICOM = 100mA, VNO or VNC = 1.5V
(See Figure 4)
25
-
0.26
0.4
Full
-
-
0.45
RON Flatness, RFLAT(ON)
V+ = 2.7V, ICOM = 100mA, VNO or VNC = 0.6V, 1.5V,
2.1V (Note 7)
25
-
0.038
0.07
Full
-
-
0.09
NO or NC OFF Leakage Current,
INO(OFF) or INC(OFF)
V+ = 3.3V, VCOM = 0.3V, 3V, VNO or VNC = 3V, 0.3V
25
-3
-
3
nA
Full
-20
-
20
nA
COM OFF Leakage Current,
ICOM(OFF)
V+ = 3.3V, VCOM = 0.3V, 3V, VNO or VNC = 3V, 0.3V
25
-3
-
3
nA
Full
-20
-
20
nA
COM ON Leakage Current,
ICOM(ON)
V
+ = 3.3V, VCOM = 0.3V, 3V, or VNO or VNC = 0.3V, 3V,
or Floating
25
-3
-
3
nA
Full
-35
-
35
nA
DYNAMIC CHARACTERISTICS
Turn-ON Time, tON
V+ = 2.7V, VNO or VNC = 1.5V, RL = 50Ω, CL = 35pF
(See Figure 1, Note 8)
25
-
9
12
ns
Full
-
-
15
ns
Turn-OFF Time, tOFF
V+ = 2.7V, VNO or VNC = 1.5V, RL = 50Ω, CL = 35pF
(See Figure 1, Note 8)
25
-
5
8
ns
Full
-
-
11
ns
Charge Injection, Q
VG = V+/2, RG = 0Ω,CL = 1.0nF (See Figure 2)
25
-
70
-
pC
OFF Isolation
RL = 50Ω, CL = 5pF, f = 1MHz, VCOM = 1VRMS
(See Figure 3)
25
-
-45
-
dB
Total Harmonic Distortion
f = 20Hz to 20kHz, VCOM = 2VP-P, RL = 32Ω
25
-
0.003
-
%
NO or NC OFF Capacitance, COFF f = 1MHz, VNO or VNC = VCOM = 0V (See Figure 5)
25
-
68
-
pF
COM OFF Capacitance,
CCOM(OFF)
f = 1MHz, VNO or VNC = VCOM = 0V (See Figure 5)
25
-
68
-
pF
COM ON Capacitance, CCOM(ON) f = 1MHz, VNO or VNC = VCOM = 0V (See Figure 5)
25
-
160
-
pF
ISL84715, ISL84716


Similar Part No. - ISL84715

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL84715 INTERSIL-ISL84715 Datasheet
328Kb / 10P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPST Analog Switches
ISL84715 INTERSIL-ISL84715 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL84715 RENESAS-ISL84715 Datasheet
581Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPST Analog Switches
logo
Intersil Corporation
ISL84715 INTERSIL-ISL84715 Datasheet
426Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply,SPST Analog Switches
August 18, 2015
ISL84715IH-T INTERSIL-ISL84715IH-T Datasheet
328Kb / 10P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPST Analog Switches
More results

Similar Description - ISL84715

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL84715_0411 INTERSIL-ISL84715_0411 Datasheet
328Kb / 10P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPST Analog Switches
logo
Renesas Technology Corp
ISL84715 RENESAS-ISL84715 Datasheet
581Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPST Analog Switches
logo
Intersil Corporation
ISL84715 INTERSIL-ISL84715_15 Datasheet
426Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply,SPST Analog Switches
August 18, 2015
ISL54051_0709 INTERSIL-ISL54051_0709 Datasheet
328Kb / 10P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Single SPST Analog Switches
ISL54051IRUZ-T INTERSIL-ISL54051IRUZ-T Datasheet
400Kb / 12P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Single SPST Analog Switches
October 19, 2009
logo
Renesas Technology Corp
ISL54051 RENESAS-ISL54051 Datasheet
616Kb / 12P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Single SPST Analog Switches
logo
Intersil Corporation
ISL54051 INTERSIL-ISL54051 Datasheet
401Kb / 12P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Single SPST Analog Switches
ISL43L710 INTERSIL-ISL43L710_07 Datasheet
265Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Differential SPST Analog Switches
logo
Renesas Technology Corp
ISL43L120 RENESAS-ISL43L120 Datasheet
651Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Dual SPST Analog Switches
ISL43L710 RENESAS-ISL43L710 Datasheet
653Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Differential SPST Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com