Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI-3012LU Datasheet(PDF) 1 Page - Sanken electric

Part # SI-3012LU
Description  Surface-Mount, Low Current Consumption, Low Dropout Voltage Dropper Type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-3012LU Datasheet(HTML) 1 Page - Sanken electric

  SI-3012LU Datasheet HTML 1Page - Sanken electric SI-3012LU Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Parameter
Input Voltage
DC Output Current
Ambient Operating Temperature
Symbol
VIN
IO
Top
sFeatures
• Compact surface-mount package (SOT-89-5)
• Output current: 250 mA
• Low current consumption lq (OFF)
≤ 1
µA (VC = 0 V)
• Low dropout voltage: VDIF
≤0.5 V (at IO = 250 mA)
• 5 types of output voltages (Adj, 1.8 V, 2.5 V, 3.3 V, 5.0 V) available
• Built-in dropping type overcurrent, thermal protection circuits
sApplications
• Auxiliary power supply for PC
• Battery-driven electronic equipment
sAbsolute Maximum Ratings
SI-3000LU Series
Surface-Mount, Low Current Consumption, Low Dropout Voltage Dropper Type
qSI-3000LU Series
Ratings
min.
max.
*2, *3
VO+2*1
0
250
–20
85
Unit
V
mA
°C
Unit
V
mA
W
°C
°C
°C/W
Ratings
18
250
0.75
–40 to +135
–40 to +125
146
Symbol
VIN
IO
PD*1
Tj*2
Top*2
θ j-a*1
Parameter
DC Input Voltage
DC Output Current
Power Dissipation
Junction Temperature
Storage Temperature
Thermal Resistance (Junction to Ambient Air)
(Ta=25
°C)
*1: When mounted on glass-epoxy board 40
× 40 mm (copper laminate area 2%)
*2: Thermal protection circuits may operate if the junction temperature exceeds 135
°C
sRecommended Operating Conditions
*1: VIN (max) and IO (max) are restricted by the relationship PD = (VIN - VO)
× IO.
Calculate these values referring to the reference data.
*2: Refer to the dropout voltage section.
*3: For the SI-3012LU, set the input voltage to at least 2.4 V, and secure the minimum voltage as explained in Setting DC Input Voltage,
Dropper Type Application Note.


Similar Part No. - SI-3012LU

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-3012LU SANKEN-SI-3012LU Datasheet
52Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
More results

Similar Description - SI-3012LU

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI-3033LUS ETC-SI-3033LUS Datasheet
47Kb / 4P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Dropper Type
SI-3000KS ETC-SI-3000KS Datasheet
85Kb / 7P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Dropper Type
SI-3000LSA ETC1-SI-3000LSA Datasheet
58Kb / 6P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Dropper Type
SI-3025KS ETC-SI-3025KS Datasheet
92Kb / 7P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Dropper Type
logo
Sanken electric
A8180SLU SANKEN-A8180SLU Datasheet
53Kb / 4P
   Surface-Mount, Low Quiescent Current, Low Dropout Voltage Dropper Type
A8181SLB SANKEN-A8181SLB Datasheet
58Kb / 4P
   Surface-Mount, Low Circuit Current, Low Dropout Voltage Dropper Type
SI-3050KD SANKEN-SI-3050KD Datasheet
67Kb / 3P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3012KD SANKEN-SI-3012KD Datasheet
67Kb / 3P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3033KD SANKEN-SI-3033KD Datasheet
67Kb / 3P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3000KS SANKEN-SI-3000KS_11 Datasheet
82Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com