Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC80C32-40W Datasheet(PDF) 19 Page - Integrated Circuit Solution Inc

Part # IC80C32-40W
Description  CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC80C32-40W Datasheet(HTML) 19 Page - Integrated Circuit Solution Inc

Back Button IC80C32-40W Datasheet HTML 15Page - Integrated Circuit Solution Inc IC80C32-40W Datasheet HTML 16Page - Integrated Circuit Solution Inc IC80C32-40W Datasheet HTML 17Page - Integrated Circuit Solution Inc IC80C32-40W Datasheet HTML 18Page - Integrated Circuit Solution Inc IC80C32-40W Datasheet HTML 19Page - Integrated Circuit Solution Inc IC80C32-40W Datasheet HTML 20Page - Integrated Circuit Solution Inc IC80C32-40W Datasheet HTML 21Page - Integrated Circuit Solution Inc IC80C32-40W Datasheet HTML 22Page - Integrated Circuit Solution Inc IC80C32-40W Datasheet HTML 23Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 48 page
background image
Integrated Circuit Solution Inc.
19
MC002-0B
IC80C52
IC80C32
Table 5. Timer/Counter 1 Used as a Timer
TMOD
Mode
Timer 1
Internal
External
Function
Control(1)
Control(2)
0
13-Bit Timer
00H
80H
1
16-Bit Timer
10H
90H
2
8-Bit Auto-Reload
20H
A0H
3
Does Not Run
30H
B0H
Table 6. Timer/Counter 1 Used as a Counter
TMOD
Mode
Timer 1
Internal
External
Function
Control(1)
Control(2)
0
13-Bit Timer
40H
C0H
1
16-Bit Timer
50H
D0H
2
8-Bit Auto-Reload
60H
E0H
3
Not Available
Notes:
1. The Timer is turned ON/OFF by setting/clearing bit TR1
in the software.
2. The Timer is turned ON/OFF by the 1-to-0 transition on
INT1 (P3.3) when TR1 = 1 (hardware control).
Timer Setup
Tables 3 through 6 give TMOD values that can be used to
set up Timers in different modes.
It assumes that only one timer is used at a time. If Timers
0 and 1 must run simultaneously in any mode, the value in
TMOD for Timer 0 must be ORed with the value shown for
Timer 1 (Tables 5 and 6).
For example, if Timer 0 must run in Mode 1 GATE (external
control), and Timer 1 must run in Mode 2 COUNTER, then
the value that must be loaded into TMOD is 69H (09H from
Table 3 ORed with 60H from Table 6).
Moreover, it is assumed that the user is not ready at this
point to turn the timers on and will do so at another point in
the program by setting bit TRx (in TCON) to 1.
Table 3. Timer/Counter 0 Used as a Timer
TMOD
Mode
Timer 0
Internal
External
Function
Control(1)
Control(2)
0
13-Bit Timer
00H
08H
1
16-Bit Timer
01H
09H
2
8-Bit Auto-Reload
02H
0AH
3
Two 8-Bit Timers
03H
0BH
Table 4. Timer/Counter 0 Used as a Counter
TMOD
Mode
Timer 0
Internal
External
Function
Control(1)
Control(2)
0
13-Bit Timer
04H
0CH
1
16-Bit Timer
05H
0DH
2
8-Bit Auto-Reload
06H
0EH
3
One 8-Bit Counter
07H
0FH
Notes:
1. The Timer is turned ON/OFF by setting/clearing bit TR0
in the software.


Similar Part No. - IC80C32-40W

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC80C31 ICSI-IC80C31 Datasheet
247Kb / 44P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
IC80C31-12PL ICSI-IC80C31-12PL Datasheet
247Kb / 44P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
IC80C31-12PQ ICSI-IC80C31-12PQ Datasheet
247Kb / 44P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
IC80C31-12W ICSI-IC80C31-12W Datasheet
247Kb / 44P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
IC80C31-24PL ICSI-IC80C31-24PL Datasheet
247Kb / 44P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
More results

Similar Description - IC80C32-40W

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAB80C515 INFINEON-SAB80C515 Datasheet
668Kb / 56P
   8-Bit CMOS Single-Chip Microcontroller
02.96
SAB80C517 INFINEON-SAB80C517 Datasheet
1Mb / 61P
   8-Bit CMOS Single-Chip Microcontroller
04.95
logo
Samsung semiconductor
S3F8647 SAMSUNG-S3F8647 Datasheet
1Mb / 399P
   8-bit single-chip CMOS microcontroller
logo
Integrated Circuit Solu...
IC80C51 ICSI-IC80C51 Datasheet
247Kb / 44P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
logo
NXP Semiconductors
83C654 PHILIPS-83C654 Datasheet
258Kb / 24P
   CMOS single-chip 8-bit microcontroller
1998 Jan 06
logo
Siemens Semiconductor G...
SAB80C517A SIEMENS-SAB80C517A_1 Datasheet
2Mb / 137P
   8-Bit CMOS Single-Chip Microcontroller
SAB80C517 SIEMENS-SAB80C517_05 Datasheet
3Mb / 323P
   8-Bit CMOS Single-Chip Microcontroller
logo
Integral Corp.
IN80C32N INTEGRAL-IN80C32N Datasheet
117Kb / 2P
   CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
logo
Infineon Technologies A...
SAB80C515A INFINEON-SAB80C515A Datasheet
899Kb / 57P
   8-Bit CMOS Single-Chip Microcontroller
08.95
SAB80C517A INFINEON-SAB80C517A Datasheet
1Mb / 77P
   8-Bit CMOS Single-Chip Microcontroller
1994-05-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com