Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N4264 Datasheet(PDF) 1 Page - ON Semiconductor

Part # 2N4264
Description  General Purpose Transistor(NPN Silicon)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N4264 Datasheet(HTML) 1 Page - ON Semiconductor

  2N4264 Datasheet HTML 1Page - ON Semiconductor 2N4264 Datasheet HTML 2Page - ON Semiconductor 2N4264 Datasheet HTML 3Page - ON Semiconductor 2N4264 Datasheet HTML 4Page - ON Semiconductor 2N4264 Datasheet HTML 5Page - ON Semiconductor 2N4264 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Motorola Small–Signal Transistors, FETs and Diodes Device Data
General Purpose Transistor
NPN Silicon
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector – Emitter Voltage
VCEO
15
Vdc
Collector – Base Voltage
VCBO
30
Vdc
Emitter – Base Voltage
VEBO
6.0
Vdc
Collector Current — Continuous
IC
200
mAdc
Total Device Dissipation @ TA = 25°C
Derate above 25
°C
PD
350
2.8
mW
mW/
°C
Total Device Dissipation @ TC = 25°C
Derate above 25
°C
PD
1.0
8.0
Watts
mW/
°C
Operating and Storage Junction
Temperature Range
TJ, Tstg
– 55 to +150
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Ambient
RqJA
357
°C/W
Thermal Resistance, Junction to Case
RqJC
125
°C/W
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector – Emitter Breakdown Voltage
(IC = 1.0 mAdc, IB = 0)
V(BR)CEO
15
Vdc
Collector – Base Breakdown Voltage
(IC = 10 mAdc, IE = 0)
V(BR)CBO
30
Vdc
Emitter – Base Breakdown Voltage
(IE = 10 mAdc, IC = 0)
V(BR)EBO
6.0
Vdc
Base Cutoff Current
(VCE = 12 Vdc, VEB(off) = 0.25 Vdc)
(VCE = 12 Vdc, VEB(off) = 0.25 Vdc, TA = 100°C)
IBEV
0.1
10
µAdc
Collector Cutoff Current
(VCE = 12 Vdc, VEB(off) = 0.25 Vdc)
ICEX
100
nAdc
Order this document
by 2N4264/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
2N4264
CASE 29–04, STYLE 1
TO–92 (TO–226AA)
1
2
3
© Motorola, Inc. 1997
COLLECTOR
3
2
BASE
1
EMITTER
REV 2


Similar Part No. - 2N4264

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N4264 CENTRAL-2N4264 Datasheet
56Kb / 1P
   Small Signal Transistors
2N4264 CENTRAL-2N4264_15 Datasheet
103Kb / 2P
   NPN SILICON TRANSISTOR
More results

Similar Description - 2N4264

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
MMBT3904W WEITRON-MMBT3904W Datasheet
368Kb / 7P
   General Purpose Transistor NPN Silicon
logo
Zowie Technology Corpor...
MMBT3906 ZOWIE-MMBT3906 Datasheet
107Kb / 5P
   GENERAL PURPOSE TRANSISTOR NPN SILICON
BC847A ZOWIE-BC847A Datasheet
79Kb / 4P
   GENERAL PURPOSE TRANSISTOR NPN SILICON
BC849B ZOWIE-BC849B Datasheet
78Kb / 4P
   GENERAL PURPOSE TRANSISTOR NPN SILICON
MMBT2222AGH ZOWIE-MMBT2222AGH Datasheet
84Kb / 5P
   General Purpose Transistor NPN Silicon
logo
SeCoS Halbleitertechnol...
2SC1213 SECOS-2SC1213 Datasheet
77Kb / 2P
   NPN Silicon General Purpose Transistor
2SC2235 SECOS-2SC2235 Datasheet
181Kb / 2P
   NPN Silicon General Purpose Transistor
2SC2412 SECOS-2SC2412 Datasheet
331Kb / 3P
   NPN Silicon General Purpose Transistor
logo
SEMTECH ELECTRONICS LTD...
MMBT4401 SEMTECH_ELEC-MMBT4401 Datasheet
185Kb / 2P
   NPN Silicon General Purpose Transistor
logo
SeCoS Halbleitertechnol...
2SC4618 SECOS-2SC4618_11 Datasheet
456Kb / 2P
   NPN Silicon General Purpose Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com