Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS5A23159DGSR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TS5A23159DGSR
Description  1-ohm DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS5A23159DGSR Datasheet(HTML) 4 Page - Texas Instruments

  TS5A23159DGSR Datasheet HTML 1Page - Texas Instruments TS5A23159DGSR Datasheet HTML 2Page - Texas Instruments TS5A23159DGSR Datasheet HTML 3Page - Texas Instruments TS5A23159DGSR Datasheet HTML 4Page - Texas Instruments TS5A23159DGSR Datasheet HTML 5Page - Texas Instruments TS5A23159DGSR Datasheet HTML 6Page - Texas Instruments TS5A23159DGSR Datasheet HTML 7Page - Texas Instruments TS5A23159DGSR Datasheet HTML 8Page - Texas Instruments TS5A23159DGSR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
www.ti.com
TS5A23159
1-
Ω DUAL SPDT ANALOG SWITCH
5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
SCDS201 – AUGUST 2005
Electrical Characteristics for 5-V Supply (continued)
V
+ = 4.5 V to 5.5 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP
MAX
UNIT
Dynamic
25
°C
5 V
1
8
13
VCOM = V+,
CL = 35 pF,
Turn-on time
tON
ns
4.5 V to
16.5
RL = 50 Ω,
See Figure 17
Full
1
5.5 V
25
°C
5 V
1
5
8
VCOM = V+,
CL = 35 pF,
Turn-off time
tOFF
ns
4.5 V to
8
RL = 50 Ω,
See Figure 17
Full
1
5.5 V
25
°C
5 V
1
5.5
13
Break-before-
VNC = VNO = V+,
CL = 35 pF,
tBBM
ns
4.5 V to
make time
RL = 50 Ω,
See Figure 18
Full
1
14
5.5 V
Charge
VGEN = 0,
CL = 1 nF,
QC
25
°C
5 V
–7
pC
injection
RGEN = 0,
See Figure 22
NC, NO
CNC(OFF),
VNC or VNO = V+ or GND,
OFF
See Figure 16
25
°C
5 V
18
pF
CNO(OFF)
Switch OFF,
capacitance
NC, NO
CNC(ON),
VNC or VNO = V+ or GND,
ON
See Figure 16
25
°C
5 V
55
pF
CNO(ON)
Switch OFF,
capacitance
COM
VCOM = V+ or GND,
ON
CCOM(ON)
See Figure 16
25
°C
5 V
54.5
pF
Switch ON,
capacitance
Digital input
CI
VI = V+ or GND,
See Figure 16
25
°C
5 V
2
pF
capacitance
RL = 50 Ω,
Bandwidth
BW
See Figure 19
25
°C
5 V
100
MHz
Switch ON,
RL = 50 Ω,
Switch OFF,
OFF isolation
OISO
25
°C
5 V
–64
dB
f = 1 MHz,
See Figure 20
RL = 50 Ω,
Switch ON,
Crosstalk
XTALK
25
°C
5 V
–64
dB
f = 1 MHz,
See Figure 21
Total
f = 20 Hz to 20 kHz,
RL = 600 Ω,
harmonic
THD
See Figure 23
25
°C
5 V
0.004
%
CL = 50 pF,
distortion
Supply
Positive
25
°C
10
50
supply
I+
VI = V+ or GND,
Switch ON or OFF
5.5 V
µA
Full
750
current
4


Similar Part No. - TS5A23159DGSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A23159DGSR TI-TS5A23159DGSR Datasheet
718Kb / 27P
[Old version datasheet]   1-廓 DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A23159DGSR TI-TS5A23159DGSR Datasheet
702Kb / 27P
[Old version datasheet]   1-廓 DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A23159DGSRE4 TI-TS5A23159DGSRE4 Datasheet
718Kb / 27P
[Old version datasheet]   1-廓 DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A23159DGSRE4 TI-TS5A23159DGSRE4 Datasheet
702Kb / 27P
[Old version datasheet]   1-廓 DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A23159DGSRG4 TI-TS5A23159DGSRG4 Datasheet
718Kb / 27P
[Old version datasheet]   1-廓 DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results

Similar Description - TS5A23159DGSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A23160 TI-TS5A23160 Datasheet
276Kb / 22P
[Old version datasheet]   0.9-ohm DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3153 TI-TS5A3153 Datasheet
277Kb / 21P
[Old version datasheet]   1-ohm SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3159A TI-TS5A3159A Datasheet
514Kb / 30P
[Old version datasheet]   1-ohm SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3160 TI-TS5A3160 Datasheet
395Kb / 24P
[Old version datasheet]   1-ohm SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A4624 TI-TS5A4624 Datasheet
329Kb / 24P
[Old version datasheet]   1-ohm SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A23159 TI-TS5A23159_10 Datasheet
702Kb / 27P
[Old version datasheet]   1-廓 DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A23159 TI-TS5A23159_09 Datasheet
718Kb / 27P
[Old version datasheet]   1-廓 DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A23159 TI1-TS5A23159_14 Datasheet
926Kb / 30P
[Old version datasheet]   1-廓 DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A63157DBVRG4 TI1-TS5A63157DBVRG4 Datasheet
763Kb / 31P
[Old version datasheet]   12-ohm SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A23160 TI1-TS5A23160_14 Datasheet
528Kb / 26P
[Old version datasheet]   0.9-W DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com