Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS20P04G Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS20P04G
Description  Single Phase 20.0 AMPS. Glass Passivated Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS20P04G Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS20P04G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS20P04G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 688 -
TS20P01G THRU TS20P07G
Single Phase 20.0 AMPS. Glass Passivated Bridge Rectifiers
Voltage Range
50 to 1000 Volts
Current
20.0 Amperes
Features
UL Recognized file # E-96005
Glass passivated junction
Ideal for printed circuit board
Reliable low cost construction
Plastic material has Underwriters Laboratory
Flammability Classification 94V-0
Surge overload rating to 250 amperes peak
High case dielectric strength of 2000 VRMS
Mechanical Data
Case: Molded plastic
Terminals: Leads solderable per
MIL-STD-750, Method 2026
Weight: 0.3 ounce, 8 grams
Mounting torque: 8.17 in. lbs. max.
TS-6P
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol TS20P
01G
TS20P
02G
TS20P
03G
TS20P
04G
TS20P
05G
TS20P
06G
TS20P
07G
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800 1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800 1000
V
Maximum Average Forward Rectified Current
See Fig. 1
I(AV)
20.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
250
A
Maximum Instantaneous Forward Voltage
@ 20.0A
VF
1.1
V
Maximum DC Reverse Current @ TA=25
at Rated DC Blocking Voltage @ TA=125
IR
10.0
500
uA
uA
Typical Thermal Resistance (Note)
R
θJC
0.8
℃/W
Operating Temperature Range
TJ
-55 to +150
Storage Temperature Range
TSTG
-55 to + 150
Note: Thermal Resistance from Junction to Case with Device Mounted on 5” x 7” x 0.25” Al-Plate Heatsink.
1.193(30.3)
1.169(29.7)
C .118(3.0)
0
X45
.402(10.2)
.386(9.8)
.106(2.7)
.091(2.3)
.094(2.4)
.079(2.0)
.043(1.1)
.035(0.9)
.709(18.0)
.669(17.0)
.165(4.2)
.150(3.8)
.303
(7.7)
.303
(7.7)
.287
(7.3)
.287
(7.3)
.031(0.7)
.024(0.6)
.114(2.9)
.098(2.5)
.134(3.4)
.122(3.1)
.150(3.8)
.134(3.4)
.189(4.8)
.173(4.4)
.441(11.2)
.425(10.8)
.189(4.8)
.799(20.3)
.776(19.7)


Similar Part No. - TS20P04G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS20P04G TSC-TS20P04G Datasheet
223Kb / 2P
   Single Phase 20.0 AMPS. Glass Passivated Bridge Rectifiers
TS20P04G TSC-TS20P04G Datasheet
139Kb / 2P
   Single Phase 20.0 AMPS. Glass Passivated Bridge Rectifiers
TS20P04G TSC-TS20P04G Datasheet
244Kb / 4P
   Glass Passivated Bridge Rectifiers
TS20P04G TSC-TS20P04G Datasheet
206Kb / 4P
   20A, 50V - 1000V Glass Passivated Bridge Rectifiers
More results

Similar Description - TS20P04G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS20P01G TSC-TS20P01G_1 Datasheet
223Kb / 2P
   Single Phase 20.0 AMPS. Glass Passivated Bridge Rectifiers
TS20P01G TSC-TS20P01G_11 Datasheet
139Kb / 2P
   Single Phase 20.0 AMPS. Glass Passivated Bridge Rectifiers
logo
List of Unclassifed Man...
MBS2 ETC-MBS2 Datasheet
42Kb / 2P
   Single Phase 0.8 AMPS. Glass Passivated Bridge Rectifiers
KBP301G ETC-KBP301G Datasheet
116Kb / 2P
   Single Phase 3.0 AMPS. Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
KBL401G TSC-KBL401G Datasheet
68Kb / 2P
   Single Phase 4.0 AMPS. Glass Passivated Bridge Rectifiers
GBU1001 TSC-GBU1001 Datasheet
49Kb / 2P
   Single Phase 10.0 AMPS. Glass Passivated Bridge Rectifiers
DBL201G TSC-DBL201G Datasheet
109Kb / 2P
   Single Phase 2.0 AMPS. Glass Passivated Bridge Rectifiers
logo
List of Unclassifed Man...
KBP155G ETC1-KBP155G Datasheet
52Kb / 2P
   Single Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
TS6B01G TSC-TS6B01G_10 Datasheet
532Kb / 2P
   Single Phase 6.0 Amps. Glass Passivated Bridge Rectifiers
TS8P01G TSC-TS8P01G_11 Datasheet
138Kb / 2P
   Single Phase 8.0 AMPS. Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com