Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65020RHA Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS65020RHA
Description  POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65020RHA Datasheet(HTML) 5 Page - Texas Instruments

  TPS65020RHA Datasheet HTML 1Page - Texas Instruments TPS65020RHA Datasheet HTML 2Page - Texas Instruments TPS65020RHA Datasheet HTML 3Page - Texas Instruments TPS65020RHA Datasheet HTML 4Page - Texas Instruments TPS65020RHA Datasheet HTML 5Page - Texas Instruments TPS65020RHA Datasheet HTML 6Page - Texas Instruments TPS65020RHA Datasheet HTML 7Page - Texas Instruments TPS65020RHA Datasheet HTML 8Page - Texas Instruments TPS65020RHA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
TPS65020
SLVS607 – SEPTEMBER 2005
VINDCDC1 = VINDCDC2 = VINDCDC3 = VCC = VINLDO = 3.6 V, VBACKUP = 3 V, T
A = –40°C to 85°C, typical values are
at T
A = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY PINS: VCACKUP, VSYSIN, VRTC
VBACKUP = 3 V, VSYSIN = 0 V;
I(q)
Operating quiescent current
20
33
µA
VCC = 2.6 V, current into VBACKUP
VBACKUP < V_VBACKUP, current into
I(SD)
Operating quiescent current
2
3
µA
VBACKUP
VRTC LDO output voltage
VSYSIN = VBACKUP = 0 V, IO = 0 mA
3
V
IO
Output current for VRTC
VSYSIN < 2.57 V and VBACKUP < 2.57 V
20
mA
VRTC short-circuit current limit
VRTC = GND; VSYSIN = VBACKUP = 0 V
100
mA
Maximum output current at VRTC for
VRTC > 2.6 V, VCC = 3 V;
30
mA
RESPWRON = 1
VSYSIN = VBACKUP = 0 V
VO
Output voltage accuracy for VRTC
VSYSIN = VBACKUP = 0 V; Io = 0 mA
± 1%
Line regulation for VRTC
VCC = VRTC + 0.5 V to 6.5 V, IO = 5 mA
±1%
IO = 1 mA to 20 mA;
Load regulation VRTC
±2%
VSYSIN = VBACKUP = 0 V
Regulation time for VRTC
Load change from 10% to 90%
10
µs
Ilkg
Input leakage current at VSYSIN
VSYSIN < V_VSYSIN
2
µA
rDS(on) of VSYSIN switch
12.5
rDS(on) of VBACKUP switch
12.5
Input voltage range at VBACKUP(1)
2.73
3.75
V
Input voltage range at VSYSIN(1)
2.73
3.75
V
VSYSIN threshold
VSYSIN falling
–3%
2.55
3%
V
VSYSIN threshold
VSYSIN rising
–3%
2.65
3%
V
VBACKUP threshold
VBACKUP falling
–3%
2.55
3%
V
VBACKUP threshold
VBACKUP falling
-3%
2.65
3%
V
SUPPLY PIN: VINLDO
I(q)
Operating quiescent current
Current per LDO into VINLDO
16
30
µA
Total current for both LDOs into VINLDO,
I(SD)
Shutdown current
0.1
1
µA
VLDO = 0 V
(1)
Based on the requirements for the Intel PXA270 processor.
5


Similar Part No. - TPS65020RHA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65020RHAR TI1-TPS65020RHAR Datasheet
1Mb / 53P
[Old version datasheet]   Power Management IC
TPS65020RHARG4 TI1-TPS65020RHARG4 Datasheet
1Mb / 53P
[Old version datasheet]   Power Management IC
TPS65020RHAT TI1-TPS65020RHAT Datasheet
1Mb / 53P
[Old version datasheet]   Power Management IC
TPS65020RHATG4 TI1-TPS65020RHATG4 Datasheet
1Mb / 53P
[Old version datasheet]   Power Management IC
More results

Similar Description - TPS65020RHA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65021 TI-TPS65021 Datasheet
2Mb / 45P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI-TPS65023 Datasheet
908Kb / 43P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI1-TPS65023_12 Datasheet
1Mb / 55P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023-Q1 TI1-TPS65023-Q1_16 Datasheet
1Mb / 50P
[Old version datasheet]   Power Management IC For Li-Ion Powered Systems
TPS65022 TI-TPS65022 Datasheet
1Mb / 45P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS650250 TI-TPS650250 Datasheet
1Mb / 35P
[Old version datasheet]   Power Management IC for Li-Ion Powered Systems
TPS65022 TI1-TPS65022_16 Datasheet
1Mb / 47P
[Old version datasheet]   Power Management IC for Li-Ion Powered Systems
TPS65023-Q1 TI1-TPS65023-Q1 Datasheet
1Mb / 53P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS650250-Q1 TI1-TPS650250-Q1 Datasheet
919Kb / 32P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS650231 TI-TPS650231_10 Datasheet
1Mb / 55P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com