Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS82032Q-6 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # GS82032Q-6
Description  64K x 32 2M Synchronous Burst SRAM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GS82032Q-6 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  GS82032Q-6 Datasheet HTML 1Page - List of Unclassifed Manufacturers GS82032Q-6 Datasheet HTML 2Page - List of Unclassifed Manufacturers GS82032Q-6 Datasheet HTML 3Page - List of Unclassifed Manufacturers GS82032Q-6 Datasheet HTML 4Page - List of Unclassifed Manufacturers GS82032Q-6 Datasheet HTML 5Page - List of Unclassifed Manufacturers GS82032Q-6 Datasheet HTML 6Page - List of Unclassifed Manufacturers GS82032Q-6 Datasheet HTML 7Page - List of Unclassifed Manufacturers GS82032Q-6 Datasheet HTML 8Page - List of Unclassifed Manufacturers GS82032Q-6 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Rev: 1.04 2/2001
3/23
© 2000, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Preliminary
GS82032T/Q-150/138/133/117/100/66
TQFP Pin Description
Pin Location
Symbol
Type
Description
37, 36
A0, A1
I
Address field LSBs and Address Counter preset Inputs
35, 34, 33, 32, 100, 99, 82, 81, 44, 45,
46, 47, 48, 49
A2–A15
I
Address Inputs
52, 53, 56, 57, 58, 59, 62, 63
68, 69, 72, 73, 74, 75, 78, 79
2, 3, 6, 7, 8, 9, 12, 13
18, 19, 22, 23, 24, 25, 28, 29
DQA1–DQA8
DQB1–DQB8
DQC1–DQC8
DQD1–DQD8
I/O
Data Input and Output pins
16, 38, 39, 42, 43, 66, 50, 51, 80, 1, 30
NC
No Connect
87
BW
I
Byte Write—Writes all enabled bytes; active low
93, 94
BA, BB
I
Byte Write Enable for DQA, DQB Data I/Os; active low
95, 96
BC, BD
I
Byte Write Enable for DQC, DQD Data I/Os; active low
89
CK
I
Clock Input Signal; active high
88
GW
I
Global Write Enable—Writes all bytes; active low
98, 92
E1, E3
I
Chip Enable; active low
97
E2
I
Chip Enable; active high
86
G
I
Output Enable; active low
83
ADV
I
Burst address counter advance enable; active low
84, 85
ADSP, ADSC
I
Address Strobe (Processor, Cache Controller); active low
64
ZZ
I
Sleep Mode control; active high
14
FT
I
Flow Through or Pipeline mode; active low
31
LBO
I
Linear Burst Order mode; active low
15, 41, 65, 91
VDD
I
Core power supply
5,10,17, 21, 26, 40, 55, 60, 67, 71, 76, 90
VSS
I
I/O and Core Ground
4, 11, 20, 27, 54, 61, 70, 77
VDDQ
I
Output driver power supply


Similar Part No. - GS82032Q-6

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS82032 GSI-GS82032 Datasheet
677Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
logo
List of Unclassifed Man...
GS82032A ETC1-GS82032A Datasheet
345Kb / 23P
   2M Synchronous Burst SRAM
logo
GSI Technology
GS82032AGT-100 GSI-GS82032AGT-100 Datasheet
577Kb / 22P
   64K x 32 2Mb Synchronous Burst SRAM
GS82032AGT-100I GSI-GS82032AGT-100I Datasheet
577Kb / 22P
   64K x 32 2Mb Synchronous Burst SRAM
GS82032AGT-133 GSI-GS82032AGT-133 Datasheet
577Kb / 22P
   64K x 32 2Mb Synchronous Burst SRAM
More results

Similar Description - GS82032Q-6

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS820H32AT GSI-GS820H32AT Datasheet
344Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
GS820H32T GSI-GS820H32T Datasheet
344Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
GS82032 GSI-GS82032 Datasheet
677Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
GS82032AT GSI-GS82032AT Datasheet
577Kb / 22P
   64K x 32 2Mb Synchronous Burst SRAM
GS820E32AT GSI-GS820E32AT Datasheet
547Kb / 21P
   64K x 32 2Mb Synchronous Burst SRAM
logo
List of Unclassifed Man...
UT6164C32 ETC-UT6164C32 Datasheet
224Kb / 15P
   64K X 32 SYNCHRONOUS PIPELINED BURST CMOS SRAM
logo
Alliance Semiconductor ...
AS7C3364PFD32B ALSC-AS7C3364PFD32B Datasheet
549Kb / 19P
   3.3V 64K X 32/36 pipeline burst synchronous SRAM
AS7C3364PFS36A ALSC-AS7C3364PFS36A Datasheet
235Kb / 11P
   3.3V 64K X 32/36 pipeline burst synchronous SRAM
AS7C3364PFS32B ALSC-AS7C3364PFS32B Datasheet
548Kb / 19P
   3.3V 64K X 32/36 pipeline burst synchronous SRAM
logo
Cypress Semiconductor
CY7C1297A CYPRESS-CY7C1297A Datasheet
162Kb / 13P
   64K X 18 Synchronous Burst SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com