Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM29F004T-70PC Datasheet(PDF) 6 Page - PMC-Sierra, Inc

Part # PM29F004T-70PC
Description  4 Megabit (512K X 8) 5.0 Volt-Only CMOS Flash Memory
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM29F004T-70PC Datasheet(HTML) 6 Page - PMC-Sierra, Inc

Back Button PM29F004T-70PC Datasheet HTML 2Page - PMC-Sierra, Inc PM29F004T-70PC Datasheet HTML 3Page - PMC-Sierra, Inc PM29F004T-70PC Datasheet HTML 4Page - PMC-Sierra, Inc PM29F004T-70PC Datasheet HTML 5Page - PMC-Sierra, Inc PM29F004T-70PC Datasheet HTML 6Page - PMC-Sierra, Inc PM29F004T-70PC Datasheet HTML 7Page - PMC-Sierra, Inc PM29F004T-70PC Datasheet HTML 8Page - PMC-Sierra, Inc PM29F004T-70PC Datasheet HTML 9Page - PMC-Sierra, Inc PM29F004T-70PC Datasheet HTML 10Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Programmable Microelectronics Corp.
Issue Date: November, 2000 Rev: 1.0
PMC
Pm29F004 Preliminary
DEVICE OPERATION (CONTINUED)
BLOCK ERASE
The memory array is organized into seven blocks:
one 16 Kbytes boot block, two 8 Kbytes parameter
blocks, one 96 Kbytes and three 128 Kbytes main
blocks. A block erase operation allows to erase any
individual block. Pre-programs the block is not required
prior to block erase operation. If the boot block lockout
feature is enable, the block erase command attempts
to erase the boot block will be ignored. The block erase
command is similar to chip erase command except for
the last bus cycle command where the block addresses
are used to select the block for erasure and the input
data to the I/Os is 30h. Each block erase operation
erases one block. Block erase and chip erase are both
internally controlled and timed.
BYTE PROGRAMMING
The programming is a four-bus-cycle operation
and the data is programmed into the device (to a logical
“0”) on a byte-by-byte basis. Please see Software Com-
mand Definition in Table 4. A program operation is ac-
tivated by writing the three-byte command sequence
followed by one byte of data into the device. The ad-
dress are latched on the falling edge of WE# or CE#
whichever occurs later, and the data is latched on the
rising edge of WE# or CE#, whichever occurs first. The
internal control logic automatically handles the internal
programming voltages and timing.
A data “0” can not be programmed back to a “1”.
Only erase operation can convert “0”s to “1”s. The Data#
Polling of I/O7 or Toggle Bit of I/O6 can be used to de-
tect when the programming operation is completed.
CHIP ERASE
The entire memory array can be erased through
a chip erase operation. Pre-programs the device is not
required prior to chip erase operation. Chip erase starts
after a six-bus-cycle chip erase command sequence.
All commands will be ignored once the chip erase
operation has started. The device will return back to
read mode after the completion of chip erase. When
the boot block lockout feature is enabled, the boot block
will not be erased during a chip erase operation. Only
the parameter blocks and the main blocks will be erased.
I/O7 DATA# POLLING
The Pm29F004 provides Data# Polling feature to
indicate the process or the completion of a program or
erase cycle. During a program cycle, an attempt to read
the device will result in the complement of the last loaded
data on I/O7. Once the program cycle is completed,
the true data of the last loaded data is valid on all out-
puts. During a block or chip erase operation, an attempt
to read the device will result a “0” on I/O7. After the
erase cycle is completed, an attempt to read the device
will result a “1” on I/O7.
I/O6 TOGGLE BIT
The Pm29F004 also provides Toggle Bit feature
as a method to detect the process or the end of a pro-
gram or erase cycle. During a program or erase opera-
tion, an attempt to read data from the device will result
in I/O6 toggling between “1” and “0”. When the program
or erase operation is complete, I/O6 will stop toggling
and valid data will be read. Toggle bit may be accessed
at any time during a program or erase cycle.
HARDWARE DATA PROTECTION
Hardware data protection protects the device from
unintentional erase or program operation. It is performed
in the following ways: (a) VCC sense: if VCC is below 3.8
V (typical), the program function is inhibited. (b) Write
inhibit: holding any of the signal OE# low, CE# high or
WE# high inhibits a write cycle. (c) Noise filter: pulses
of less than 20 ns (typical) on the WE# or CE# inputs
will not initiate a write cycle.
6


Similar Part No. - PM29F004T-70PC

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM29F002 PMC-PM29F002 Datasheet
148Kb / 21P
   2 Megabit (256K X 8) 5.0 Volt-only CMOS Flash Memory
PM29F002B-55JC PMC-PM29F002B-55JC Datasheet
148Kb / 21P
   2 Megabit (256K X 8) 5.0 Volt-only CMOS Flash Memory
PM29F002B-55PC PMC-PM29F002B-55PC Datasheet
148Kb / 21P
   2 Megabit (256K X 8) 5.0 Volt-only CMOS Flash Memory
PM29F002B-70JC PMC-PM29F002B-70JC Datasheet
148Kb / 21P
   2 Megabit (256K X 8) 5.0 Volt-only CMOS Flash Memory
PM29F002B-70PC PMC-PM29F002B-70PC Datasheet
148Kb / 21P
   2 Megabit (256K X 8) 5.0 Volt-only CMOS Flash Memory
More results

Similar Description - PM29F004T-70PC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49F040 ATMEL-AT49F040 Datasheet
229Kb / 10P
   4-Megabit 512K x 8 5-volt Only CMOS Flash Memory
AT49F040 ATMEL-AT49F040 Datasheet
245Kb / 10P
   4 Megabit 512K x 8 5-volt Only CMOS Flash Memory
AT49F040T ATMEL-AT49F040T Datasheet
232Kb / 12P
   4-Megabit (512K x 8) 5-volt Only CMOS Flash Memory
AT49F040B ATMEL-AT49F040B Datasheet
239Kb / 19P
   4-megabit (512K x 8) 5-volt Only Flash Memory
AT49F040A ATMEL-AT49F040A Datasheet
248Kb / 16P
   4-megabit (512K x 8) 5-volt Only Flash Memory
AT49F040A-70JU ATMEL-AT49F040A-70JU Datasheet
284Kb / 17P
   4-megabit (512K x 8) 5-volt Only Flash Memory
AT49F8192 ATMEL-AT49F8192 Datasheet
241Kb / 11P
   8-Megabit 512K x 16 5-volt Only CMOS Flash Memory
logo
PMC-Sierra, Inc
PM29F002 PMC-PM29F002 Datasheet
148Kb / 21P
   2 Megabit (256K X 8) 5.0 Volt-only CMOS Flash Memory
logo
List of Unclassifed Man...
EN29F800 ETC-EN29F800 Datasheet
221Kb / 38P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 5.0 Volt-only
logo
Eon Silicon Solution In...
EN29LV040A EON-EN29LV040A_11 Datasheet
262Kb / 33P
   4 Megabit (512K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com