Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KM736V689A Datasheet(PDF) 5 Page - Samsung semiconductor

Part # KM736V689A
Description  64Kx36 Synchronous SRAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM736V689A Datasheet(HTML) 5 Page - Samsung semiconductor

  KM736V689A Datasheet HTML 1Page - Samsung semiconductor KM736V689A Datasheet HTML 2Page - Samsung semiconductor KM736V689A Datasheet HTML 3Page - Samsung semiconductor KM736V689A Datasheet HTML 4Page - Samsung semiconductor KM736V689A Datasheet HTML 5Page - Samsung semiconductor KM736V689A Datasheet HTML 6Page - Samsung semiconductor KM736V689A Datasheet HTML 7Page - Samsung semiconductor KM736V689A Datasheet HTML 8Page - Samsung semiconductor KM736V689A Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
PRELIMINARY
KM736V689A
64Kx36 Synchronous SRAM
- 5 -
Rev 2.0
December 1998
SYNCHRONOUS TRUTH TABLE
Notes : 1. X means "Don
′t Care".
2. The rising edge of clock is symbolized by
↑.
3. WRITE = L means Write operation in WRITE TRUTH TABLE.
WRITE = H means Read operation in WRITE TRUTH TABLE.
4. Operation finally depends on status of asynchronous input pins(ZZ and OE).
CS1
CS2
CS2
ADSP
ADSC
ADV
WRITE
CLK
ADDRESS ACCESSED
OPERATION
H
X
X
X
L
X
X
N/A
Not Selected
L
L
X
L
X
X
X
N/A
Not Selected
L
X
H
L
X
X
X
N/A
Not Selected
L
L
X
X
L
X
X
N/A
Not Selected
L
X
H
X
L
X
X
N/A
Not Selected
L
H
L
L
X
X
X
External Address
Begin Burst Read Cycle
L
H
L
H
L
X
L
External Address
Begin Burst Write Cycle
L
H
L
H
L
X
H
External Address
Begin Burst Read Cycle
X
X
X
H
H
L
H
Next Address
Continue Burst Read Cycle
H
X
X
X
H
L
H
Next Address
Continue Burst Read Cycle
X
X
X
H
H
L
L
Next Address
Continue Burst Write Cycle
H
X
X
X
H
L
L
Next Address
Continue Burst Write Cycle
X
X
X
H
H
H
H
Current Address
Suspend Burst Read Cycle
H
X
X
X
H
H
H
Current Address
Suspend Burst Read Cycle
X
X
X
H
H
H
L
Current Address
Suspend Burst Write Cycle
H
X
X
X
H
H
L
Current Address
Suspend Burst Write Cycle
WRITE TRUTH TABLE
Notes : 1. X means "Don
′t Care".
2. All inputs in this table must meet setup and hold time around the rising edge of CLK(
↑).
GW
BW
WEa
WEb
WEc
WEd
OPERATION
H
H
X
X
X
X
READ
H
L
H
H
H
H
READ
H
L
L
H
H
H
WRITE BYTE a
H
L
H
L
H
H
WRITE BYTE b
H
L
H
H
L
L
WRITE BYTE c and d
H
L
L
L
L
L
WRITE ALL BYTEs
L
X
X
X
X
X
WRITE ALL BYTEs
ASYNCHRONOUS TRUTH TABLE
(See Notes 1 and 2):
OPERATION
ZZ
OE
I/O STATUS
Sleep Mode
H
X
High-Z
Read
L
L
DQ
L
H
High-Z
Write
L
X
Din, High-Z
Deselected
L
X
High-Z
TRUTH TABLES
Notes
1. X means "Don
′t Care".
2. ZZ pin is pulled down internally
3. For write cycles that following read cycles, the output buffers must
be disabled with OE, otherwise data bus contention will occur.
4. Sleep Mode means power down state of which stand-by current
does not depend on cycle time.
5. Deselected means power down state of which stand-by current
depends on cycle time.


Similar Part No. - KM736V689A

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM736V689 SAMSUNG-KM736V689 Datasheet
437Kb / 15P
   64Kx36 Synchronous SRAM
KM736V689L SAMSUNG-KM736V689L Datasheet
437Kb / 15P
   64Kx36 Synchronous SRAM
More results

Similar Description - KM736V689A

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM736V687A SAMSUNG-KM736V687A Datasheet
476Kb / 16P
   64Kx36 Synchronous SRAM
KM736V689 SAMSUNG-KM736V689 Datasheet
437Kb / 15P
   64Kx36 Synchronous SRAM
K7A203200B SAMSUNG-K7A203200B Datasheet
357Kb / 16P
   64Kx36/x32 Synchronous SRAM
K7A203600A SAMSUNG-K7A203600A Datasheet
413Kb / 15P
   64Kx36-Bit Synchronous Pipelined Burst SRAM
DS_K6X8016C3B SAMSUNG-DS_K6X8016C3B Datasheet
130Kb / 9P
   64Kx36 & 64Kx32-Bit Synchronous Pipelined Burst SRAM
KM736V687 SAMSUNG-KM736V687 Datasheet
461Kb / 15P
   64Kx36-Bit Synchronous Burst SRAM, 3.3V Power Datasheets for 100TQFP
logo
Integrated Device Techn...
IDT71V547S IDT-IDT71V547S Datasheet
711Kb / 20P
   Synchronous SRAM
logo
Integrated Silicon Solu...
IS61LF6432A ISSI-IS61LF6432A Datasheet
91Kb / 16P
   64K x 32, 64Kx36 SYNCHRONOUS FLOW-THROUGH STATIC RAM
logo
Samsung semiconductor
KM732V595L SAMSUNG-KM732V595L Datasheet
484Kb / 15P
   32Kx32 Synchronous SRAM
KM732V688 SAMSUNG-KM732V688 Datasheet
509Kb / 15P
   64Kx32 Synchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com