Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KM736V689L Datasheet(PDF) 7 Page - Samsung semiconductor

Part # KM736V689L
Description  64Kx36 Synchronous SRAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM736V689L Datasheet(HTML) 7 Page - Samsung semiconductor

Back Button KM736V689L Datasheet HTML 3Page - Samsung semiconductor KM736V689L Datasheet HTML 4Page - Samsung semiconductor KM736V689L Datasheet HTML 5Page - Samsung semiconductor KM736V689L Datasheet HTML 6Page - Samsung semiconductor KM736V689L Datasheet HTML 7Page - Samsung semiconductor KM736V689L Datasheet HTML 8Page - Samsung semiconductor KM736V689L Datasheet HTML 9Page - Samsung semiconductor KM736V689L Datasheet HTML 10Page - Samsung semiconductor KM736V689L Datasheet HTML 11Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
PRELIMINARY
KM736V689/L
64Kx36 Synchronous SRAM
- 7 -
Rev 1.0
April 1997
TEST CONDITIONS
Parameter
Value
Input Pulse Level
0 to 3V
Input Rise and Fall Time(Measured at 0.3V and 2.7V)
2ns
Input and Output Timing Reference Levels
1.5V
Output Load
See Fig. 1
Output Load(B),(3.3V I/O)
(for tLZC, tLZOE, tHZOE& tHZC)
Dout
353
5pF*
+3.3V
319
Fig. 1
* Including Scope and Jig Capacitance
(TA=0 to 70
°C, VDD=3.3V-5%/+10%, unless otherwise specified)
Output Load(A)
Dout
Z0=50
VL=1.5V
* Capacitive Load consists of all components of
30pF*
the test environment.
RL=50
DC ELECTRICAL CHARACTERISTICS(TA=0 to 70
°C, VDD=3.3V±5%)
* VIL(Min)=-3.0(Pulse Width
≤20ns)
** In Case of I/O Pins, the Max. VIH=VDDQ+0.5V
Parameter
Symbol
Test Conditions
Min
Max
Unit
Input Leakage Current(except ZZ)
IIL
VDD=VSS to VDD ; VIN=VSS to VDD
-2
+2
µA
Output Leakage Current
IOL
Output Disabled, VOUT=VSS to VDDQ
-2
+2
µA
Operating Current
ICC
Device Selected, IOUT=0mA, ZZ
≤VIL,
All Inputs=VIL or VIH
Cycle Time
≥tCYC min
-7
-
395
mA
-8
-
360
-10
-
320
-11
-
320
Standby Current
ISB
Device deselected, IOUT = 0mA,
ZZ
≤VIL, f = Max,
All Inputs
≤0.2V or≥VDD-0.2V
-7
-
100
mA
-8
-
90
-10
-
80
-11
-
80
ISB1
Device deselected, IOUT = 0mA,
ZZ
≤0.2V, f = 0,
All Inputs=fixed (VDD-0.2V or 0.2V)
-
10
mA
L-Ver
-
5.0
mA
ISB2
Device deselected, IOUT=0mA,
ZZ
≥VDD-0.2V, f = Max,
All Inputs
≤VIL or≥VIH
-
10
mA
L-Ver
-
1.0
mA
Output Low Voltage
VOL
IOL = 8.0mA
-
0.4
V
Output High Voltage
VOH
IOH = -4.0mA
2.4
-
V
Input Low Voltage
VIL
-0.5*
0.8
V
Input High Voltage
VIH
2.0
5.5**
V


Similar Part No. - KM736V689L

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM736V689A SAMSUNG-KM736V689A Datasheet
449Kb / 15P
   64Kx36 Synchronous SRAM
More results

Similar Description - KM736V689L

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM736V687A SAMSUNG-KM736V687A Datasheet
476Kb / 16P
   64Kx36 Synchronous SRAM
KM736V689A SAMSUNG-KM736V689A Datasheet
449Kb / 15P
   64Kx36 Synchronous SRAM
K7A203200B SAMSUNG-K7A203200B Datasheet
357Kb / 16P
   64Kx36/x32 Synchronous SRAM
K7A203600A SAMSUNG-K7A203600A Datasheet
413Kb / 15P
   64Kx36-Bit Synchronous Pipelined Burst SRAM
DS_K6X8016C3B SAMSUNG-DS_K6X8016C3B Datasheet
130Kb / 9P
   64Kx36 & 64Kx32-Bit Synchronous Pipelined Burst SRAM
KM736V687 SAMSUNG-KM736V687 Datasheet
461Kb / 15P
   64Kx36-Bit Synchronous Burst SRAM, 3.3V Power Datasheets for 100TQFP
logo
Integrated Device Techn...
IDT71V547S IDT-IDT71V547S Datasheet
711Kb / 20P
   Synchronous SRAM
logo
Integrated Silicon Solu...
IS61LF6432A ISSI-IS61LF6432A Datasheet
91Kb / 16P
   64K x 32, 64Kx36 SYNCHRONOUS FLOW-THROUGH STATIC RAM
logo
Samsung semiconductor
KM732V595L SAMSUNG-KM732V595L Datasheet
484Kb / 15P
   32Kx32 Synchronous SRAM
KM732V688 SAMSUNG-KM732V688 Datasheet
509Kb / 15P
   64Kx32 Synchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com