Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7230QD Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS7230QD
Description  MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS7230QD Datasheet(HTML) 5 Page - Texas Instruments

  TPS7230QD Datasheet HTML 1Page - Texas Instruments TPS7230QD Datasheet HTML 2Page - Texas Instruments TPS7230QD Datasheet HTML 3Page - Texas Instruments TPS7230QD Datasheet HTML 4Page - Texas Instruments TPS7230QD Datasheet HTML 5Page - Texas Instruments TPS7230QD Datasheet HTML 6Page - Texas Instruments TPS7230QD Datasheet HTML 7Page - Texas Instruments TPS7230QD Datasheet HTML 8Page - Texas Instruments TPS7230QD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
TPS7201Q, TPS7225Q, TPS7230Q
TPS7233Q, TPS7248Q, TPS7250Q, TPS72xxY
MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
SLVS102G – MARCH 1995 – REVISED JUNE 2000
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions
MIN
MAX
UNIT
TPS7201Q
3
10
TPS7225Q
3.65
10
Input voltage VI†
TPS7230Q
3.96
10
V
Input voltage, VI†
TPS7233Q
3.98
10
V
TPS7248Q
5.24
10
TPS7250Q
5.41
10
High-level input voltage at EN, VIH
2
V
Low-level input voltage at EN, VIL
0.5
V
Output current, IO
0
250
mA
Operating virtual junction temperature, TJ
–40
125
°C
† Minimum input voltage defined in the recommended operating conditions is the maximum specified output voltage plus dropout voltage at the
maximum specified load range. Since dropout voltage is a function of output current,
the usable range can be extended for lighter loads. To
calculate the minimum input voltage for the maximum load current used in a given application, use the following equation:
V
I(min) +
V
O(max) )
V
DO(max load)
Because the TPS7201 is programmable, rDS(on) should be used to calculate VDO before applying the above equation. The equation for
calculating VDO from rDS(on) is given in Note 3 under the TPS7201 electrical characteristics table. The minimum value of 3 V is the absolute
lower limit for the recommended input-voltage range for the TPS7201.


Similar Part No. - TPS7230QD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7230QD TI-TPS7230QD Datasheet
623Kb / 36P
[Old version datasheet]   MICROPOWER LOW-DROPOUT LDO VOLTAGE REGULATORS
TPS7230QD TI-TPS7230QD Datasheet
626Kb / 37P
[Old version datasheet]   MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
TPS7230QD TI1-TPS7230QD Datasheet
1Mb / 42P
[Old version datasheet]   MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
TPS7230QDR TI-TPS7230QDR Datasheet
626Kb / 37P
[Old version datasheet]   MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
TPS7230QDRG4 TI-TPS7230QDRG4 Datasheet
626Kb / 37P
[Old version datasheet]   MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
More results

Similar Description - TPS7230QD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7201Q TI-TPS7201Q_07 Datasheet
626Kb / 37P
[Old version datasheet]   MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
TPS7201Q TI-TPS7201Q Datasheet
623Kb / 36P
[Old version datasheet]   MICROPOWER LOW-DROPOUT LDO VOLTAGE REGULATORS
TPS7201Q TI1-TPS7201Q_16 Datasheet
1Mb / 42P
[Old version datasheet]   MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
logo
National Semiconductor ...
LP2956A NSC-LP2956A Datasheet
654Kb / 20P
   Dual Micropower Low-Dropout Voltage Regulators
LP2952 NSC-LP2952 Datasheet
1Mb / 22P
   Adjustable Micropower Low-Dropout Voltage Regulators
LP2956 NSC-LP2956 Datasheet
501Kb / 16P
   Dual Micropower Low-Dropout Voltage Regulators
logo
Texas Instruments
LP2953QML TI1-LP2953QML Datasheet
439Kb / 24P
[Old version datasheet]   Adjustable Micropower Low-Dropout Voltage Regulators
LP2953QML TI1-LP2953QML_16 Datasheet
763Kb / 26P
[Old version datasheet]   Adjustable Micropower Low-Dropout Voltage Regulators
LP2952 TI1-LP2952 Datasheet
1Mb / 24P
[Old version datasheet]   Adjustable Micropower Low-Dropout Voltage Regulators
logo
Richtek Technology Corp...
RTQ2522A RICHTEK-RTQ2522A Datasheet
262Kb / 16P
   Ultra-Low Dropout Voltage LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com