Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT3517IGV-3.60-B-C-T1 Datasheet(PDF) 9 Page - Advanced Analogic Technologies

Part # AAT3517IGV-3.60-B-C-T1
Description  Micropower uP Reset with Watchdog Timer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3517IGV-3.60-B-C-T1 Datasheet(HTML) 9 Page - Advanced Analogic Technologies

Back Button AAT3517IGV-3.60-B-C-T1 Datasheet HTML 4Page - Advanced Analogic Technologies AAT3517IGV-3.60-B-C-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3517IGV-3.60-B-C-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3517IGV-3.60-B-C-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3517IGV-3.60-B-C-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3517IGV-3.60-B-C-T1 Datasheet HTML 9Page - Advanced Analogic Technologies AAT3517IGV-3.60-B-C-T1 Datasheet HTML 10Page - Advanced Analogic Technologies AAT3517IGV-3.60-B-C-T1 Datasheet HTML 11Page - Advanced Analogic Technologies AAT3517IGV-3.60-B-C-T1 Datasheet HTML 12Page - Advanced Analogic Technologies  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AAT3510/1/2/3/4/5/6/7/8/9
Micropower µP Reset with Watchdog Timer
3510.2004.08.1.4
9
Factory Trimmed Reset Thresholds* and Ordering Information
Reset Active Period
A: TR(MIN) = 1ms
B: TR(MIN) = 20ms
C: TR(MIN) = 140ms
Watchdog Timeout Period
A: TWD(NOM) = 6.3ms
B: TWD(NOM) = 102ms
C: TWD(NOM) = 1600ms*
VDD Threshold Voltage
2.63: VTH(NOM) = 2.63V
3.90: VTH(NOM) = 3.9V
2.70: VTH(NOM) = 2.7V
4.00: VTH(NOM) = 4.0V
2.80: VTH(NOM) = 2.8V
4.10: VTH(NOM) = 4.1V
2.93: VTH(NOM) = 2.93V
4.20: VTH(NOM) = 4.2V
3.00: VTH(NOM) = 3.0V
4.38: VTH(NOM) = 4.3V
3.08: VTH(NOM) = 3.08V
4.40: VTH(NOM) = 4.38V
3.20: VTH(NOM) = 3.2V
4.50: VTH(NOM) = 4.5V
3.30: VTH(NOM) = 3.3V
4.63: VTH(NOM) = 4.63V
3.40: VTH(NOM) = 3.4V
4.70: VTH(NOM) = 4.7V
3.50: VTH(NOM) = 3.5V
4.80: VTH(NOM) = 4.8V
3.60: VTH(NOM) = 3.6V
4.90: VTH(NOM) = 4.9V
3.70: VTH(NOM) = 3.7V
5.00: VTH(NOM) = 5.0V
3.80: VTH(NOM) = 3.8V
* Watchdog timeout period C is not avaliable on AAT3513, AAT3514 and AAT3518.
AAT351x IGV - X.XX-X-X-T1
Reset Active Period
Watchdog Timeout (if applicable)
Threshold Voltage


Similar Part No. - AAT3517IGV-3.60-B-C-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT3517IGV-2.63-C-C-T1 AAT-AAT3517IGV-2.63-C-C-T1 Datasheet
110Kb / 11P
   Micropower uP Reset with Watchdog Timer
logo
Advanced Analogic Techn...
AAT3517IGV-2.63-C-C-T1 ANALOGICTECH-AAT3517IGV-2.63-C-C-T1 Datasheet
110Kb / 11P
   Micropower 關P Reset with Watchdog Timer
logo
Advanced Analog Technol...
AAT3517IGV-2.8-B-C-T1 AAT-AAT3517IGV-2.8-B-C-T1 Datasheet
110Kb / 11P
   Micropower uP Reset with Watchdog Timer
logo
Advanced Analogic Techn...
AAT3517IGV-2.8-B-C-T1 ANALOGICTECH-AAT3517IGV-2.8-B-C-T1 Datasheet
110Kb / 11P
   Micropower 關P Reset with Watchdog Timer
logo
Advanced Analog Technol...
AAT3517IGV-2.93-C-C-T1 AAT-AAT3517IGV-2.93-C-C-T1 Datasheet
110Kb / 11P
   Micropower uP Reset with Watchdog Timer
More results

Similar Description - AAT3517IGV-3.60-B-C-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT3510 AAT-AAT3510 Datasheet
110Kb / 11P
   Micropower uP Reset with Watchdog Timer
logo
Advanced Analogic Techn...
AAT3510 ANALOGICTECH-AAT3510_06 Datasheet
110Kb / 11P
   Micropower 關P Reset with Watchdog Timer
logo
Mitsumi Electronics, Co...
MM1106 MITSUMI-MM1106 Datasheet
89Kb / 5P
   System Reset (with watchdog timerbattery back-up)
logo
Vishay Siliconix
SIP823 VISHAY-SIP823 Datasheet
55Kb / 6P
   5-Pin UP Reset Circuits with Watchdog Timer and Manual Reset
Rev. B, 14-Jun-04
logo
ATMEL Corporation
AT83C5112 ATMEL-AT83C5112_14 Datasheet
989Kb / 97P
   Hardware Watchdog Timer with Reset-out
logo
Rohm
BD3004HFP ROHM-BD3004HFP Datasheet
241Kb / 6P
   Voltage Regulator with Watchdog timer Reset
logo
ATMEL Corporation
AT87C5112 ATMEL-AT87C5112_14 Datasheet
989Kb / 97P
   Hardware Watchdog Timer with Reset-out
logo
New Japan Radio
NJU7291 NJRC-NJU7291 Datasheet
276Kb / 10P
   SYSTEM RESET IC WITH WATCHDOG TIMER
logo
Rohm
BD3005HFP ROHM-BD3005HFP Datasheet
356Kb / 6P
   Voltage Regulator with Watchdog Timer Reset
logo
ATMEL Corporation
AT80C5112 ATMEL-AT80C5112_14 Datasheet
989Kb / 97P
   Hardware Watchdog Timer with Reset-out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com