Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5082-K413-GG000 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # 5082-K413-GG000
Description  Black Surface Seven Segment Displays
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

5082-K413-GG000 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  5082-K413-GG000 Datasheet HTML 1Page - Agilent(Hewlett-Packard) 5082-K413-GG000 Datasheet HTML 2Page - Agilent(Hewlett-Packard) 5082-K413-GG000 Datasheet HTML 3Page - Agilent(Hewlett-Packard) 5082-K413-GG000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) 5082-K413-GG000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) 5082-K413-GG000 Datasheet HTML 6Page - Agilent(Hewlett-Packard) 5082-K413-GG000 Datasheet HTML 7Page - Agilent(Hewlett-Packard) 5082-K413-GG000 Datasheet HTML 8Page - Agilent(Hewlett-Packard) 5082-K413-GG000 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Devices
AlGaAs
Orange
Red
HER
Green
Package
HDSP-
HDSP-
HDSP-
HDSP-
Description
Drawing
A411
A111
A211
A511
7.6 mm Common Anode Right Hand Decimal
A
A413
A113
A213
A513
7.6 mm Common Cathode Right Hand Decimal
B
F411
F111
F211
F511
10 mm Common Anode Right Hand Decimal
C
F413
F113
F213
F513
10 mm Common Cathode Right Hand Decimal
D
G411
G111
G211
G511
10 mm Two Digit Common Anode Right Hand Decimal
E
G413
G113
G213
G513
10 mm Two Digit Common Cathode Right Hand Decimal
F
H411
H111
H211
H511
14.2 mm Common Anode Right Hand Decimal
G
H413
H113
H213
H513
14.2 mm Common Cathode Right Hand Decimal
H
K411
K111
K211
K511
14.2 mm Two Digit Common Anode Right Hand Decimal
I
K413
K113
K213
K513
14.2 mm Two Digit Common Cathode Right Hand Decimal
J
Black Surface Seven Segment
Displays
Technical Data
Features
• Black Surface and Color
Tinted Epoxy
• Industry Standard Size
• Industry Standard Pinout
• Choice of Character Size
7.6 mm (0.30 in.), 10 mm
(0.40 in.), 14.2 mm (0.56 in.)
• Choice of Colors
AlGaAs Red, High Efficiency
Red (HER), Green, Orange
• Excellent Appearance
Evenly Lighted Segments
± 50° Viewing Angle
• Design Flexibility
Common Anode or Common
Cathode
Single and Two Digit
• Categorized for Luminous
Intensity
Categorized for Color: Green
Use of Like Categories Yields a
Uniform Display
• Excellent for Long Digit
String Multiplexing
Description
These devices use industry
standard size package and pinout.
Available with black surface
HDSP-AX11/-AX13 Series
HDSP-FX11/-FX13 Series
HDSP-GX11/-GX13 Series
HDSP-HX11/-HX13 Series
HDSP-KX11/-KX13 Series
finish. All devices are available as
either common anode or common
cathode.
Typical applications include
appliances, channel indicators of
TV, CATV converters, game
machines, and point of sale
terminals.


Similar Part No. - 5082-K413-GG000

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
5082-K401-00000 HP-5082-K401-00000 Datasheet
289Kb / 11P
   14.2 mm (0.56 inch) Seven Segment Displays
5082-K401-0B000 HP-5082-K401-0B000 Datasheet
289Kb / 11P
   14.2 mm (0.56 inch) Seven Segment Displays
5082-K401-0C000 HP-5082-K401-0C000 Datasheet
289Kb / 11P
   14.2 mm (0.56 inch) Seven Segment Displays
5082-K401-0D000 HP-5082-K401-0D000 Datasheet
289Kb / 11P
   14.2 mm (0.56 inch) Seven Segment Displays
5082-K401-0E000 HP-5082-K401-0E000 Datasheet
289Kb / 11P
   14.2 mm (0.56 inch) Seven Segment Displays
More results

Similar Description - 5082-K413-GG000

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-A413 AVAGO-HDSP-A413_10 Datasheet
1Mb / 13P
   Black Surface Seven Segment Displays
HDSP-AX11 AVAGO-HDSP-AX11 Datasheet
264Kb / 14P
   Black Surface Seven Segment Displays
logo
Fairchild Semiconductor
MAN70A FAIRCHILD-MAN70A Datasheet
721Kb / 9P
   SEVEN SEGMENT DISPLAYS
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-550X AVAGO-HDSP-550X Datasheet
352Kb / 10P
   Seven Segment Displays
logo
QT Optoelectronics
FND367 QT-FND367 Datasheet
409Kb / 4P
   SEVEN SEGMENT DISPLAYS
MAN6600 QT-MAN6600 Datasheet
527Kb / 5P
   0.560-INCH SEVEN SEGMENT DISPLAYS
5082-7650 QT-5082-7650 Datasheet
526Kb / 5P
   0.43-INCH SEVEN SEGMENT DISPLAYS
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-335X AVAGO-HDSP-335X Datasheet
1Mb / 18P
   Low Current Seven Segment Displays
HDSP-H103 AVAGO-HDSP-H103 Datasheet
1Mb / 18P
   Low Current Seven Segment Displays
logo
QT Optoelectronics
MAN8900 QT-MAN8900 Datasheet
453Kb / 4P
   0.800-INCH SEVEN SEGMENT DISPLAYS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com