Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT3519IGV-3.60-B-C-T1 Datasheet(PDF) 4 Page - Advanced Analogic Technologies

Part # AAT3519IGV-3.60-B-C-T1
Description  Micropower uP Reset with Watchdog Timer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3519IGV-3.60-B-C-T1 Datasheet(HTML) 4 Page - Advanced Analogic Technologies

  AAT3519IGV-3.60-B-C-T1 Datasheet HTML 1Page - Advanced Analogic Technologies AAT3519IGV-3.60-B-C-T1 Datasheet HTML 2Page - Advanced Analogic Technologies AAT3519IGV-3.60-B-C-T1 Datasheet HTML 3Page - Advanced Analogic Technologies AAT3519IGV-3.60-B-C-T1 Datasheet HTML 4Page - Advanced Analogic Technologies AAT3519IGV-3.60-B-C-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3519IGV-3.60-B-C-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3519IGV-3.60-B-C-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3519IGV-3.60-B-C-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3519IGV-3.60-B-C-T1 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AAT3510/1/2/3/4/5/6/7/8/9
Micropower µP Reset with Watchdog Timer
4
3510.2004.08.1.4
Electrical Characteristics (V
CC = 2.5V to 5.5V, TA = -40 to +85ºC
1
unless otherwise noted.
Typical values are at TA=25°C )
Symbol Description
Conditions
Min
Typ
Max
Units
Push/Pull RESET Output (AAT3510, 3512, 3513, 3514, 3515, 3516, 3518, 3519)
VCC ≥ 1.0V, ISINK = 50µA
0.3
VCC ≥ 1.2V, ISINK = 100µA
0.3
VOL
RESET Low Output Voltage
VCC ≥ 2.7V, ISINK = 1.2mA
0.3
V
VCC ≥ 4.5V, ISINK = 3.2mA
0.4
VOH
RESET High Output Voltage
VCC ≥ 2.7V, ISOURCE = 500µA
0.8 x VCC
V
VCC ≥ 4.5V, ISOURCE = 800µA
VCC - 1.5
VCC ≥ 2.7V, ISINK = 1.2mA
0.3
RESET Low Output Voltage
VCC ≥ 4.5V, ISINK = 3.2mA
0.4
VOH
VCC ≥ 1.8V, ISOURCE = 150µA
0.8 x VCC
V
RESET High Output Voltage
VCC ≥ 2.7V, ISOURCE = 500µA
0.8 x VCC
VCC ≥ 4.5V, ISOURCE = 800µA
VCC - 1.5
Bidirectional RESET Output (AAT3511, 3514, 3516)
tS
Transition Flip-Flop Setup Time2
400
ns
VCC = 3.0V, CL = 120pF
333
tR
RESET Output Rise Time3
VCC = 5.0V, CL = 200pF
333
ns
VCC = 3.0V, CL = 250pF
666
VCC = 5.0V, CL = 400pF
666
VPTH
Active Pullup Enable Threshold
VCC = 5.0V
0.4
0.65
V
RESET Active Pullup Current
VCC = 5.0V
20
mA
RESET Pullup Resistance
4.2
4.7
5.2
k
Open-Drain RESET Output (AAT3517, 3518, 3519)
VCC ≥ 1.0V, ISINK = 50µA
0.3
VCC ≥ 1.2V, ISINK = 100µA
0.3
VOL
RESET Low Output Voltage
VCC ≥ 2.7V, ISINK = 1.2mA
0.3
V
VCC ≥ 4.5V, ISINK = 3.2mA
0.4
ID(OFF)
Reset Leakage Current
1.0
µA
Watchdog Input (AAT3510, 3511, 3512, 3513, 3514, 3517, 3518)
AAT351xIGV-xx-x-A-T1
4.3
6.3
9.3
tWD
Watchdog Timeout Period
AAT351xIGV-xx-x-B-T1
71
102
153
ms
AAT351xIGV-xx-x-C-T1 4
1.12
1.6
2.4
s
tWDI
WDI Minimum Pulse Width
VIL = 0.3 x VCC, VIH = 0.7 x VCC
50
ns
VIL
WDI Input Threshold 5
0.3 x VCC
VIH
WDI Input Threshold 5
0.8 x VCC
V
IWDI
WDI Input Current 6
WDI = VCC, time average
120
160
µA
VWDI = 0, time average
-20
-15


Similar Part No. - AAT3519IGV-3.60-B-C-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT3519 AAT-AAT3519 Datasheet
110Kb / 11P
   Micropower uP Reset with Watchdog Timer
logo
Advanced Analogic Techn...
AAT3519 ANALOGICTECH-AAT3519 Datasheet
110Kb / 11P
   Micropower 關P Reset with Watchdog Timer
More results

Similar Description - AAT3519IGV-3.60-B-C-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT3510 AAT-AAT3510 Datasheet
110Kb / 11P
   Micropower uP Reset with Watchdog Timer
logo
Advanced Analogic Techn...
AAT3510 ANALOGICTECH-AAT3510_06 Datasheet
110Kb / 11P
   Micropower 關P Reset with Watchdog Timer
logo
Mitsumi Electronics, Co...
MM1106 MITSUMI-MM1106 Datasheet
89Kb / 5P
   System Reset (with watchdog timerbattery back-up)
logo
Vishay Siliconix
SIP823 VISHAY-SIP823 Datasheet
55Kb / 6P
   5-Pin UP Reset Circuits with Watchdog Timer and Manual Reset
Rev. B, 14-Jun-04
logo
ATMEL Corporation
AT83C5112 ATMEL-AT83C5112_14 Datasheet
989Kb / 97P
   Hardware Watchdog Timer with Reset-out
logo
Rohm
BD3004HFP ROHM-BD3004HFP Datasheet
241Kb / 6P
   Voltage Regulator with Watchdog timer Reset
logo
ATMEL Corporation
AT87C5112 ATMEL-AT87C5112_14 Datasheet
989Kb / 97P
   Hardware Watchdog Timer with Reset-out
logo
New Japan Radio
NJU7291 NJRC-NJU7291 Datasheet
276Kb / 10P
   SYSTEM RESET IC WITH WATCHDOG TIMER
logo
Rohm
BD3005HFP ROHM-BD3005HFP Datasheet
356Kb / 6P
   Voltage Regulator with Watchdog Timer Reset
logo
ATMEL Corporation
AT80C5112 ATMEL-AT80C5112_14 Datasheet
989Kb / 97P
   Hardware Watchdog Timer with Reset-out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com