Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADXL213EB Datasheet(PDF) 10 Page - Analog Devices

Part # ADXL213EB
Description  Low Cost 1.2 g Dual Axis Accelerometer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL213EB Datasheet(HTML) 10 Page - Analog Devices

Back Button ADXL213EB Datasheet HTML 4Page - Analog Devices ADXL213EB Datasheet HTML 5Page - Analog Devices ADXL213EB Datasheet HTML 6Page - Analog Devices ADXL213EB Datasheet HTML 7Page - Analog Devices ADXL213EB Datasheet HTML 8Page - Analog Devices ADXL213EB Datasheet HTML 9Page - Analog Devices ADXL213EB Datasheet HTML 10Page - Analog Devices ADXL213EB Datasheet HTML 11Page - Analog Devices ADXL213EB Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ADXL213
Rev. 0 | Page 10 of 12
Peak-to-peak noise values give the best estimate of the
uncertainty in a single measurement. Table 6 gives the typical
noise output of the ADXL213 for various CX and CY values.
Table 6. Filter Capacitor Selection (CX, CY)
Bandwidth(Hz)
CX, CY
(µF)
RMS Noise
(mg)
Peak-to-Peak Noise
Estimate (mg)
10
0.47
0.64
3.8
50
0.1
1.4
8.6
100
0.047
2
12
500
0.01
4.5
27.2
USING THE ADXL213 WITH OPERATING
VOLTAGES OTHER THAN 5 V
The ADXL213 is tested and specified at VS = 5 V; however, it can
be powered with VS as low as 3 V or as high as 6 V. Some perfor-
mance parameters will change as the supply voltage is varied.
The ADXL213 output varies proportionally to supply voltage. At
VS = 3 V, the output sensitivity is typically 28%/g.
The zero g bias output is ratiometric, so the zero g output is
nominally equal to 50% at all supply voltages.
The output noise also varies with supply voltage. At VS = 3 V, the
noise density is typically 200 µg/√Hz.
Self-test response in g is roughly proportional to the square of
the supply voltage. So at VS = 3 V, the self-test response is
equivalent to approximately 270 mg (typical), or 8%.
The supply current decreases as the supply voltage decreases.
Typical current consumption at VDD = 3 V is 450 µA.
USING THE ADXL213 AS A DUAL-AXIS TILT
SENSOR
One of the most popular applications of the ADXL213 is tilt
measurement. An accelerometer uses the force of gravity as an
input vector to determine the orientation of an object in space.
An accelerometer is most sensitive to tilt when its sensitive axis
is perpendicular to the force of gravity, i.e., parallel to the earth’s
surface. At this orientation, its sensitivity to changes in tilt is
highest. When the accelerometer is oriented on axis to gravity,
i.e., near its +1 g or –1 g reading, the change in output accelera-
tion per degree of tilt is negligible. When the accelerometer is
perpendicular to gravity, its output changes nearly 17.5 mg per
degree of tilt. At 45°, its output changes at only 12.2 mg per
degree and resolution declines.
Dual-Axis Tilt Sensor: Converting Acceleration to Tilt
When the accelerometer is oriented so both its X and Y axes are
parallel to the earth’s surface, it can be used as a 2-axis tilt
sensor with a roll axis and a pitch axis. Once the output signal
from the accelerometer has been converted to an acceleration
that varies between –1 g and +1 g, the output tilt in degrees is
calculated as follows:
PITCH = ASIN(AX/1 g)
ROLL = ASIN(AY/1 g)
Be sure to account for overranges. It is possible for the
accelerometers to output a signal greater than ±1 g due to
vibration, shock, or other accelerations.


Similar Part No. - ADXL213EB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL213 AD-ADXL213_15 Datasheet
196Kb / 12P
   Low Cost 1.2 g Dual Axis Accelerometer
More results

Similar Description - ADXL213EB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL213 AD-ADXL213_15 Datasheet
196Kb / 12P
   Low Cost 1.2 g Dual Axis Accelerometer
ADXL311 AD-ADXL311 Datasheet
419Kb / 12P
   Low Cost, Ultracompact 짹2 g Dual-Axis Accelerometer
REV. A
logo
List of Unclassifed Man...
MXD2002A ETC1-MXD2002A Datasheet
572Kb / 8P
   Low Cost, 짹10 g Dual Axis Accelerometer with Digital Outputs
logo
MEMSIC Semiconductor (T...
MXP7205VF MEMSIC-MXP7205VF Datasheet
603Kb / 12P
   Low Cost 짹5 g Dual-Axis Accelerometer with SPI Interface
Rev.E
logo
Analog Devices
ADXL210E AD-ADXL210E Datasheet
177Kb / 12P
   Low-Cost 10 g Dual-Axis Accelerometer with Duty Cycle
REV. 0
logo
MEMSIC Semiconductor (T...
MXP7205VW MEMSIC-MXP7205VW Datasheet
553Kb / 12P
   Low Cost 짹5 g Dual-Axis Accelerometer with SPI Interface
Rev.D
MXR7999V MEMSIC-MXR7999V Datasheet
95Kb / 6P
   Low Cost 짹1.7 g Dual-Axis Accelerometer with Ratiometric Outputs
Rev.A
MXS7205VW MEMSIC-MXS7205VW Datasheet
282Kb / 12P
   Low Cost 짹5 g Dual-Axis Accelerometer with SPI Interface
Rev.C
logo
Analog Devices
ADXL202E AD-ADXL202E_15 Datasheet
147Kb / 12P
   Low-Cost 2 g Dual-Axis Accelerometer with Duty Cycle Output
logo
List of Unclassifed Man...
MXC6202XJ ETC1-MXC6202XJ Datasheet
285Kb / 11P
   Ultra Low Cost, 짹2.0 g Dual Axis Accelerometer With I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com