Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5KE82CA Datasheet(PDF) 3 Page - ON Semiconductor

Part # 1.5KE82CA
Description  1500 Watt Mosorb Zener Transient Voltage Suppressors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

1.5KE82CA Datasheet(HTML) 3 Page - ON Semiconductor

  1.5KE82CA Datasheet HTML 1Page - ON Semiconductor 1.5KE82CA Datasheet HTML 2Page - ON Semiconductor 1.5KE82CA Datasheet HTML 3Page - ON Semiconductor 1.5KE82CA Datasheet HTML 4Page - ON Semiconductor 1.5KE82CA Datasheet HTML 5Page - ON Semiconductor 1.5KE82CA Datasheet HTML 6Page - ON Semiconductor 1.5KE82CA Datasheet HTML 7Page - ON Semiconductor 1.5KE82CA Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1.5KE6.8CA Series
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted.)
VRWM
Breakdown Voltage
VC @ IPP (Note 3)
VRWM
(Note 1)
IR @ VRWM
VBR (Note 2) (Volts)
@ IT
VC
IPP
QVBR
Device
(Volts)
(
µA)
Min
Nom
Max
(mA)
(Volts)
(A)
(%/
°C)
1.5KE6.8CA
5.8
1000
6.45
6.8
7.14
10
10.5
143
0.057
1.5KE7.5CA
6.4
500
7.13
7.5
7.88
10
11.3
132
0.061
1.5KE8.2CA
7.02
200
7.79
8.2
8.61
10
12.1
124
0.065
1.5KE9.1CA
7.78
50
8.65
9.1
9.55
1
13.4
112
0.068
1.5KE10CA
8.55
10
9.5
10
10.5
1
14.5
103
0.073
1.5KE11CA
9.4
5
10.5
11
11.6
1
15.6
96
0.075
1.5KE12CA
10.2
5
11.4
12
12.6
1
16.7
90
0.078
1.5KE13CA
11.1
5
12.4
13
13.7
1
18.2
82
0.081
1.5KE15CA
12.8
5
14.3
15
15.8
1
21.2
71
0.084
1.5KE16CA
13.6
5
15.2
16
16.8
1
22.5
67
0.086
1.5KE18CA
15.3
5
17.1
18
18.9
1
25.2
59.5
0.088
1.5KE20CA
17.1
5
19
20
21
1
27.7
54
0.09
1.5KE22CA
18.8
5
20.9
22
23.1
1
30.6
49
0.092
1.5KE24CA
20.5
5
22.8
24
25.2
1
33.2
45
0.094
1.5KE27CA
23.1
5
25.7
27
28.4
1
37.5
40
0.096
1.5KE30CA
25.6
5
28.5
30
31.5
1
41.4
36
0.097
1.5KE33CA
28.2
5
31.4
33
34.7
1
45.7
33
0.098
1.5KE36CA
30.8
5
34.2
36
37.8
1
49.9
30
0.099
1.5KE39CA
33.3
5
37.1
39
41
1
53.9
28
0.1
1.5KE43CA
36.8
5
40.9
43
45.2
1
59.3
25.3
0.101
1.5KE47CA
40.2
5
44.7
47
49.4
1
64.8
23.2
0.101
1.5KE51CA
43.6
5
48.5
51
53.6
1
70.1
21.4
0.102
1.5KE56CA
47.8
5
53.2
56
58.8
1
77
19.5
0.103
1.5KE62CA
53
5
58.9
62
65.1
1
85
17.7
0.104
1.5KE68CA
58.1
5
64.6
68
71.4
1
92
16.3
0.104
1.5KE75CA
64.1
5
71.3
75
78.8
1
103
14.6
0.105
1.5KE82CA
70.1
5
77.9
82
86.1
1
113
13.3
0.105
1.5KE91CA
77.8
5
86.5
91
95.5
1
125
12
0.106
1.5KE100CA
85.5
5
95
100
105
1
137
11
0.106
1.5KE110CA
94
5
105
110
116
1
152
9.9
0.107
1.5KE120CA
102
5
114
120
126
1
165
9.1
0.107
1.5KE130CA
111
5
124
130
137
1
179
8.4
0.107
1.5KE150CA
128
5
143
150
158
1
207
7.2
0.108
1.5KE160CA
136
5
152
160
168
1
219
6.8
0.108
1.5KE170CA
145
5
162
170
179
1
234
6.4
0.108
1.5KE180CA
154
5
171
180
189
1
246
6.1
0.108
1.5KE200CA
171
5
190
200
210
1
274
5.5
0.108
1.5KE220CA
185
5
209
220
231
1
328
4.6
0.109
1.5KE250CA
214
5
237
250
263
1
344
5
0.109
1. A transient suppressor is normally selected according to the maximum working peak reverse voltage (VRWM), which should be equal to or
greater than the dc or continuous peak operating voltage level.
2. VBR measured at pulse test current IT at an ambient temperature of 25°C.
3. Surge current waveform per Figure 4 and derate per Figures 1 and 2.


Similar Part No. - 1.5KE82CA

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1.5KE82CA TRSYS-1.5KE82CA Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
1.5KE82CA SOCAY-1.5KE82CA Datasheet
3Mb / 56P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
List of Unclassifed Man...
1.5KE82CA ETC1-1.5KE82CA Datasheet
91Kb / 6P
   1500W Unidirectional and Bidirectional Transient Voltage Suppressor Diodes
logo
HY ELECTRONIC CORP.
1.5KE82CA HY-1.5KE82CA Datasheet
472Kb / 4P
   Unidirectional and Bidirectional Transient Voltage Suppressors
logo
Micro Commercial Compon...
1.5KE82CA MCC-1.5KE82CA Datasheet
974Kb / 4P
   1500 Watt Transient Voltage Suppressors 6.8V to 550 Volts
More results

Similar Description - 1.5KE82CA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
1.5KE18CARL4 ONSEMI-1.5KE18CARL4 Datasheet
211Kb / 7P
   1500 Watt Mosorb??Zener Transient Voltage Suppressors
August, 2006 ??Rev. 3
1N6267A ONSEMI-1N6267A_05 Datasheet
78Kb / 8P
   1500 Watt Mosorb Zener Transient Voltage Suppressors
July, 2005 ??Rev. 7
1N5908 ONSEMI-1N5908 Datasheet
64Kb / 6P
   1500 Watt Mosorb TM Zener Transient Voltage Suppressors
July, 2005 ??Rev. 4
1N6267A ONSEMI-1N6267A_07 Datasheet
77Kb / 7P
   1500 Watt Mosorb TM Zener Transient Voltage Suppressors
February, 2007 ??Rev. 8
1N6373 ONSEMI-1N6373 Datasheet
60Kb / 8P
   1500 Watt Peak Power Mosorb Zener Transient Voltage Suppressors
June, 2002 ??Rev. 2
1N6373 ONSEMI-1N6373_05 Datasheet
79Kb / 8P
   1500 Watt Peak Power Mosorb TM Zener Transient Voltage Suppressors
December, 2005 ??Rev. 4
logo
Motorola, Inc
SA170A MOTOROLA-SA170A Datasheet
50Kb / 3P
   MOSORB ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
logo
ON Semiconductor
1.5SMC6.8AT3G ONSEMI-1.5SMC6.8AT3G Datasheet
175Kb / 7P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 10
1SMC5.0AT3G ONSEMI-1SMC5.0AT3G Datasheet
174Kb / 7P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 8
15SMC68AT3 ONSEMI-15SMC68AT3 Datasheet
82Kb / 8P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
April, 2004 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com