Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4N33300W Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # 4N33300W
Description  GENERAL PURPOSE 6-PIN PHOTODARLINGTON OPTOCOUPLERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

4N33300W Datasheet(HTML) 2 Page - Fairchild Semiconductor

  4N33300W Datasheet HTML 1Page - Fairchild Semiconductor 4N33300W Datasheet HTML 2Page - Fairchild Semiconductor 4N33300W Datasheet HTML 3Page - Fairchild Semiconductor 4N33300W Datasheet HTML 4Page - Fairchild Semiconductor 4N33300W Datasheet HTML 5Page - Fairchild Semiconductor 4N33300W Datasheet HTML 6Page - Fairchild Semiconductor 4N33300W Datasheet HTML 7Page - Fairchild Semiconductor 4N33300W Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
4/25/00
200038B
GENERAL PURPOSE 6-PIN
PHOTODARLINGTON OPTOCOUPLERS
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
EMITTER
(IF = 10 mA)
VF
1.2
1.5
V
*Input Forward Voltage
*Reverse Leakage Current
(VR = 3.0 V)
IR
0.001
100
µA
*Capacitance
(VF = 0 V, f = 1.0 MHz)
C
150
pF
DETECTOR
(IC = 100 µA, IB = 0)
BVCEO
30
60
V
*Collector-Emitter Breakdown Voltage
*Collector-Base Breakdown Voltage
(IC = 100 µA, IE = 0)
BVCBO
30
100
V
*Emitter-Collector Breakdown Voltage
(IE = 100 µA, IB = 0)
BVECO
5.0
8
V
*Collector-Emitter Dark Current
(VCE = 10 V, Base Open)
ICEO
1
100
nA
DC Current Gain
(VCE = 5.0 V, IC = 500 µA)
hFE
5000
INDIVIDUAL COMPONENT CHARACTERISTICS
ELECTRICAL CHARACTERISTICS (T
A = 25°C Unless otherwise specified.)
DC Characteristic
Test Conditions
Symbol
Min
Typ
Max
Units
*Collector Output Current(1,2) (4N32, 4N33)
50 (500)
(4N29, 4N30) (IF = 10 mA, VCE = 10 V, IB = 0) IC (CTR)
10 (100)
mA (%)
(4N31)
5 (50)
*Saturation Voltage(2) (4N29, 4N30, 4N32, 4N33)
(IF = 8.0 mA, IC = 2.0 mA)
VCE(sat)
1.0
V
(4N31)
1.2
TRANSFER CHARACTERISTICS
Characteristic
Test Conditions
Symbol
Min
Typ
Max
Units
Input-Output Isolation Voltage(6)
(II-O
1 µA, Vrms, t = 1 min.)
5300
Vac(rms)
(4N29, 4N30, 4N31, 4N32, 4N33)
VISO
*(4N32)
VDC
2500
V
*(4N33)
VDC
1500
Isolation Resistance(6)
(VI-O = 500 VDC)
RISO
1011
Isolation Capacitance(6)
(VI-O =
, f = 1 MHz)
CISO
0.8
pf
ISOLATION CHARACTERISTICS
AC Characteristic
Test Conditions
Symbol
Min
Typ
Max
Units
Turn-on Time(3)
(IF = 200 mA, IC = 50 mA, VCC = 10 V)
ton
5.0
Turn-off Time(3)
(4N32, 4N33)
(Fig.7)
toff
100
µs
(4N29, 4N30, 4N31)
40
Bandwidth(4,5)
BW
30
KHz
TRANSFER CHARACTERISTICS
4N29
4N30
4N31
4N32
4N33


Similar Part No. - 4N33300W

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
4N33 MOTOROLA-4N33 Datasheet
287Kb / 6P
   STANDARD THRU HOLE CASE 730A-04
logo
Vishay Siliconix
4N33 VISHAY-4N33 Datasheet
125Kb / 6P
   Optocoupler, Photodarlington Output, High Gain With Base Connection
Rev. 1.2, 15-Feb-11
4N33 VISHAY-4N33 Datasheet
90Kb / 7P
   Optocoupler with Photodarlington Output
Rev. 1.4, 26-Jan-05
logo
Everlight Electronics C...
4N33 EVERLIGHT-4N33 Datasheet
938Kb / 13P
   6 PIN DIP PHOTODARLINGTON PHOTOCOUPLER
logo
QT Optoelectronics
4N33 QT-4N33 Datasheet
136Kb / 6P
   GENERAL PURPOSE 6-PIN PHOTODARLINGTON OPTOCOUPLERS
More results

Similar Description - 4N33300W

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
4N29 QT-4N29 Datasheet
136Kb / 6P
   GENERAL PURPOSE 6-PIN PHOTODARLINGTON OPTOCOUPLERS
logo
Fairchild Semiconductor
4N30 FAIRCHILD-4N30_07 Datasheet
222Kb / 13P
   General Purpose 6-Pin Photodarlington Optocoupler
4N29SR2M FAIRCHILD-4N29SR2M Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
4N29SM FAIRCHILD-4N29SM Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
4N30SM FAIRCHILD-4N30SM Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
4N29M FAIRCHILD-4N29M Datasheet
233Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
4N33SR2M FAIRCHILD-4N33SR2M Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
H11B1VM FAIRCHILD-H11B1VM Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
H11B1SR2M FAIRCHILD-H11B1SR2M Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
MOC8204 FAIRCHILD-MOC8204 Datasheet
115Kb / 6P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com