Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDSP-523A-JL000 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # HDSP-523A-JL000
Description  14.22 mm (0.56 inch) Dual Digit General Purpose Seven Segment Display
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDSP-523A-JL000 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  HDSP-523A-JL000 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HDSP-523A-JL000 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HDSP-523A-JL000 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HDSP-523A-JL000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDSP-523A-JL000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDSP-523A-JL000 Datasheet HTML 6Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Package Dimensions
18.60
(0.73)
7.80
(0.307)
10°
18
14.22
(0.56)
DIGIT NO. 1
12.70
(0.50)
25.00
(0.98)
4.81
(0.19)
6.150
(0.242)
10
17 16 15 14 13 12 11
19
2345678
15.24
(0.60)
0.50
(0.02)
6.86
(0.27)
8.00
(0.31)
DATE CODE
COLOR BINNING
(NOTE 3)
2.54
(0.10)
4.27 ± 0.50
(0.168 ± 0.020)
2.34
(0.09)
TOP END VIEW
FRONT VIEW
SIDE VIEW
DIA.
ALL DIMENSIONS ARE IN MILLIMETERS (INCHES).
LUMINOUS
INTENSITY
CATEGORY
COUNTRY OF ORIGIN
0.0625
(TYP.)


Similar Part No. - HDSP-523A-JL000

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-523A AVAGO-HDSP-523A Datasheet
55Kb / 6P
   14.22 mm (0.56 inch) Dual Digit General Purpose Seven Segment Display
logo
Broadcom Corporation.
HDSP-523A BOARDCOM-HDSP-523A Datasheet
131Kb / 6P
   14.22 mm (0.56 inch) Dual Digit General Purpose Seven Segment Display
More results

Similar Description - HDSP-523A-JL000

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-521A AVAGO-HDSP-521A Datasheet
55Kb / 6P
   14.22 mm (0.56 inch) Dual Digit General Purpose Seven Segment Display
logo
Broadcom Corporation.
HDSP-521A BOARDCOM-HDSP-521A Datasheet
131Kb / 6P
   14.22 mm (0.56 inch) Dual Digit General Purpose Seven Segment Display
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-513E AVAGO-HDSP-513E Datasheet
78Kb / 9P
   14.22 mm (0.56 inch) General Purpose Seven-Segment Display
logo
Agilent(Hewlett-Packard...
HDSP-511X HP-HDSP-511X Datasheet
353Kb / 10P
   14.22 mm (0.56 inch) General Purpose Seven-Segment Display
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-511X AVAGO-HDSP-511X Datasheet
78Kb / 9P
   14.22 mm (0.56 inch) General Purpose Seven-Segment Display
logo
Lite-On Technology Corp...
LTS-6680E LITEON-LTS-6680E Datasheet
127Kb / 5P
   0.56 inch (14.22 mm) digit height single digit seven-segment display.
logo
LUMEX INC.
LDD-A5643RI LUMEX-LDD-A5643RI Datasheet
59Kb / 1P
   0.56 SEVEN SEGMENT, DUAL DIGIT DISPLAY
LDD-A514RO LUMEX-LDD-A514RO Datasheet
59Kb / 1P
   0.56 SEVEN SEGMENT, DUAL DIGIT DISPLAY
LDD-A515RE LUMEX-LDD-A515RE Datasheet
60Kb / 1P
   0.56 SEVEN SEGMENT, DUAL DIGIT DISPLAY
LDD-A512RI LUMEX-LDD-A512RI Datasheet
61Kb / 1P
   0.56 SEVEN SEGMENT, DUAL DIGIT DISPLAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com