Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB84VD22194FM Datasheet(PDF) 9 Page - SPANSION

Part # MB84VD22194FM
Description  32M (x16) FLASH MEMORY AND 4M (x16) STATIC RAM
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB84VD22194FM Datasheet(HTML) 9 Page - SPANSION

Back Button MB84VD22194FM Datasheet HTML 5Page - SPANSION MB84VD22194FM Datasheet HTML 6Page - SPANSION MB84VD22194FM Datasheet HTML 7Page - SPANSION MB84VD22194FM Datasheet HTML 8Page - SPANSION MB84VD22194FM Datasheet HTML 9Page - SPANSION MB84VD22194FM Datasheet HTML 10Page - SPANSION MB84VD22194FM Datasheet HTML 11Page - SPANSION MB84VD22194FM Datasheet HTML 12Page - SPANSION MB84VD22194FM Datasheet HTML 13Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 47 page
background image
MB84VD22184FM/VD22194FM-70
8
s ELECTRICAL CHARACTERISTICS
1.
DC CHARACTERISTICS
(Continued)
Parameter
Symbol
Test Conditions
Value
Unit
Min
Typ
Max
Input Leakage Current
ILI
VIN = VSS to VCCf, VCCs
–1.0
+1.0
µA
Output Leakage Current
ILO
VOUT = VSS to VCCf, VCCs
–1.0
+1.0
µA
RESET Inputs Leakage
Current
ILIT
VCCf = VCCf Max, VCCs = VCCs Max,
RESET = 12.5V
35
µA
Flash VCC Active Current
(Read) *1
ICC1f
CEf = VIL,
OE = VIH
tCYCLE = 5 MHz
18
mA
tCYCLE = 1 MHz
4
mA
Flash VCC Active Current
(Program/Erase) *2
ICC2f
CEf = VIL, OE = VIH
——
30
mA
Flash VCC Active Current
(Read-While-Program) *5
ICC3fCEf = VIL, OE = VIH
——
48
mA
Flash VCC Active Current
(Read-While-Erase) *5
ICC4fCEf = VIL, OE = VIH
——
48
mA
Flash VCC Active Current
(Erase-Suspend-Program)
ICC5fCEf = VIL, OE = VIH
——
35
mA
ACC Input Leakage
Current
ILIA
VCCf = VCCf Max, VCCs = VCCs Max,
WP/ACC = VACC Max
——
20
mA
SRAM VCC Active Current
ICC1s
VCCs = VCCs Max,
CE1s = VIL,
CE2s = VIH
tCYCLE =10 MHz
40
mA
SRAM VCC Active Current
ICC2s
CE1s = 0.2 V,
CE2s = VCCs – 0.2 V
tCYCLE = 10 MHz
40
mA
tCYCLE = 1 MHz
8
mA
Flash VCC Standby Current
ISB1f
VCCf = VCCf Max, CEf = VCCf ± 0.3 V
RESET = VCCf ± 0.3 V,
WP/ACC = VCCf± 0.3 V
——
5
µA
Flash VCC Standby Current
(RESET)
ISB2f
VCCf = VCCf Max, RESET = VSS ± 0.3 V,
WP/ACC = VCCf± 0.3 V
——
5
µA
Flash VCC Current
(Automatic Sleep Mode) *3
ISB3f
VCCf = VCCf Max, CEf = VSS ± 0.3 V
RESET = VCCf ± 0.3 V,
WP/ACC = VCCf± 0.3 V
VIN = VCCf± 0.3 V or VSS ± 0.3 V
——
5
µA
SRAM VCC Standby Current
ISB1s
CE1s > VCCs – 0.2 V, CE2s > VCCs – 0.2 V
LB = UB > VCCs–0.2 V or < 0.2V
——
10
µA
SRAM VCC Standby Current
ISB2s
CE1s > VCCs – 0.2 V or < 0.2V,
CE2s < 0.2 V
LB = UB > VCCs–0.2 V or < 0.2V
——
10
µA


Similar Part No. - MB84VD22194FM

ManufacturerPart #DatasheetDescription
logo
SPANSION
MB84VD22194FM-70PBS SPANSION-MB84VD22194FM-70PBS Datasheet
671Kb / 46P
   32M (X16) FLASH MEMORY & 4M (X16) STATIC RAM
More results

Similar Description - MB84VD22194FM

ManufacturerPart #DatasheetDescription
logo
SPANSION
MB84VD22184FM-70 SPANSION-MB84VD22184FM-70 Datasheet
671Kb / 46P
   32M (X16) FLASH MEMORY & 4M (X16) STATIC RAM
MB84VD22181FM-70 SPANSION-MB84VD22181FM-70 Datasheet
689Kb / 47P
   32M (X16) FLASH MEMORY & 4M (X16) STATIC RAM
MB84VD23180FM SPANSION-MB84VD23180FM Datasheet
701Kb / 49P
   64M (x16) FLASH MEMORY AND 4M (x16) STATIC RAM
MB84VD22280FA-70 SPANSION-MB84VD22280FA-70 Datasheet
690Kb / 47P
   32M (X16) FLASH MEMORY & 8M (X16) STATIC RAM
logo
Fujitsu Component Limit...
MB84VD2218XEG FUJITSU-MB84VD2218XEG Datasheet
1Mb / 63P
   32M (x 8/x16) FLASH MEMORY & 4M (x 8/x16) STATIC RAM
MB84VD2218XEC FUJITSU-MB84VD2218XEC Datasheet
1Mb / 61P
   32M (x 8/x16) FLASH MEMORY & 4M (x 8/x16) STATIC RAM
MB84VD2228 FUJITSU-MB84VD2228 Datasheet
1Mb / 63P
   32M (x 8/x16) FLASH MEMORY & 8M (x 8/x16) STATIC RAM
MB84VD2228XEA FUJITSU-MB84VD2228XEA Datasheet
1Mb / 63P
   32M (X 8/X16) FLASH MEMORY & 8M (X 8/X16) STATIC RAM
MB84VD2208XEA FUJITSU-MB84VD2208XEA Datasheet
1Mb / 61P
   32M (X 8/X16) FLASH MEMORY & 2M (X 8/X16) STATIC RAM
logo
Sharp Corporation
LH28F320BFHB-PBTL60 SHARP-LH28F320BFHB-PBTL60 Datasheet
916Kb / 37P
   32M (x16) Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com