Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD5F1GQ4REFIG Datasheet(PDF) 20 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD5F1GQ4REFIG
Description  SPI(x1/x2/x4) NAND Flash
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD5F1GQ4REFIG Datasheet(HTML) 20 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD5F1GQ4REFIG Datasheet HTML 16Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4REFIG Datasheet HTML 17Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4REFIG Datasheet HTML 18Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4REFIG Datasheet HTML 19Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4REFIG Datasheet HTML 20Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4REFIG Datasheet HTML 21Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4REFIG Datasheet HTML 22Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4REFIG Datasheet HTML 23Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4REFIG Datasheet HTML 24Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 53 page
background image
SPI(x1/x2/x4) NAND Flash
1G
20
8.6 Read From Cache Dual IO (BBH)
The Read from Cache Dual I/O command (BBH) is similar to the Read form Cache x2 command (3BH) but with the
capability to input the 4 Dummy bits, followed by a 12-bit column address for the starting byte address and a dummy byte
by SIO0 and SIO1, each bit being latched in during the rising edge of SCLK, then the cache contents are shifted out 2-bit
per clock cycle from SIO0 and SIO1. The first address byte can be at any location. The address increments automatically
to the next higher address after each byte of data shifted out until the boundary wrap bit.
Figure8-5. Read From Cache Dual IO Sequence Diagram
Command
0
1
2
3
4
5
6
7
BBH
CS#
SCLK
SI(SIO0)
SO(SIO1)
8
9 10 11 12 13 14 15
6
4
2
0
6
4
2
0
16 17 18 19 20 21 22 23
6
4
2
0
6
4
2
0
7
5
3
1
7
5
3
1
7
5
3
1
7
5
3
1
A7-0
Dummy
Byte1
CS#
23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39
SI(SIO0)
SO(SIO1)
6
4
2
0
6
4
2
0
6
4
2
0
6
4
2
0
7
5
3
1
7
5
3
1
7
5
3
1
7
5
3
1
SCLK
6
7
Byte2
Byte3
Byte4
Byte5
dummy<3:0>, A11-8


Similar Part No. - GD5F1GQ4REFIG

ManufacturerPart #DatasheetDescription
logo
GigaDevice Semiconducto...
GD5F1GQ4REFIH GIGADEVICE-GD5F1GQ4REFIH Datasheet
1Mb / 51P
   SPI(x1/x2/x4) NAND Flash
GD5F1GQ4REFIS GIGADEVICE-GD5F1GQ4REFIS Datasheet
1Mb / 60P
   SPI(x1/x2/x4) NAND Flash
More results

Similar Description - GD5F1GQ4REFIG

ManufacturerPart #DatasheetDescription
logo
GigaDevice Semiconducto...
GD5F2GQ4RFZIH GIGADEVICE-GD5F2GQ4RFZIH Datasheet
1Mb / 47P
   SPI(x1/x2/x4) NAND Flash
GD5F1GQ4REFIH GIGADEVICE-GD5F1GQ4REFIH Datasheet
1Mb / 51P
   SPI(x1/x2/x4) NAND Flash
GD5F1GQ4REFIS GIGADEVICE-GD5F1GQ4REFIS Datasheet
1Mb / 60P
   SPI(x1/x2/x4) NAND Flash
GD5F2GQ4REZIG GIGADEVICE-GD5F2GQ4REZIG Datasheet
1Mb / 50P
   SPI(x1/x2/x4) NAND Flash
GD5F2GQ4RFZIG GIGADEVICE-GD5F2GQ4RFZIG Datasheet
1Mb / 46P
   SPI(x1/x2/x4) NAND Flash
GD5F2GQ4RFZIS GIGADEVICE-GD5F2GQ4RFZIS Datasheet
1Mb / 57P
   SPI(x1/x2/x4) NAND Flash
GD5F1GQ4RFFIG GIGADEVICE-GD5F1GQ4RFFIG Datasheet
1Mb / 50P
   SPI(x1/x2/x4) NAND Flash
GD5F1GQ4RFFIH GIGADEVICE-GD5F1GQ4RFFIH Datasheet
1Mb / 49P
   SPI(x1/x2/x4) NAND Flash
GD5F1GQ4RFFIS GIGADEVICE-GD5F1GQ4RFFIS Datasheet
1Mb / 59P
   SPI(x1/x2/x4) NAND Flash
GD5F2GQ4REZIH GIGADEVICE-GD5F2GQ4REZIH Datasheet
1Mb / 49P
   SPI(x1/x2/x4) NAND Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com