Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD5F1GQ4REFIG Datasheet(PDF) 49 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD5F1GQ4REFIG
Description  SPI(x1/x2/x4) NAND Flash
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD5F1GQ4REFIG Datasheet(HTML) 49 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD5F1GQ4REFIG Datasheet HTML 45Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4REFIG Datasheet HTML 46Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4REFIG Datasheet HTML 47Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4REFIG Datasheet HTML 48Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4REFIG Datasheet HTML 49Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4REFIG Datasheet HTML 50Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4REFIG Datasheet HTML 51Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4REFIG Datasheet HTML 52Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4REFIG Datasheet HTML 53Page - GigaDevice Semiconductor (Beijing) Inc.  
Zoom Inzoom in Zoom Outzoom out
 49 / 53 page
background image
SPI(x1/x2/x4) NAND Flash
1G
49
Figure21-4. LGA8 GD Type1 (8*6 mm)
A
D
D2
L
2
Lead Type design Gap
A
c
A2
A1
Soldermask
LAND PAD
Dimensions
Symbol
A
A1
A2
c
b
D
D2
E
E2
e
L
Unit
GD
Type1
GD
Type1
mm
Min
0.70
0.02
0.53
0.15
0.35
7.90
3.30
5.90
4.20
1.27
0.45
Nom
0.18
0.40
8.00
3.40
6.00
4.30
0.50
Max
0.80
0.21
0.45
8.10
3.50
6.10
4.40
0.55
Inch
Min
0.028
0.001
0.021
0.006
0.014
0.311
0.130
0.232
0.165
0.05
0.018
Nom
0.007
0.016
0.315
0.134
0.236
0.169
0,020
Max
0.031
0.008
0.018
0.319
0.138
0.240
0.173
0.022


Similar Part No. - GD5F1GQ4REFIG

ManufacturerPart #DatasheetDescription
logo
GigaDevice Semiconducto...
GD5F1GQ4REFIH GIGADEVICE-GD5F1GQ4REFIH Datasheet
1Mb / 51P
   SPI(x1/x2/x4) NAND Flash
GD5F1GQ4REFIS GIGADEVICE-GD5F1GQ4REFIS Datasheet
1Mb / 60P
   SPI(x1/x2/x4) NAND Flash
More results

Similar Description - GD5F1GQ4REFIG

ManufacturerPart #DatasheetDescription
logo
GigaDevice Semiconducto...
GD5F2GQ4RFZIH GIGADEVICE-GD5F2GQ4RFZIH Datasheet
1Mb / 47P
   SPI(x1/x2/x4) NAND Flash
GD5F1GQ4REFIH GIGADEVICE-GD5F1GQ4REFIH Datasheet
1Mb / 51P
   SPI(x1/x2/x4) NAND Flash
GD5F1GQ4REFIS GIGADEVICE-GD5F1GQ4REFIS Datasheet
1Mb / 60P
   SPI(x1/x2/x4) NAND Flash
GD5F2GQ4REZIG GIGADEVICE-GD5F2GQ4REZIG Datasheet
1Mb / 50P
   SPI(x1/x2/x4) NAND Flash
GD5F2GQ4RFZIG GIGADEVICE-GD5F2GQ4RFZIG Datasheet
1Mb / 46P
   SPI(x1/x2/x4) NAND Flash
GD5F2GQ4RFZIS GIGADEVICE-GD5F2GQ4RFZIS Datasheet
1Mb / 57P
   SPI(x1/x2/x4) NAND Flash
GD5F1GQ4RFFIG GIGADEVICE-GD5F1GQ4RFFIG Datasheet
1Mb / 50P
   SPI(x1/x2/x4) NAND Flash
GD5F1GQ4RFFIH GIGADEVICE-GD5F1GQ4RFFIH Datasheet
1Mb / 49P
   SPI(x1/x2/x4) NAND Flash
GD5F1GQ4RFFIS GIGADEVICE-GD5F1GQ4RFFIS Datasheet
1Mb / 59P
   SPI(x1/x2/x4) NAND Flash
GD5F2GQ4REZIH GIGADEVICE-GD5F2GQ4REZIH Datasheet
1Mb / 49P
   SPI(x1/x2/x4) NAND Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com