Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD9FU1G8F2AMG Datasheet(PDF) 18 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD9FU1G8F2AMG
Description  Single level cell technology
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD9FU1G8F2AMG Datasheet(HTML) 18 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD9FU1G8F2AMG Datasheet HTML 14Page - GigaDevice Semiconductor (Beijing) Inc. GD9FU1G8F2AMG Datasheet HTML 15Page - GigaDevice Semiconductor (Beijing) Inc. GD9FU1G8F2AMG Datasheet HTML 16Page - GigaDevice Semiconductor (Beijing) Inc. GD9FU1G8F2AMG Datasheet HTML 17Page - GigaDevice Semiconductor (Beijing) Inc. GD9FU1G8F2AMG Datasheet HTML 18Page - GigaDevice Semiconductor (Beijing) Inc. GD9FU1G8F2AMG Datasheet HTML 19Page - GigaDevice Semiconductor (Beijing) Inc. GD9FU1G8F2AMG Datasheet HTML 20Page - GigaDevice Semiconductor (Beijing) Inc. GD9FU1G8F2AMG Datasheet HTML 21Page - GigaDevice Semiconductor (Beijing) Inc. GD9FU1G8F2AMG Datasheet HTML 22Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 55 page
background image
GD9Fx1GxF2A
18
8. OPERATION DESCRIPTION
8.1 Page Read Operation
8.1.1 Common Page Read (00H-30H)
Read is initiated by writing 00H-30H to the command register along with four address cycles. After initial power up, 00h
command is latched, and the first page of the first block has been read to cache, ready for random read out. Therefore only
4 address cycles and 30H command initiates that operation after initial power up. The 2176 bytes of data within the selected
page are transferred to the data registers. The system controller can detect the completion of this data transfer (tR) by
analyzing the output of R/B# pin. Once the data in a page is loaded into the data registers, they may be read out in tRC by
sequentially pulsing RE#. The repetitive high to low transitions of the RE# clock make the device output the data starting
from the selected column address up to the last column address.
After the last data has been read out, CE# may be pulled up for some time to end the read operation, while during the RE#
toggle cycle, CE# may be don't care when RE# is high
. The CE# Don’t Care feature may simplify the system interface,
which allows controller to directly download the code from flash device, and the CE# transitions will not stop the read
operation during the latency time.
00h
Col. Add1
Col. Add2
Row Add1
Row Add2
30h
DOUT
N
DOUT
N+1
tCLS
tCLH
tCS
tCH
tCLR
tCLS
tCLH
tCS
tCH
tRC
tWB
tWC
tALS
tR
tCHZ
tCEA
tRR
tREA
Data out from
Col.Add.N
CLE
CE#
WE#
RE#
I/Ox
RY/BY#
ALE
tDS tDH
Col.Add .N
Figure 14: Common Page Read figures


Similar Part No. - GD9FU1G8F2AMG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GD9-15 ETC2-GD9-15 Datasheet
1Mb / 12P
   Client Side Antennas
logo
Laird Tech Smart Techno...
GD9-15 LSTD-GD9-15 Datasheet
775Kb / 2P
   Rugged and waterproof
GD9-18 LSTD-GD9-18 Datasheet
1Mb / 2P
   Low wind loading patented wire grid design
logo
List of Unclassifed Man...
GD9-DC15 ETC2-GD9-DC15 Datasheet
1Mb / 12P
   Client Side Antennas
logo
Laird Tech Smart Techno...
GD9-DC15 LSTD-GD9-DC15 Datasheet
1Mb / 2P
   NLOS Die-Cast Antenna
More results

Similar Description - GD9FU1G8F2AMG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27410EVM TI-BQ27410EVM Datasheet
18Mb / 18P
[Old version datasheet]   bq27410EVM: Single-Cell Impedance Track Technology
logo
Panasonic Battery Group
FX PANASONICBATTERY-FX Datasheet
203Kb / 1P
   Industrial SLC (Single Level Cell) NAND with Reliable Panasonic Controller
logo
Texas Instruments
BQ6400 TI-BQ6400 Datasheet
282Kb / 17P
[Old version datasheet]   Single Chip 3 or 4 Cell Li-Ion Battery Management Controller With PowerPump??Cell Balancing Technology
logo
Bruckewell Technology L...
MS40N06 BWTECH-MS40N06 Datasheet
585Kb / 8P
   Advanced high cell density Trench technology
logo
Texas Instruments
BQ27350 TI-BQ27350 Datasheet
485Kb / 33P
[Old version datasheet]   Single Cell Li-Ion Battery Manager With Impedance Track Fuel Gauge Technology
logo
International Rectifier
AUIRLR3705Z IRF-AUIRLR3705Z Datasheet
292Kb / 13P
   Logic Level Advanced Process Technology
AUIRL3705Z IRF-AUIRL3705Z Datasheet
384Kb / 15P
   Logic Level Advanced Process Technology
logo
Zetex Semiconductors
ZSCT1555 ZETEX-ZSCT1555_06 Datasheet
299Kb / 11P
   PRECISION SINGLE CELL TIMER
logo
Maxim Integrated Produc...
DS2710G MAXIM-DS2710G Datasheet
161Kb / 12P
   Single-Cell NiMH Charger
Rev 0; 4/08
logo
Diodes Incorporated
ZSCT1555 DIODES-ZSCT1555 Datasheet
305Kb / 11P
   PRECISION SINGLE CELL TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com