Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RTL8189EM Datasheet(PDF) 9 Page - Realtek Semiconductor Corp.

Part # RTL8189EM
Description  SINGLE-CHIP IEEE 802.11b/g/n 1T1R WLAN With SDIO INTERFACE
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

RTL8189EM Datasheet(HTML) 9 Page - Realtek Semiconductor Corp.

Back Button RTL8189EM Datasheet HTML 5Page - Realtek Semiconductor Corp. RTL8189EM Datasheet HTML 6Page - Realtek Semiconductor Corp. RTL8189EM Datasheet HTML 7Page - Realtek Semiconductor Corp. RTL8189EM Datasheet HTML 8Page - Realtek Semiconductor Corp. RTL8189EM Datasheet HTML 9Page - Realtek Semiconductor Corp. RTL8189EM Datasheet HTML 10Page - Realtek Semiconductor Corp. RTL8189EM Datasheet HTML 11Page - Realtek Semiconductor Corp. RTL8189EM Datasheet HTML 12Page - Realtek Semiconductor Corp. RTL8189EM Datasheet HTML 13Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
RTL8189EM
Datasheet
Single-Chip IEEE 802.11b/g/n 1T1R WLAN Controller
with SDIO Interface
5
Track ID: JATR- Rev. 0.1
3.
Application Diagram
3.1. Single-Band 11n (1x1) Solution
GHz
2.
4 GHz
Transceiver
TX I/Q
Ext
Interface
SDIO / GSPI
Host Interface
RX I/Q
40MHz
Crystal
NV Memory
3.3V
SPS
/ LDO
Regulators
MAC
Configuration
Control and
Memory
Baseband
( PHY)
WLAN
MCU
WLAN
2.4
PA
Antenna
Tx/ Rx
Matching
Circuit
Figure 1. Single-Band 11n (1x1) Solution
4.
Pin Assignments


Similar Part No. - RTL8189EM

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RTL8189ETV RICHTEK-RTL8189ETV Datasheet
647Kb / 23P
   SINGLE-CHIP IEEE 802.11b/g/n 1T1R WLAN With SDIO INTERFACE
More results

Similar Description - RTL8189EM

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RTL8189ETV RICHTEK-RTL8189ETV Datasheet
647Kb / 23P
   SINGLE-CHIP IEEE 802.11b/g/n 1T1R WLAN With SDIO INTERFACE
logo
Realtek Semiconductor C...
RTL8188ETV REALTEK-RTL8188ETV Datasheet
393Kb / 20P
   SINGLE-CHIP IEEE 802.11b/g/n 1T1R WLAN
RTL8188ER-CG REALTEK-RTL8188ER-CG Datasheet
569Kb / 20P
   SINGLE-CHIP IEEE 802.11b/g/n 1T1R WLAN
logo
List of Unclassifed Man...
RT5390 ETC1-RT5390 Datasheet
2Mb / 36P
   802.11b/g/n 1T1R WLAN Mini Card
logo
Realtek Semiconductor C...
RTL8191SE REALTEK-RTL8191SE Datasheet
288Kb / 16P
   SINGLE-CHIP IEEE 802.11b/g/n WLAN CONTROLLER with PCI EXPRESSTM INTERFACE
Rev. 0.4 Nov 2008
logo
Cypress Semiconductor
BCM43143KMLGT CYPRESS-BCM43143KMLGT Datasheet
1Mb / 58P
   Single-Chip IEEE 802.11b/g/n MAC/PHY/Radio with USB/SDIO Host Interface
BCM43143KMLG CYPRESS-BCM43143KMLG Datasheet
1Mb / 58P
   Single-Chip IEEE 802.11b/g/n MAC/PHY/Radio with USB/SDIO Host Interface
logo
Realtek Semiconductor C...
RTL8192CE-GR REALTEK-RTL8192CE-GR Datasheet
269Kb / 18P
   SINGLE-CHIP IEEE 802.11b/g/n 2T2R WLAN CONTROLLER w/PCI EXPRESS INTERFACE
logo
STMicroelectronics
STLC4550 STMICROELECTRONICS-STLC4550 Datasheet
147Kb / 5P
   Single chip 802.11b/g WLAN radio
STLC4560 STMICROELECTRONICS-STLC4560 Datasheet
105Kb / 8P
   Single chip 802.11b/g WLAN radio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com