Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74CBTLV3257DGVR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74CBTLV3257DGVR
Description  LOW-VOLTAGE 4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIP LEXER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74CBTLV3257DGVR Datasheet(HTML) 1 Page - Texas Instruments

  SN74CBTLV3257DGVR Datasheet HTML 1Page - Texas Instruments SN74CBTLV3257DGVR Datasheet HTML 2Page - Texas Instruments SN74CBTLV3257DGVR Datasheet HTML 3Page - Texas Instruments SN74CBTLV3257DGVR Datasheet HTML 4Page - Texas Instruments SN74CBTLV3257DGVR Datasheet HTML 5Page - Texas Instruments SN74CBTLV3257DGVR Datasheet HTML 6Page - Texas Instruments SN74CBTLV3257DGVR Datasheet HTML 7Page - Texas Instruments SN74CBTLV3257DGVR Datasheet HTML 8Page - Texas Instruments SN74CBTLV3257DGVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
SN74CBTLV3257
LOW VOLTAGE 4BIT 1OF2 FET MULTIPLEXER/DEMULTIPLEXER
SCDS040I − DECEMBER 1997 − REVISED OCTOBER 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D 5-Ω Switch Connection Between Two Ports
D Rail-to-Rail Switching on Data I/O Ports
D Ioff Supports Partial-Power-Down Mode
Operation
D Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
D ESD Protection Exceeds JESD 22
− 2000-V Human-Body Model (A114-A)
− 200-V Machine Model (A115-A)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
S
1B1
1B2
1A
2B1
2B2
2A
GND
VCC
OE
4B1
4B2
4A
3B1
3B2
3A
D, DBQ, DGV, OR PW PACKAGE
(TOP VIEW)
RGY PACKAGE
(TOP VIEW)
116
89
2
3
4
5
6
7
15
14
13
12
11
10
OE
4B1
4B2
4A
3B1
3B2
1B1
1B2
1A
2B1
2B2
2A
description/ordering information
The SN74CBTLV3257 is a 4-bit 1-of-2 high-speed FET multiplexer/demultiplexer. The low on-state resistance
of the switch allows connections to be made with minimal propagation delay.
The select (S) input controls the data flow. The FET multiplexers/demultiplexers are disabled when the
output-enable (OE) input is high.
This device is fully specified for partial-power-down applications using Ioff. The Ioff feature ensures that
damaging current will not backflow through the device when it is powered down. The device has isolation during
power off.
To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup
resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
QFN − RGY
Tape and reel
SN74CBTLV3257RGYR
CL257
SOIC − D
Tube
SN74CBTLV3257D
CBTLV3257
−40
°C to 85°C
SOIC − D
Tape and reel
SN74CBTLV3257DR
CBTLV3257
−40
°C to 85°C
SSOP (QSOP) − DBQ
Tape and reel
SN74CBTLV3257DBQR
CL257
TSSOP − PW
Tape and reel
SN74CBTLV3257PWR
CL257
TVSOP − DGV
Tape and reel
SN74CBTLV3257DGVR
CL257
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines
are available at www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
 2003, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SN74CBTLV3257DGVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBTLV3257DGVR TI-SN74CBTLV3257DGVR Datasheet
766Kb / 17P
[Old version datasheet]   LOW-VOLTAGE 4-BIT 1-OF-2FET MULTIPLEXER/DEMULTIPLEXER
SN74CBTLV3257DGVR TI-SN74CBTLV3257DGVR Datasheet
696Kb / 18P
[Old version datasheet]   LOW-VOLTAGE 4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
SN74CBTLV3257DGVR TI-SN74CBTLV3257DGVR Datasheet
793Kb / 20P
[Old version datasheet]   LOW-VOLTAGE 4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
SN74CBTLV3257DGVR TI1-SN74CBTLV3257DGVR Datasheet
1Mb / 23P
[Old version datasheet]   Low-Voltage 4-Bit 1-of-2 FET Multiplexer/Demultiplexer
SN74CBTLV3257DGVR TI1-SN74CBTLV3257DGVR Datasheet
1Mb / 28P
[Old version datasheet]   FET Multiplexer/Demultiplexer
More results

Similar Description - SN74CBTLV3257DGVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74CBTLV3253DBQRG4 TI-74CBTLV3253DBQRG4 Datasheet
897Kb / 19P
[Old version datasheet]   LOW-VOLTAGE DUAL 1-OF-4 FET MULTIP LEXER DEMULTIP LEXER
SN74LV4053A-EP TI1-SN74LV4053A-EP Datasheet
500Kb / 14P
[Old version datasheet]   TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIP LEXER
SN74CBTLV3257RSVR TI1-SN74CBTLV3257RSVR Datasheet
1Mb / 23P
[Old version datasheet]   Low-Voltage 4-Bit 1-of-2 FET Multiplexer/Demultiplexer
SN74CBTLV3257 TI-SN74CBTLV3257_09 Datasheet
696Kb / 18P
[Old version datasheet]   LOW-VOLTAGE 4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
SN74CBTLV3257-EP TI1-SN74CBTLV3257-EP_16 Datasheet
495Kb / 10P
[Old version datasheet]   LOW-VOLTAGE 4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
SN74CBTLV3257 TI-SN74CBTLV3257_10 Datasheet
793Kb / 20P
[Old version datasheet]   LOW-VOLTAGE 4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
SN74CBTLV3257 TI-SN74CBTLV3257 Datasheet
94Kb / 6P
[Old version datasheet]   LOW-VOLTAGE 4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
CCBTLV3257MPWREP TI1-CCBTLV3257MPWREP Datasheet
506Kb / 10P
[Old version datasheet]   LOW-VOLTAGE 4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
logo
Unisonic Technologies
U74CBT3257C UTC-U74CBT3257C Datasheet
195Kb / 6P
   4-BIT 1-OF-2 FET MULTIPLEXER / DEMULTIPLEXER
U74CBT3257C UTC-U74CBT3257C_15 Datasheet
224Kb / 5P
   4-BIT 1-OF-2 FET MULTIPLEXER / DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com