Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD45048AR Datasheet(PDF) 6 Page - Analog Devices

Part # AD45048AR
Description  Rail-to-Rail Upstream ADSL Line Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD45048AR Datasheet(HTML) 6 Page - Analog Devices

  AD45048AR Datasheet HTML 1Page - Analog Devices AD45048AR Datasheet HTML 2Page - Analog Devices AD45048AR Datasheet HTML 3Page - Analog Devices AD45048AR Datasheet HTML 4Page - Analog Devices AD45048AR Datasheet HTML 5Page - Analog Devices AD45048AR Datasheet HTML 6Page - Analog Devices AD45048AR Datasheet HTML 7Page - Analog Devices AD45048AR Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
AD45048
Rev. A | Page 6 of 8
100
1
10
10
100
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
Figure 9. Voltage Noise vs. Frequency, VS = ±6 V
0
–120
–100
–80
–60
–40
–20
135
79
2468
10
11
OUTPUT VOLTAGE (p-p)
SECOND
THIRD
Figure 10. Single-Ended Harmonic Distortion, VS = ±6 V dc, G = +6,
RF = 499 Ω, RG = 100 Ω, RL = 25 Ω, Fundamental Frequency = 40 kHz
2V/DIV
M 5.00
μs
Figure 11. Discrete Multitone Modulation Overdrive Recovery
(See Schematic in Figure 8)
100
1
10
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
Figure 12. Input Current Noise vs. Frequency, VS = ±6 V
1000
0.001
0.01
0.1
1
10
100
10k
100k
1M
10M
100M
FREQUENCY (Hz)
Figure 13. Output Impedance vs. Frequency
50mV/DIV
M 100ns
Figure 14. Small Signal Pulse Response RLOAD = 1 kΩ, RFB = 500 Ω


Similar Part No. - AD45048AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD45048 AD-AD45048_15 Datasheet
160Kb / 8P
   Rail-to-Rail Upstream ADSL Line Driver
REV. A
More results

Similar Description - AD45048AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD45048 AD-AD45048_15 Datasheet
160Kb / 8P
   Rail-to-Rail Upstream ADSL Line Driver
REV. A
logo
Intersil Corporation
ISL59111 INTERSIL-ISL59111_07 Datasheet
473Kb / 10P
   8MHz Rail-to-Rail Composite Video Driver
logo
Renesas Technology Corp
ISL59111 RENESAS-ISL59111 Datasheet
768Kb / 10P
   8MHz Rail-to-Rail Composite Video Driver
logo
SG Micro Corp
SGM9111 SGMICRO-SGM9111_16 Datasheet
394Kb / 11P
   8MHz Rail-to-Rail Composite Video Driver
logo
Intersil Corporation
ISL59111IIZ-T7 INTERSIL-ISL59111IIZ-T7 Datasheet
479Kb / 10P
   8MHz Rail-to-Rail Composite Video Driver
ISL59110 INTERSIL-ISL59110 Datasheet
560Kb / 10P
   8MHz Rail-to-Rail Composite Video Driver
ISL59110 INTERSIL-ISL59110_07 Datasheet
485Kb / 10P
   8MHz Rail-to-Rail Composite Video Driver
logo
SG Micro Corp
SGM9147 SGMICRO-SGM9147 Datasheet
384Kb / 9P
   13MHz Rail-to-Rail Composite Video Driver
logo
Renesas Technology Corp
ISL59110 RENESAS-ISL59110 Datasheet
766Kb / 10P
   8MHz Rail-to-Rail Composite Video Driver
logo
Intersil Corporation
ISL59111 INTERSIL-ISL59111 Datasheet
477Kb / 10P
   8MHz Rail-to-Rail Composite Video Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com