Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFDU6108-TT3 Datasheet(PDF) 11 Page - Vishay Siliconix

Part # TFDU6108-TT3
Description  Fast Infrared Transceiver Module (4 Mbit/s), IrDA Serial Interface Compatible, 2.7 V to 5.5 V Supply Voltage Range
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TFDU6108-TT3 Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button TFDU6108-TT3 Datasheet HTML 7Page - Vishay Siliconix TFDU6108-TT3 Datasheet HTML 8Page - Vishay Siliconix TFDU6108-TT3 Datasheet HTML 9Page - Vishay Siliconix TFDU6108-TT3 Datasheet HTML 10Page - Vishay Siliconix TFDU6108-TT3 Datasheet HTML 11Page - Vishay Siliconix TFDU6108-TT3 Datasheet HTML 12Page - Vishay Siliconix TFDU6108-TT3 Datasheet HTML 13Page - Vishay Siliconix TFDU6108-TT3 Datasheet HTML 14Page - Vishay Siliconix TFDU6108-TT3 Datasheet HTML 15Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
VISHAY
TFDU6108
Document Number 82537
Rev. 1.6, 25-Jun-04
Vishay Semiconductors
www.vishay.com
11
Appendix A
Serial Interface Implementation
Basics of the IrDA Definitions
The data lines are multiplexed with the transmitter
and receiver signals and separate clocks are used
since the transceivers respond to the same address.
When no infrared communication is in progress and
the serial bus is idle, the IRTX line is kept low and
IRRX is kept high.
17092
Figure 5. Interface to Two Infrared Transceivers
17093
Figure 6. Infrared Dongle with Differential Signaling


Similar Part No. - TFDU6108-TT3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TFDU6108 VISHAY-TFDU6108 Datasheet
820Kb / 27P
   Very Fast Infrared Transceiver Module (VFIR, 16 Mbit/s), Serial Interface Compatible, 2.7 V to 5.5 V Supply Voltage Range
Rev. 1.6, 12-Aug-04
More results

Similar Description - TFDU6108-TT3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TFDU8108 VISHAY-TFDU8108 Datasheet
820Kb / 27P
   Very Fast Infrared Transceiver Module (VFIR, 16 Mbit/s), Serial Interface Compatible, 2.7 V to 5.5 V Supply Voltage Range
Rev. 1.6, 12-Aug-04
TFDU6102 VISHAY-TFDU6102_05 Datasheet
295Kb / 18P
   Fast Infrared Transceiver Module (FIR, 4 Mbit/s) for 2.7 V to 5.5 V Operation
Rev. 1.6, 05-Dec-05
TFDU6102 VISHAY-TFDU6102 Datasheet
420Kb / 16P
   Fast Infrared Transceiver Module (FIR, 4 Mbit/s) for 2.7 V to 5.5 V Operation
Rev. 1.5, 24-Jun-04
TFDU6103 VISHAY-TFDU6103 Datasheet
265Kb / 15P
   Fast Infrared Transceiver Module (FIR, 4 Mbit/s) for 2.4 V to 5.5 V Operation
Rev. 1.3, 03-Jul-08
TFDU6103 VISHAY-TFDU6103_09 Datasheet
236Kb / 13P
   Fast Infrared Transceiver Module (FIR, 4 Mbit/s) for 2.4 V to 5.5 V Operation
Rev. 1.4, 29-Jul-09
TFDU6102E VISHAY-TFDU6102E Datasheet
667Kb / 17P
   Fast Infrared Transceiver Module Family (FIR, 4 Mbit/s) for 2.6 V to 5.5 V Operation
Rev. B1.6, 02-Nov-00
TFBS4710 VISHAY-TFBS4710 Datasheet
208Kb / 12P
   Serial Infrared Transceiver SIR, 115.2 kbit/s, 2.7 V to 5.5 V Operation
Rev. 1.5, 23-Feb-06
TFBS4711 VISHAY-TFBS4711_06 Datasheet
202Kb / 12P
   Serial Infrared Transceiver SIR, 115.2 kbit/s, 2.7 V to 5.5 V Operation
Rev. 1.9, 07-Nov-06
TFDU6101E VISHAY-TFDU6101E Datasheet
667Kb / 17P
   Fast Infrared Transceiver Module Family (FIR, 4 Mbit/s) for 2.6 V to 5.5 V Operation
Rev. B1.6, 02-Nov-00
TFDU4100 VISHAY-TFDU4100_05 Datasheet
307Kb / 15P
   Serial Infrared Transceiver SIR, 115.2 kbit/s, 2.7 V to 5.5 V Operation
Rev. 1.6, 05-Dec-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com