Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4117 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # TLE4117
Description  Voltage Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4117 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button TLE4117 Datasheet HTML 6Page - Infineon Technologies AG TLE4117 Datasheet HTML 7Page - Infineon Technologies AG TLE4117 Datasheet HTML 8Page - Infineon Technologies AG TLE4117 Datasheet HTML 9Page - Infineon Technologies AG TLE4117 Datasheet HTML 10Page - Infineon Technologies AG TLE4117 Datasheet HTML 11Page - Infineon Technologies AG TLE4117 Datasheet HTML 12Page - Infineon Technologies AG TLE4117 Datasheet HTML 13Page - Infineon Technologies AG TLE4117 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Target Data Sheet Rev. 0.1
10
2000-05-26
TLE 4117
Characteristics 2.5 V Fixed Output Voltage Device TLE 4117 D V25
0
°C < T
j < 125 °C; CQ = 10 µF, IQ = 10 mA; unless otherwise specified.
Parameter
Symbol
Limit Values
Unit
Measuring Conditions
min.
typ.
max.
Output voltage
V
Q
2.45
2.5
2.55
V
V
I = 4.5 V, IQ = 10 mA,
T
j =25 °C
Output voltage
V
Q
2.4
2.5
2.6
V
3.9 V
V
I ≤=10 V
0
I
Q ≤ 800 mA
Line regulation
V
Q
10
30
mV
3.9 V
V
I ≤ 10 V
I
Q = 0 mA
Load regulation
V
Q
10
30
mV
V
I = 3.9 V
1 mA
I
Q ≤ 800 mA
Temperature
Stability
V
Q
1.0
%
1)
Long Term
Stability
V
Q
0.3
%
1000 h,
T
j = 125 °C
1)
Quiescent current
I
q
12
mA
V
I < 10 V
Output current
I
Q max
800
––
mA
T
j = 25 °C, VI < 23 V
Minimum Load
Current
I
Q min
––
0mA
Drop voltage
V
Dr
11.1
V
I
Q = 100 mA
2)
Drop voltage
V
Dr
1.05
1.15
V
I
Q = 500 mA
2)
Drop voltage
V
Dr
1.1
1.2
V
I
Q = 800 mA
2)
Power Supply
Ripple Rejection
PSRR
60
65
dB
f
r = 120 Hz, Tj = 25 °C
1)
V
r =1 VPP, VI = 5.5 V
1)
Guaranteed by Design.
2)
Measured when output voltage dropped 100 mV below nominal voltage.


Similar Part No. - TLE4117

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TLE4201SI ETC1-TLE4201SI Datasheet
357Kb / 7P
   TLE4201SI
logo
Siemens Semiconductor G...
TLE4202B SIEMENS-TLE4202B Datasheet
106Kb / 14P
   2-A DC Motor Driver
TLE4203 SIEMENS-TLE4203 Datasheet
100Kb / 12P
   4-A DC Motor Driver
TLE4203S SIEMENS-TLE4203S Datasheet
100Kb / 12P
   4-A DC Motor Driver
TLE4204 SIEMENS-TLE4204 Datasheet
257Kb / 9P
   3-A MOTOR DRIVER
More results

Similar Description - TLE4117

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
MB3756 FUJI-MB3756 Datasheet
228Kb / 7P
   VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
R1MX55 ETL-R1MX55 Datasheet
311Kb / 10P
   VOLTAGE REGULATOR
logo
Texas Instruments
LM723JAN TI1-LM723JAN_13 Datasheet
821Kb / 21P
[Old version datasheet]   Voltage Regulator
LM723 TI1-LM723_16 Datasheet
850Kb / 21P
[Old version datasheet]   Voltage Regulator
logo
Unisonic Technologies
R070LD10 UTC-R070LD10_V01 Datasheet
352Kb / 10P
   VOLTAGE REGULATOR
logo
RICOH electronics devic...
RX5RL20A RICOH-RX5RL20A Datasheet
144Kb / 18P
   VOLTAGE REGULATOR
logo
Infineon Technologies A...
IFX1117 INFINEON-IFX1117_09 Datasheet
290Kb / 15P
   Voltage Regulator
Rev. 1.21, 2009-09-04
logo
Holtek Semiconductor In...
HT10XX HOLTEK-HT10XX Datasheet
607Kb / 14P
   Voltage Regulator
logo
Unisonic Technologies
R070LD10 UTC-R070LD10 Datasheet
387Kb / 10P
   VOLTAGE REGULATOR
logo
Solid States Devices, I...
SVR003 SSDI-SVR003 Datasheet
103Kb / 3P
   VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
R070LD10 ETL-R070LD10 Datasheet
387Kb / 10P
   VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com