Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6011ACDD Datasheet(PDF) 6 Page - Linear Technology

Part # LT6011ACDD
Description  Dual/Quad135uA, 14nV/Hz, Rail-to-Rail Output Precision Op Amp
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6011ACDD Datasheet(HTML) 6 Page - Linear Technology

Back Button LT6011ACDD Datasheet HTML 2Page - Linear Technology LT6011ACDD Datasheet HTML 3Page - Linear Technology LT6011ACDD Datasheet HTML 4Page - Linear Technology LT6011ACDD Datasheet HTML 5Page - Linear Technology LT6011ACDD Datasheet HTML 6Page - Linear Technology LT6011ACDD Datasheet HTML 7Page - Linear Technology LT6011ACDD Datasheet HTML 8Page - Linear Technology LT6011ACDD Datasheet HTML 9Page - Linear Technology LT6011ACDD Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LT6011/LT6012
6
sn60112 60112fas
ISC
Output Short-Circuit Current
VOUT = 0V, 1V Overdrive (Source)
10
15
m A
(Note 3)
q
5mA
VOUT = 0V, –1V Overdrive (Sink)
10
20
m A
q
5mA
SR
Slew Rate
AV = –10, RF = 50k, RG = 5k
0.08
0.11
V/
µs
TA = 0°C to 70°C
q
0.07
V/
µs
TA = –40°C to 85°C
q
0.05
V/
µs
GBW
Gain Bandwidth Product
f = 10kHz
275
350
kHz
q
250
kHz
ts
Settling Time
AV = –1, 0.01%, VOUT = 0V to 10V
85
µs
tr, tf
Rise Time, Fall Time
AV = 1, 10% to 90%, 0.1V Step
1
µs
∆VOS
Offset Voltage Match (Note 7)
LT6011AS8, LT6012AS
50
270
µV
TA = 0°C to 70°C
q
320
µV
TA = –40°C to 85°C
q
370
µV
LT6011ADD, LT6012AGN
50
320
µV
TA = 0°C to 70°C
q
420
µV
TA = –40°C to 85°C
q
450
µV
LT6011S8, LT6012S
70
300
µV
TA = 0°C to 70°C
q
350
µV
TA = –40°C to 85°C
q
400
µV
LT6011DD, LT6012GN
80
400
µV
TA = 0°C to 70°C
q
500
µV
TA = –40°C to 85°C
q
550
µV
∆IB
Input Bias Current Match (Note 7)
LT6011AS8, LT6011ADD, LT6012AS, LT6012AGN
50
600
pA
TA = 0°C to 70°C
q
900
pA
TA = –40°C to 85°C
q
1200
pA
LT6011S8, LT6011DD, LT6012S, LT6012GN
1800
pA
TA = 0°C to 70°C
q
2400
pA
TA = –40°C to 85°C
q
3000
pA
∆CMRR
Common Mode Rejection Ratio
q
109
135
dB
Match (Note 7)
∆PSRR
Power Supply Rejection Ratio
q
106
135
dB
Match (Note 7)
IS
Supply Current
per Amplifier
260
330
µA
TA = 0°C to 70°C
q
380
µA
TA = –40°C to 85°C
q
400
µA
ELECTRICAL CHARACTERISTICS The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VS = ±15V, VCM = 0V, RL to 0V, unless otherwise specified. (Note 5)
Note 1: Absolute Maximum Ratings are those beyond which the life if the
device may be impaired.
Note 2: The inputs are protected by back-to-back diodes and internal
series resistors. If the differential input voltage exceeds 10V, the input
current must be limited to less than 10mA.
Note 3: A heat sink may be required to keep the junction temperature
below absolute maximum ratings.
Note 4: Both the LT6011C/LT6012C and LT6011I/LT6012I are guaranteed
functional over the operating temperature range of – 40
°C to 85°C.
Note 5: The LT6011C/LT6012C are guaranteed to meet the specified
performance from 0
°C to 70°C and is designed, characterized and
expected to meet specified performance from – 40
°C to 85°C but is not
tested or QA sampled at these temperatures. The LT6011I/LT6012I are
guaranteed to meet specified performance from –40
°C to 85°C.
Note 6: This parameter is not 100% tested.
Note 7: Matching parameters are the difference between any two
amplifiers.
∆CMRR and ∆PSRR are defined as follows: (1) CMRR and
PSRR are measured in
µV/V for the individual amplifiers. (2) The
difference between matching amplifiers is calculated in
µV/V. (3) The
result is converted to dB.
Note 8: The specifications for VOS, IB, and IOS depend on the grade and on
the package. The following table clarifies the notations.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
STANDARD GRADE
A GRADE
S8 Package
LT6011S8
LT6011AS8
DFN Package
LT6011DD
LT6011ADD
S14 Package
LT6012S
LT6012AS
GN16 Package
LT6012GN
LT6012AGN


Similar Part No. - LT6011ACDD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6011 LINER-LT6011 Datasheet
1Mb / 28P
   1.3MHz, 20關A Power Efficient Rail-to-Rail I/O Op Amps
LT6011 LINER-LT6011 Datasheet
1Mb / 26P
   30MHz, 240關A Power Efficient Rail-to-Rail I/O Op Amps
LT6011 LINER-LT6011_15 Datasheet
380Kb / 20P
   Rail-to-Rail Output Precision Op Amp
More results

Similar Description - LT6011ACDD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6011 LINER-LT6011_15 Datasheet
380Kb / 20P
   Rail-to-Rail Output Precision Op Amp
LT6012 LINER-LT6012_15 Datasheet
380Kb / 20P
   Rail-to-Rail Output Precision Op Amp
logo
Analog Devices
AD8675 AD-AD8675 Datasheet
296Kb / 12P
   36 V Precision, 2.8 nV/Hz Rail-to-Rail Output Op Amp
REV. 0
AD8676 AD-AD8676_15 Datasheet
343Kb / 12P
   Dual Rail-to-Rail Output Op Amp
REV. C
AD8622 AD-AD8622_09 Datasheet
590Kb / 20P
   Dual, Low Power, Precision Rail-to-Rail Output Op Amp
REV. 0
AD8675ARMZ AD-AD8675ARMZ Datasheet
303Kb / 12P
   36 V Precision, 2.8 nV/Hz Rail-to-Rail Output Op Amp
Rev. E
logo
Intersil Corporation
ISL28236 INTERSIL-ISL28236 Datasheet
715Kb / 13P
   5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amp
logo
Linear Technology
LT6010 LINER-LT6010_15 Datasheet
302Kb / 16P
   Rail-to-Rail Output Precision Op Amp with Shutdown
logo
Analog Devices
AD8624ARUZ AD-AD8624ARUZ Datasheet
432Kb / 20P
   Low Power, Precision Rail-to-Rail Output Op Amp
REV. C
logo
Linear Technology
LT6010 LINER-LT6010 Datasheet
602Kb / 16P
   Rail-to-Rail Output Precision Op Amp with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com