Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1200D40R2G Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP1200D40R2G
Description  PWM Current-Mode Controller for Low-Power Universal Off-Line Supplies
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1200D40R2G Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCP1200D40R2G Datasheet HTML 3Page - ON Semiconductor NCP1200D40R2G Datasheet HTML 4Page - ON Semiconductor NCP1200D40R2G Datasheet HTML 5Page - ON Semiconductor NCP1200D40R2G Datasheet HTML 6Page - ON Semiconductor NCP1200D40R2G Datasheet HTML 7Page - ON Semiconductor NCP1200D40R2G Datasheet HTML 8Page - ON Semiconductor NCP1200D40R2G Datasheet HTML 9Page - ON Semiconductor NCP1200D40R2G Datasheet HTML 10Page - ON Semiconductor NCP1200D40R2G Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
NCP1200
http://onsemi.com
7
APPLICATIONS INFORMATION
INTRODUCTION
The NCP1200 implements a standard current mode
architecture where the switch−off time is dictated by the
peak current setpoint. This component represents the ideal
candidate where low part−count is the key parameter,
particularly in low−cost AC−DC adapters, auxiliary
supplies etc. Due to its high−performance High−Voltage
technology, the NCP1200 incorporates all the necessary
components normally needed in UC384X based supplies:
timing components, feedback devices, low−pass filter and
self−supply. This later point emphasizes the fact that ON
Semiconductor’s NCP1200 does NOT need an auxiliary
winding to operate: the product is naturally supplied from
the high−voltage rail and delivers a VCC to the IC. This
system is called the Dynamic Self−Supply (DSS).
Dynamic Self−Supply
The DSS principle is based on the charge/discharge of the
VCC bulk capacitor from a low level up to a higher level. We
can easily describe the current source operation with a bunch
of simple logical equations:
POWER−ON: IF VCC < VCCOFF THEN Current Source
is ON, no output pulses
IF VCC decreasing > VCCON THEN Current Source is
OFF, output is pulsing
IF VCC increasing < VCCOFF THEN Current Source is
ON, output is pulsing
Typical values are: VCCOFF = 11.4 V, VCCON = 9.8 V
To better understand the operational principle, Figure 15’s
sketch offers the necessary light:
10.00M
30.00M
50.00M
70.00M
90.00M
Current
Source
OFF
Figure 15. The Charge/Discharge Cycle
Over a 10
mF VCC Capacitor
VCC
ON
10.6 V Avg.
Output Pulses
VCCON = 9.8 V
VCCOFF = 11.4 V
The DSS behavior actually depends on the internal IC
consumption and the MOSFET’s gate charge, Qg. If we
select a MOSFET like the MTD1N60E, Qg equals 11 nC
(max). With a maximum switching frequency of 48 kHz (for
the P40 version), the average power necessary to drive the
MOSFET (excluding the driver efficiency and neglecting
various voltage drops) is:
Fsw
@ Qg @ Vcc
with
Fsw = maximum switching frequency
Qg = MOSFET’s gate charge
VCC = VGS level applied to the gate
To obtain the final driver contribution to the IC
consumption, simply divide this result by VCC: Idriver =
Fsw
@ Qg = 530
mA. The total standby power consumption
at no−load will therefore heavily rely on the internal IC
consumption plus the above driving current (altered by the
driver’s efficiency). Suppose that the IC is supplied from a
400 V DC line. To fully supply the integrated circuit, let’s
imagine the 4 mA source is ON during 8 ms and OFF during
50 ms. The IC power contribution is therefore: 400 V . 4 mA
. 0.16 = 256 mW. If for design reasons this contribution is
still too high, several solutions exist to diminish it:
1. Use a MOSFET with lower gate charge Qg
2. Connect pin through a diode (1N4007 typically) to
one of the mains input. The average value on pin 8
becomes
2* Vmains PEAK
p
. Our power contribution
example drops to: 160 mW.
C3
4.7
mF
400 V
+
EMI
Filter
Adj
FB
CS
GND Drv
VCC
NC
HV
1
2
3
4
8
7
6
5
NCP1200
1N4007
Dstart
Figure 16. A simple diode naturally reduces the
average voltage on pin 8


Similar Part No. - NCP1200D40R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1200D40R2G ONSEMI-NCP1200D40R2G Datasheet
225Kb / 16P
   PWM Current?묺ode Controller for Low?뭁ower Universal Off?묹ine Supplies
September, 2006 ??Rev. 15
NCP1200D40R2G ONSEMI-NCP1200D40R2G Datasheet
287Kb / 16P
   PWM Current-Mode Controller for Low-Power Universal Off-Line Supplies
April, 2015 ??Rev. 19
NCP1200D40R2G ONSEMI-NCP1200D40R2G Datasheet
432Kb / 18P
   PWM Current-Mode Controller for Low-Power Universal Off-Line Supplies
April, 2015 - Rev. 19
More results

Similar Description - NCP1200D40R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1200 ONSEMI-NCP1200_15 Datasheet
287Kb / 16P
   PWM Current-Mode Controller for Low-Power Universal Off-Line Supplies
April, 2015 ??Rev. 19
NCP1200 ONSEMI-NCP1200_V01 Datasheet
432Kb / 18P
   PWM Current-Mode Controller for Low-Power Universal Off-Line Supplies
April, 2015 - Rev. 19
NCP1200 ONSEMI-NCP1200_09 Datasheet
359Kb / 16P
   PWM Current-Mode Controller for Low-Power Universal Off-Line Supplies
December, 2009 ??Rev. 17
NCP1216P065 ONSEMI-NCP1216P065 Datasheet
287Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2010 ??Rev. 13
DAP011 ONSEMI-DAP011 Datasheet
827Kb / 24P
   PWM Current−Mode Controller for High−Power Universal Off−Line Supplies
November, 2005 - Rev. 2
DAP018A ONSEMI-DAP018A Datasheet
792Kb / 28P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
July, 2009 - Rev. 0
NCP1216 ONSEMI-NCP1216 Datasheet
182Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
September, 2004 ??Rev. 8
NCP1216 ONSEMI-NCP1216_10 Datasheet
276Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2010 ??Rev. 13
NCP1216AP100G ONSEMI-NCP1216AP100G Datasheet
276Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2010 ??Rev. 13
NCP1200A ONSEMI-NCP1200A Datasheet
136Kb / 16P
   PWM Current-Mode Controller for Universal Off-Line Supplies Featuring Low Standby Power
October, 2004??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com