Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA3085 Datasheet(PDF) 7 Page - Harris Corporation

Part # CA3085
Description  Positive Voltage Regulators from 1.7 to 46V at Currents Up to 100mA
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

CA3085 Datasheet(HTML) 7 Page - Harris Corporation

  CA3085 Datasheet HTML 1Page - Harris Corporation CA3085 Datasheet HTML 2Page - Harris Corporation CA3085 Datasheet HTML 3Page - Harris Corporation CA3085 Datasheet HTML 4Page - Harris Corporation CA3085 Datasheet HTML 5Page - Harris Corporation CA3085 Datasheet HTML 6Page - Harris Corporation CA3085 Datasheet HTML 7Page - Harris Corporation CA3085 Datasheet HTML 8Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image


Similar Part No. - CA3085

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3080 INTERSIL-CA3080 Datasheet
880Kb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
September 1998
CA3080 INTERSIL-CA3080 Datasheet
942Kb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
logo
Rochester Electronics
CA3080 ROCHESTER-CA3080 Datasheet
609Kb / 4P
   2MHz, Operational Transcondictance Amplifier (OTA) Slew Rate
logo
Renesas Technology Corp
CA3080 RENESAS-CA3080 Datasheet
1Mb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
logo
List of Unclassifed Man...
CA3080 ETC2-CA3080 Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

Similar Description - CA3085

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
CA723 HARRIS-CA723 Datasheet
104Kb / 8P
   Voltage Regulators Adjustable from 2V to 37V at Output Currents Up to 150mA Without External Pass Transistors
logo
Intersil Corporation
CA723 INTERSIL-CA723 Datasheet
93Kb / 9P
   Voltage Regulators Adjustable from 2V to 37V at Output Currents Up to 150mA without External Pass Transistors
April 1999
logo
Siemens Semiconductor G...
BFS17W SIEMENS-BFS17W Datasheet
34Kb / 5P
   NPN Silicon RF Transistor (For broadband amplifiers up to 1GHz at collector currents from 1mA to 20mA)
BFS17P SIEMENS-BFS17P Datasheet
48Kb / 5P
   NPN Silicon RF Transistor (For broadband amplifiers up to 1GHz at collector currents from 1mA to 20mA)
BFS17S SIEMENS-BFS17S Datasheet
55Kb / 5P
   NPN Silicon RF Transistor (For broadband amplifiers up to 1GHz at collector currents from 1mA to 20mA)
BFT93 SIEMENS-BFT93 Datasheet
58Kb / 7P
   PNP Silicon RF Transistor (For low distortion broadband amplifiers up to 1 GHz at collector currents from 2mA up to 20mA)
BFT92W SIEMENS-BFT92W Datasheet
56Kb / 7P
   PNP Silicon RF Transistor (For broadband amplifiers up to 2GHz at collector currents up to 20mA)
BFT92 SIEMENS-BFT92 Datasheet
57Kb / 7P
   PNP Silicon RF Transistor (For broadband amplifiers up to 2GHz at collector currents up to 20mA)
logo
Rohm
BDXXKA5-E ROHM-BDXXKA5-E Datasheet
616Kb / 18P
   low-saturation regulators that are available for output currents up to 500mA.
logo
Siemens Semiconductor G...
BFP81 SIEMENS-BFP81 Datasheet
59Kb / 7P
   NPN Silicon RF Transistor (For low-noise amplifiers up to 2GHz at collector currents from 0.5 mA to 20 mA.)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com