Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC4250LISTRT Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC4250LISTRT
Description  Negative Voltage Hot Swap Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4250LISTRT Datasheet(HTML) 6 Page - Semtech Corporation

Back Button SC4250LISTRT Datasheet HTML 2Page - Semtech Corporation SC4250LISTRT Datasheet HTML 3Page - Semtech Corporation SC4250LISTRT Datasheet HTML 4Page - Semtech Corporation SC4250LISTRT Datasheet HTML 5Page - Semtech Corporation SC4250LISTRT Datasheet HTML 6Page - Semtech Corporation SC4250LISTRT Datasheet HTML 7Page - Semtech Corporation SC4250LISTRT Datasheet HTML 8Page - Semtech Corporation SC4250LISTRT Datasheet HTML 9Page - Semtech Corporation SC4250LISTRT Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
 2005 Semtech Corp.
www.semtech.com
SC4250
POWER MANAGEMENT
Applications Information
Insertion of a power circuit board into a live backplane
would draw enormous inrush currents. This is mostly due
to the charging of the bulk electrolytic capacitors at the
input of the power module being plugged in.
The transient currents would send glitches all over the
power system and could cause corruption of the signals
and even a power down if the source isn’t able to handle
these high surges.
This section describes the components selection needed
for a typical application utilizing the SC4250. Let’s assume
the following requirements for a representative system:
Input voltage range: 36V to 72V
Nominal current: 2A typ.
Over-current condition: 5A
Bulk capacitance: Cload = 150µF
The schematic in Figure 2 combines internal function
blocks along with the external components of the
application circuit.
Resistors R1, R2 and R3 make up a voltage divider to
set the Under-Voltage (UV) and Over-Voltage (OV) trip
points.
When the input power supply ramps up the UV trips at
1.273V and OV trips at 1.223V; during the ramp down
transition the UV trips at 1.223V and OV trips at 1.198V.
The 50mV hysteresis for UV and 25mV hysteresis for OV
provide the necessary guard-bands to prevent false
tripping during power up and power down conditions.
As an additional noise killing and stabilizing measure, the
capacitor C1 should be placed at the OV terminal with
the value in range from 1,000 to 10,000pF.
For the UV=38V and OV=70V the values of the resistor
can be calculated as follows:
Vuv = 1.273V · (R1+R2+R3) ÷ (R2+R3)
Vov = 1.223V · (R1+R2+R3) ÷ R3
With the input bias current of the UV and OV comparators
in the range of 20-30nA, let’s choose the R1 to be
562k
Ω. This yields the values of R2=9.31kΩ and R3 =
10.2k
Ω. With these values the accuracy is about 1%
which is quite acceptable for those functions.
Figure 2
60mV
+
_
_
+
_
+
_
+
+
_
+7V
Delay
Q1
DRAIN
GATE
R4
SENSE
Vee
Vcc
12.5V Reg
1.223V
1.75V
PWRGD
50uA
Cload
150uF
C3
R5
R1
R2
R3
C2
UV
OV
-48V
+48V
C1
R6


Similar Part No. - SC4250LISTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4250LISTRT SEMTECH-SC4250LISTRT Datasheet
251Kb / 12P
   Negative Voltage Hot Swap Controller
More results

Similar Description - SC4250LISTRT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5068 TI1-LM5068_14 Datasheet
1Mb / 30P
[Old version datasheet]   Negative Voltage Hot Swap Controller
logo
Linear Technology
LT1640AL LINER-LT1640AL Datasheet
320Kb / 16P
   Negative Voltage Hot Swap Controller
LT1640H LINER-LT1640H_15 Datasheet
198Kb / 16P
   Negative Voltage Hot Swap Controller
logo
National Semiconductor ...
LM5068 NSC-LM5068 Datasheet
42Kb / 1P
   NEGATIVE VOLTAGE HOT SWAP CONTROLLER
logo
Linear Technology
LT1640L LINER-LT1640L_1 Datasheet
192Kb / 16P
   Negative Voltage Hot Swap Controller
LT1640L LINER-LT1640L Datasheet
292Kb / 12P
   Negative Voltage Hot Swap Controller
LT1640L LINER-LT1640L_15 Datasheet
198Kb / 16P
   Negative Voltage Hot Swap Controller
logo
Semtech Corporation
SC4150 SEMTECH-SC4150 Datasheet
352Kb / 12P
   Negative Voltage Hot Swap Controller
SC4250 SEMTECH-SC4250_05 Datasheet
251Kb / 12P
   Negative Voltage Hot Swap Controller
logo
Linear Technology
LT1640AL LINER-LT1640AL_15 Datasheet
326Kb / 16P
   Negative Voltage Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com