Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APM2070P Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APM2070P
Description  P-Channel Enhancement Mode MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM2070P Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APM2070P Datasheet HTML 1Page - Anpec Electronics Coropration APM2070P Datasheet HTML 2Page - Anpec Electronics Coropration APM2070P Datasheet HTML 3Page - Anpec Electronics Coropration APM2070P Datasheet HTML 4Page - Anpec Electronics Coropration APM2070P Datasheet HTML 5Page - Anpec Electronics Coropration APM2070P Datasheet HTML 6Page - Anpec Electronics Coropration APM2070P Datasheet HTML 7Page - Anpec Electronics Coropration APM2070P Datasheet HTML 8Page - Anpec Electronics Coropration APM2070P Datasheet HTML 9Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.1 - Sep., 2003
www.anpec.com.tw
4
APM2070P
0
5
10
15
20
25
30
35
0
2
4
6
8
10
-V
DS= 10 V
-I
DS= 5 A
Typical Characteristics (Cont.)
On-Resistance vs. Junction Temperature
TJ- Junction Temperature (°C)
-VDS - Drain-to-Source Voltage (V)
Capacitance
-VGS - Gate-to-Source Voltage (V)
On-Resistance vs. Gate-to-Source Voltage
Gate Charge
QG - Total-Gate Charge (nC)
123
456
7
8
9
10
0.00
0.04
0.08
0.12
0.16
0.20
0.24

-I
D= 5A

-50 -25
0
25
50
75 100 125 150
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8

-V
GS = 4.5V
-I
DS = 5A

04
8
12
16
20
120
240
360
480
600
700
Frequency=1MHz

Crss
Coss
Ciss


Similar Part No. - APM2070P

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM2070PD ANPEC-APM2070PD Datasheet
115Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM2070PDC-TR ANPEC-APM2070PDC-TR Datasheet
115Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM2070PDC-TRL ANPEC-APM2070PDC-TRL Datasheet
115Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM2070PDC-TU ANPEC-APM2070PDC-TU Datasheet
115Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM2070PDC-TUL ANPEC-APM2070PDC-TUL Datasheet
115Kb / 10P
   P-Channel Enhancement Mode MOSFET
More results

Similar Description - APM2070P

ManufacturerPart #DatasheetDescription
logo
AUK corp
STJ828SF AUK-STJ828SF Datasheet
300Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
   P-Channel Enhancement Mode MOSFET
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
   P-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM2095P ANPEC-APM2095P Datasheet
201Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095P ANPEC-APM3095P Datasheet
140Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM4461 ANPEC-APM4461 Datasheet
568Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095PU ANPEC-APM3095PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM3195PU ANPEC-APM3195PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4425K ANPEC-APM4425K Datasheet
119Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4435K ANPEC-APM4435K Datasheet
191Kb / 10P
   P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com