Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD25Q40CTEG Datasheet(PDF) 17 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25Q40CTEG
Description  3.3V Uniform Sector Dual and Quad Serial Flash
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25Q40CTEG Datasheet(HTML) 17 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25Q40CTEG Datasheet HTML 13Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q40CTEG Datasheet HTML 14Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q40CTEG Datasheet HTML 15Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q40CTEG Datasheet HTML 16Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q40CTEG Datasheet HTML 17Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q40CTEG Datasheet HTML 18Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q40CTEG Datasheet HTML 19Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q40CTEG Datasheet HTML 20Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q40CTEG Datasheet HTML 21Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 64 page
background image
3.3V Uniform Sector
Dual and Quad Serial Flash
GD25Q40C
17
7.3.
Read Status Register (RDSR) (05H or 35H)
The Read Status Register (RDSR) command is for reading the Status Register. The Status Register may be read at
any time, even while a Program, Erase or Write Status Register cycle is in progress. When one of these cycles is in progress,
it is recommended to check the Write In Progress (WIP) bit before sending a new command to the device. It is also possible
to read the Status Register continuously. For command code “05H”, the SO will output Status Register bits S7~S0. The
command code “35H”, the SO will output Status Register bits S15~S8.
Figure 4. Read Status Register Sequence Diagram
7.4. Write Status Register (WRSR) (01H)
The Write Status Register (WRSR) command allows new values to be written to the Status Register. Before it can be
accepted, a Write Enable (WREN) command must previously have been executed. After the Write Enable (WREN)
command has been decoded and executed, the device sets the Write Enable Latch (WEL).
The Write Status Register (WRSR) command has no effect on S15, S13, S12, S11, S1 and S0 of the Status Register.
CS# must be driven high after the eighth or sixteen bit of the data byte has been latched in. If not, the Write Status Register
(WRSR) command is not executed. If CS# is driven high after eighth bit of the data byte, the CMP and QE bit will be cleared
to 0. As soon as CS# is driven high, the self-timed Write Status Register cycle (whose duration is tW) is initiated. While the
Write Status Register cycle is in progress, the Status Register may still be read to check the value of the Write In Progress
(WIP) bit. The Write In Progress (WIP) bit is 1 during the self-timed Write Status Register cycle, and is 0 when it is completed.
When the cycle is completed, the Write Enable Latch (WEL) is reset.
The Write Status Register (WRSR) command allows the user to change the values of the Block Protect (BP4, BP3,
BP2, BP1, BP0) bits, to define the size of the area that is to be treated as read-only, as defined in Table1. The Write Status
Register (WRSR) command also allows the user to set or reset the Status Register Protect (SRP) bit in accordance with
the Write Protect (WP#) signal. The Status Register Protect (SRP) bit and Write Protect (WP#) signal allow the device to
be put in the Hardware Protected Mode. The Write Status Register (WRSR) command is not executed once the Hardware
Protected Mode is entered.
Figure 5. Write Status Register Sequence Diagram
Command
0
1
2
3
4
5
6
7
05H or 35H
CS#
SCLK
SI
SO
High-Z
8
9 10 11 12 13 14 15
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
7
MSB
S7~S0 or S15~S8 out
S7~S0 or S15~S8 out
MSB
Command
0
1
2
3
4
5
6
7
01H
CS#
SCLK
SI
SO
High-Z
8
9 10 11 12 13 14 15
MSB
7
6
5
4
3
2
1
0
Status Register in
16 17 18 19 20 21 22 23
15 14 13 12 11 10 9
8


Similar Part No. - GD25Q40CTEG

ManufacturerPart #DatasheetDescription
logo
GigaDevice Semiconducto...
GD25Q40C GIGADEVICE-GD25Q40C Datasheet
4Mb / 28P
   MCU
More results

Similar Description - GD25Q40CTEG

ManufacturerPart #DatasheetDescription
logo
GigaDevice Semiconducto...
GD25Q80C GIGADEVICE-GD25Q80C Datasheet
1Mb / 67P
   3.3V Uniform Sector Dual and Quad Serial Flash
GD25Q64C GIGADEVICE-GD25Q64C Datasheet
1Mb / 74P
   3.3V Uniform Sector Dual and Quad Serial Flash
GD25Q127C GIGADEVICE-GD25Q127C Datasheet
1Mb / 79P
   3.3V Uniform Sector Dual and Quad Serial Flash
GD25B257D GIGADEVICE-GD25B257D Datasheet
1Mb / 92P
   3.3V Uniform Sector Dual and Quad Serial Flash
logo
ELM Electronics
GD25Q128CXIGX ELM-GD25Q128CXIGX Datasheet
2Mb / 69P
   3.3V Uniform Sector Dual and Quad Serial Flash
GD25Q32CXIGX ELM-GD25Q32CXIGX Datasheet
3Mb / 50P
   3.3V Uniform Sector Dual and Quad Serial Flash
GD25Q16 ELM-GD25Q16 Datasheet
3Mb / 49P
   3.3V Uniform Sector Dual and Quad Serial Flash
logo
GigaDevice Semiconducto...
GD25R256D GIGADEVICE-GD25R256D Datasheet
1Mb / 82P
   3.3V Uniform Sector Dual and Quad Serial Flash
GD25B64C GIGADEVICE-GD25B64C Datasheet
1Mb / 57P
   3.3V Uniform Sector Dual and Quad Serial Flash
logo
ELM Electronics
GD25Q32 ELM-GD25Q32 Datasheet
3Mb / 50P
   3.3V Uniform Sector Dual and Quad Serial Flash
logo
GigaDevice Semiconducto...
GD25B256D GIGADEVICE-GD25B256D Datasheet
1Mb / 82P
   3.3V Uniform Sector Dual and Quad Serial Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com