Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD590M Datasheet(PDF) 8 Page - Analog Devices

Part # AD590M
Description  Two-Twrminal IC Temperature Transducer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD590M Datasheet(HTML) 8 Page - Analog Devices

Back Button AD590M Datasheet HTML 4Page - Analog Devices AD590M Datasheet HTML 5Page - Analog Devices AD590M Datasheet HTML 6Page - Analog Devices AD590M Datasheet HTML 7Page - Analog Devices AD590M Datasheet HTML 8Page - Analog Devices AD590M Datasheet HTML 9Page - Analog Devices AD590M Datasheet HTML 10Page - Analog Devices AD590M Datasheet HTML 11Page - Analog Devices AD590M Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AD590
Rev. C | Page 8 of 16
0.8°C
MAX
0.8°C MAX
1.6
–1.6
–0.8
0
0.8
–55
150
TEMPERATURE (°C)
0.8°C
MAX
Figure 9. Nonlinearity
Figure 10 shows a circuit in which the nonlinearity is the major
contributor to error over temperature. The circuit is trimmed by
adjusting R1 for a 0 V output with the AD590 at 0°C. R2 is then
adjusted for 10 V out with the sensor at 100°C. Other pairs of
temperatures may be used with this procedure as long as they
are measured accurately by a reference sensor. Note that for
15 V output (150°C) the V+ of the op amp must be greater than
17 V. Also note that V− should be at least −4 V; if V− is ground,
there is no voltage applied across the device.
30pF
AD707A
100mV/°C
VT = 100mV/°C
AD590
AD581
V–
35.7k
R1
2k
97.6k
R2
5k
27k
15V
Figure 10. 2-Temperature Trim
2
–2
0
–55
0
150
100
TEMPERATURE (°C)
Figure 11. Typical 2-Trim Accuracy
VOLTAGE AND THERMAL ENVIRONMENT EFFECTS
The power supply rejection specifications show the maximum
expected change in output current versus input voltage changes.
The insensitivity of the output to input voltage allows the use of
unregulated supplies. It also means that hundreds of ohms of
resistance (such as a CMOS multiplexer) can be tolerated in
series with the device.
It is important to note that using a supply voltage other than 5 V
does not change the PTAT nature of the AD590. In other words,
this change is equivalent to a calibration error and can be
removed by the scale factor trim (see Figure 8).
The AD590 specifications are guaranteed for use in a low
thermal resistance environment with 5 V across the sensor.
Large changes in the thermal resistance of the sensor’s
environment change the amount of self-heating and result in
changes in the output, which are predictable but not necessarily
desirable.
The thermal environment in which the AD590 is used
determines two important characteristics: the effect of self-
heating and the response of the sensor with time. Figure 12 is a
model of the AD590 that demonstrates these characteristics.
θJC
θCA
TJ
P
CCH
CC
TA
+
TC
Figure 12. Thermal Circuit Model
As an example, for the TO-52 package, θJC is the thermal
resistance between the chip and the case, about 26°C/W. θCA is
the thermal resistance between the case and the surroundings
and is determined by the characteristics of the thermal
connection. Power source P represents the power dissipated on
the chip. The rise of the junction temperature, TJ, above the
ambient temperature TA is
(
)
CA
JC
A
J
P
T
T
θ
+
θ
=
Equation 1.
Table 4 gives the sum of θJC and θCA for several common
thermal media for both the H and F packages. The heat sink
used was a common clip-on. Using Equation 1, the temperature
rise of an AD590 H package in a stirred bath at 25°C, when
driven with a 5 V supply, is 0.06°C. However, for the same
conditions in still air, the temperature rise is 0.72°C. For a given
supply voltage, the temperature rise varies with the current and
is PTAT. Therefore, if an application circuit is trimmed with the
sensor in the same thermal environment in which it will be
used, the scale factor trim compensates for this effect over the
entire temperature range.


Similar Part No. - AD590M

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD590MF AD-AD590MF Datasheet
3Mb / 16P
   Two-Terminal IC Temperature Transducer
REV. C
AD590MF AD-AD590MF Datasheet
346Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. E
AD590MF AD-AD590MF Datasheet
423Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. G
AD590MF AD-AD590MF Datasheet
411Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. G
AD590MF AD-AD590MF Datasheet
417Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. G
More results

Similar Description - AD590M

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD590 AD-AD590 Datasheet
3Mb / 16P
   Two-Terminal IC Temperature Transducer
REV. C
logo
Sensitron
AD590 SENSITRON-AD590 Datasheet
32Kb / 2P
   TWO-TERMINAL TEMPERATURE TRANSDUCER
logo
Analog Devices
AD590JH AD-AD590JH Datasheet
417Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. G
AD590JH883B AD-AD590JH883B Datasheet
411Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. G
AD590KF AD-AD590KF Datasheet
423Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. G
AD590JRZ AD-AD590JRZ Datasheet
346Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. E
AD592 AD-AD592 Datasheet
302Kb / 8P
   Low Cost, Precision IC Temperature Transducer
REV. A
AD592ANZ AD-AD592ANZ Datasheet
778Kb / 8P
   Low Cost, Precision IC Temperature Transducer
REV. A
AD592BNZ AD-AD592BNZ Datasheet
778Kb / 8P
   LOW COST, PRECISION IC TEMPERATURE TRANSDUCER
REV. A
AD592 AD-AD592_15 Datasheet
778Kb / 8P
   LOW COST PRECISION IC TEMPERATURE TRANSDUCER
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com