Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APA4863 Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APA4863
Description  Stereo 2.2W Audio Power Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA4863 Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APA4863 Datasheet HTML 1Page - Anpec Electronics Coropration APA4863 Datasheet HTML 2Page - Anpec Electronics Coropration APA4863 Datasheet HTML 3Page - Anpec Electronics Coropration APA4863 Datasheet HTML 4Page - Anpec Electronics Coropration APA4863 Datasheet HTML 5Page - Anpec Electronics Coropration APA4863 Datasheet HTML 6Page - Anpec Electronics Coropration APA4863 Datasheet HTML 7Page - Anpec Electronics Coropration APA4863 Datasheet HTML 8Page - Anpec Electronics Coropration APA4863 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.3 - Apr., 2001
APA4863
www.anpec.com.tw
3
Min.
Typ.
Max.
Unit
Supply Voltage, V
DD
35
5.5
V
V
DD=5V,
250mW/Ch average
power
4-
Ω stereo BTL drive, with
proper PCB design
-20
85
Operating free-air
temperature, T
A
V
DD=5V,
1.8 W/Ch average
power
4-
Ω stereo BTL drive, with
proper PCB design and 300
CFM forced-air cooling
-20
85
°C
V
DD=5 V
1.25
4.5
Common mode
input voltage, V
ICM
V
DD=3.3V
1.25
2.7
V
Recommended Operating Conditions
Dissipation Rating Table
Package
Air Flow
(CFM)
Thermal Resistance
θθθθ
JA
°°°C/W)
T
A
≤≤≤25°°°°CT
A=70°
°°°C
SO16 +
0
50
2.5W
1.6W
TSSOP ++
0
200
73.2
66.6
1.7W
1.8W
1.1W
1.2W
TSSOP-P ++
0
200
37.6
32.3
3.3W
3.8W
2.1W
2.4W
+ : The parameter is measured with the recommended copper heat sink pattern on an 2-layer PCB, 11.7 in2 3.0
×2.4 in2 in PCB,
1oz. copper, 3.0
×1.5 in2 in coverage at Top-layer and Bottom-layer at 100% coverage (7.2in2).
++:The parameter is measured with the JEDEC standard test boards (multi-layer PCB).
APA4863
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V
DD
Supply Voltage
3
5.5
V
I
DD
Quiescent Power Supply
Current
V
IN=0V, IO=0A, HP-IN=0V
V
IN=0V, IO=0A, HP-IN=4V
9
5
13.5
7.5
mA
I
SD
Shutdown Current
V
PIN1= VDD
50.5
µA
V
IH
Headphone High Input Voltage
4
V
V
IL
Headphone Low Input Voltage
0.8
V
Electical Characteristics
Electrical Characteristics for Entire IC
The following specifications apply for V
DD= 5V unless otherwise noted. Limits apply for
T
A= 25°C


Similar Part No. - APA4863

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA4863 ANPEC-APA4863 Datasheet
286Kb / 17P
   Stereo 2.2W Audio Power Amplifier
APA4863KI-TRG ANPEC-APA4863KI-TRG Datasheet
286Kb / 17P
   Stereo 2.2W Audio Power Amplifier
APA4863OI-TRG ANPEC-APA4863OI-TRG Datasheet
286Kb / 17P
   Stereo 2.2W Audio Power Amplifier
APA4863RI-TRG ANPEC-APA4863RI-TRG Datasheet
286Kb / 17P
   Stereo 2.2W Audio Power Amplifier
APA4863 ANPEC-APA4863_09 Datasheet
286Kb / 17P
   Stereo 2.2W Audio Power Amplifier
More results

Similar Description - APA4863

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA4863 ANPEC-APA4863_09 Datasheet
286Kb / 17P
   Stereo 2.2W Audio Power Amplifier
logo
Texas Instruments
LM4866 TI1-LM4866 Datasheet
1Mb / 29P
[Old version datasheet]   2.2W Stereo Audio Amplifier
logo
National Semiconductor ...
LM4866 NSC-LM4866 Datasheet
644Kb / 21P
   2.2W Stereo Audio Amplifier
logo
Global Mixed-mode Techn...
G1426 GMT-G1426 Datasheet
309Kb / 13P
   2.2W Stereo Audio Amplifier
logo
Maxim Integrated Produc...
MAX9787 MAXIM-MAX9787 Datasheet
238Kb / 15P
   2.2W Stereo Audio Power Amplifier with Analog Volume Control
Rev 0; 10/05
MAX9787 MAXIM-MAX9787_V01 Datasheet
325Kb / 15P
   2.2W Stereo Audio Power Amplifier with Analog Volume Control
19-3882; Rev 1; 1/07
logo
Kingbor Technology Co
KB4863 KINGBOR-KB4863 Datasheet
600Kb / 19P
   Dual 2.2W Audio Amplifier Plus Stereo Headphone Function
logo
National Semiconductor ...
LM4863 NSC-LM4863 Datasheet
513Kb / 16P
   Dual 2.2W Audio Amplifier Plus Stereo Headphone Function
logo
Unisonic Technologies
L4863 UTC-L4863 Datasheet
449Kb / 10P
   DUAL 2.2W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
LM4863 UTC-LM4863 Datasheet
347Kb / 11P
   DUAL 2.2W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com