Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APA4863OI-TR Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APA4863OI-TR
Description  Stereo 2.2W Audio Power Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA4863OI-TR Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APA4863OI-TR Datasheet HTML 1Page - Anpec Electronics Coropration APA4863OI-TR Datasheet HTML 2Page - Anpec Electronics Coropration APA4863OI-TR Datasheet HTML 3Page - Anpec Electronics Coropration APA4863OI-TR Datasheet HTML 4Page - Anpec Electronics Coropration APA4863OI-TR Datasheet HTML 5Page - Anpec Electronics Coropration APA4863OI-TR Datasheet HTML 6Page - Anpec Electronics Coropration APA4863OI-TR Datasheet HTML 7Page - Anpec Electronics Coropration APA4863OI-TR Datasheet HTML 8Page - Anpec Electronics Coropration APA4863OI-TR Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.3 - Apr., 2001
APA4863
www.anpec.com.tw
2
Block Diagram
(Over operating free-air temperature range unless otherwise noted.)
Absolute Maximum Ratings
Ring
10
4, 13
V
DD
5
0ΚΩ
50K
5
3
- IN A
+ OUT A
R
L
100
µF
To HP-IN Circuit
8
20K
20K
20K
12
14
+ OUT B
R
L
8
20K
20K
20K
- OUT B
- OUT A
C
O
+
1K
100
µF
C
O
+
1K
C
S
0.1
µF
V
DD / 2
6
C
B
2.2
µF
8
+ IN A*
Bypass
11
9
- IN B
+ IN B*
GND
2
,7,15
20K
R
F
20K
R
F
C
1
R
1
Audio
Input
20K
1
µF
C
1
R
1
Audio
Input
20K
1
µF
16
1
100K
Shutdown
HP-IN
To Control Pin on
Headphone Jack
1
00ΚΩ
Headphone Jack
Sleeve
Control
Pin
Tip
V
DD
* +INA and +INB pins are connected to Bypass pin inside the IC.
Note: *1. Human body model : C=100pF, R=1500
Ω, 3 positive pulses plus 3 negative pulses
Symbol
Parameter
Rating
Unit
V
DD
Supply Voltage
6
V
T
A
Operating Ambient Temperature Range
-40 to 85
°C
T
J
Maximum Junction Temperature
150
°C
T
STG
Storage Temperature Range
-65 to +150
°C
T
S
Soldering Temperature,10 seconds
260
°C
V
ESD
Electrostatic Discharge
-2000 to 2000 *1
V


Similar Part No. - APA4863OI-TR

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA4863OI-TRG ANPEC-APA4863OI-TRG Datasheet
286Kb / 17P
   Stereo 2.2W Audio Power Amplifier
More results

Similar Description - APA4863OI-TR

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA4863 ANPEC-APA4863_09 Datasheet
286Kb / 17P
   Stereo 2.2W Audio Power Amplifier
logo
Texas Instruments
LM4866 TI1-LM4866 Datasheet
1Mb / 29P
[Old version datasheet]   2.2W Stereo Audio Amplifier
logo
National Semiconductor ...
LM4866 NSC-LM4866 Datasheet
644Kb / 21P
   2.2W Stereo Audio Amplifier
logo
Global Mixed-mode Techn...
G1426 GMT-G1426 Datasheet
309Kb / 13P
   2.2W Stereo Audio Amplifier
logo
Maxim Integrated Produc...
MAX9787 MAXIM-MAX9787 Datasheet
238Kb / 15P
   2.2W Stereo Audio Power Amplifier with Analog Volume Control
Rev 0; 10/05
MAX9787 MAXIM-MAX9787_V01 Datasheet
325Kb / 15P
   2.2W Stereo Audio Power Amplifier with Analog Volume Control
19-3882; Rev 1; 1/07
logo
Kingbor Technology Co
KB4863 KINGBOR-KB4863 Datasheet
600Kb / 19P
   Dual 2.2W Audio Amplifier Plus Stereo Headphone Function
logo
National Semiconductor ...
LM4863 NSC-LM4863 Datasheet
513Kb / 16P
   Dual 2.2W Audio Amplifier Plus Stereo Headphone Function
logo
Unisonic Technologies
L4863 UTC-L4863 Datasheet
449Kb / 10P
   DUAL 2.2W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
LM4863 UTC-LM4863 Datasheet
347Kb / 11P
   DUAL 2.2W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com