Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S80016LK7LK8TW-75A Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # S80016LK7LK8TW-75A
Description  SYVCHRONOUS DRAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

S80016LK7LK8TW-75A Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  S80016LK7LK8TW-75A Datasheet HTML 1Page - List of Unclassifed Manufacturers S80016LK7LK8TW-75A Datasheet HTML 2Page - List of Unclassifed Manufacturers S80016LK7LK8TW-75A Datasheet HTML 3Page - List of Unclassifed Manufacturers S80016LK7LK8TW-75A Datasheet HTML 4Page - List of Unclassifed Manufacturers S80016LK7LK8TW-75A Datasheet HTML 5Page - List of Unclassifed Manufacturers S80016LK7LK8TW-75A Datasheet HTML 6Page - List of Unclassifed Manufacturers S80016LK7LK8TW-75A Datasheet HTML 7Page - List of Unclassifed Manufacturers S80016LK7LK8TW-75A Datasheet HTML 8Page - List of Unclassifed Manufacturers S80016LK7LK8TW-75A Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
128Mb: x4, x8, x16
SDRAM 3.3V
PDF: 09005aef807827f6 / Source: 09005aef807825bd
128Mb SDRAM
Rev: 11/29/2004
4
www.spectek.com
SpecTek reserves the right to change products or
specifications without notice.
© 2001, 2002, 2004 SpecTek
AC ELECTRICAL CHARACTERISTICS: Vdd = 3.3V
± 10%V, Temp. = 25° to 70°C
AC CHARACTERISTICS
-75A
-75A
-8A
-8A
PARAMETER
SYMBOL
MIN
MAX
MIN
MAX
UNITS
NOTES
Access time from CLK (positive edge) CL = 3
tAC
5.4
6
ns
Access time from CLK (positive edge) CL = 2
tAC
N/A
ns
Address hold time
tAH
0.8
1
ns
Address setup time
tAS
1.5
2
ns
CLK high level width
tCH
2.5
3
ns
CLK low level width
tCL
2.5
3
ns
Clock cycle time CL = 3
tCK
7.5
10
ns
Clock cycle time CL = 2
tCK
N/A
ns
CKE hold time
tCKH
0.8
1
ns
CKE setup time
tCKS
1.5
2
ns
CS#, RAS#, CAS#, WE#, DQM hold time
tCMH
0.8
1
ns
CS#, RAS#, CAS#, WE#, DQM setup time
tCMS
1.5
2
ns
Data-in hold time
tDH
0.8
1
ns
Data-in setup time
tDS
1.5
2
ns
Data-out high impedance time
tHZ
9
9
ns
4
Data-out low impedance time
tLZ
1
2
ns
Data-out hold time
tOH
2.7
3
ns
ACTIVE to PRECHARGE command period
tRAS
44
16K
50
16K
ns
AUTO REFRESH to ACTIVE command period
tRC
60
80
ns
ACTIVE to READ or WRITE delay
tRCD
22.5
30
ns
Refresh period (4096 cycles)
tREF
64
64
ms
PRECHARGE command period
tRP
22.5
30
ns
ACTIVE bank A to bank B command period
tRRD
15
20
ns
Transition time
tT
0.3
2
0.3
2
ns
Write recovery time
tWR
20
20
ns
3
Exit SELF REFRESH to ACTIVE command
tXSR
8
8
tCK
READ/WRITE command to READ/WRITE command
tCCD
1
1
tCK
1
CKE to clock disable or power down entry mode
tCKED
1
1
tCK
2
CKE to clock enable or power down exit setup
tPED
1
1
tCK
2
AC ELECTRICAL CHARACTERISTICS: Vdd = 3.3V
± 10%V, Temp. = 25° to 70°C
AC CHARACTERISTICS
-75A
-75A
-8
-8
PARAMETER
SYMBOL
MIN
MAX
MIN
MAX
UNITS
NOTES
DQM to input data delay
tDQD
0
0
tCK
1
WRITE command to input data delay
tDWD
0
0
tCK
1
Data-in to ACTIVATE command w/ Auto precharge
tDAL
5
5
tCK
3
Data-in to precharge
tDPL
2
2
tCK
2, 3
Last data-in to precharge command
tRDL
2
2
tCK
1
LOAD MODE REGISTER command to command
tMRD
2
2
tCK
1
Data-out to high impedance from precharge
tROH
3
3
tCK
1
NOTES:
1.
Clocks required specified by JEDEC functionality and not dependent on any timing parameter.
2.
Timing actually specified by tCKS, clock(s) specified as a reference only at a minimum cycle rate.
3.
Timing actually specified by tWR plus tRP clock(s) specified as a reference only at a minimum cycle rate.
4.
tHZ defines the time at which the output achieves the open circuit condition; it is not a reference to Voh or Vol. The last valid data
element will meet tOH before going high-Z.
5.
Based on tCK = 10ns for –8 and tCK = 7.5ns for –75a


Similar Part No. - S80016LK7LK8TW-75A

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
S8000 COOPER-S8000 Datasheet
120Kb / 2P
   1/4" x 11/4" Fuse Blocks
S8000_SPECS COOPER-S8000_SPECS Datasheet
69Kb / 2P
   1/4x1-1/4 Fuseblocks
logo
Teccor Electronics
S8006D TECCOR-S8006D Datasheet
222Kb / 12P
   SCRs
logo
Littelfuse
S8006D LITTELFUSE-S8006D Datasheet
212Kb / 12P
   SCRs (1 A to 70 A)
S8006D LITTELFUSE-S8006D Datasheet
218Kb / 12P
   RoHS Compliant, Electrically-isolated package
More results

Similar Description - S80016LK7LK8TW-75A

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT4LC8M8E1 MICRON-MT4LC8M8E1 Datasheet
382Kb / 20P
   DRAM
MT4LC4M4B1 MICRON-MT4LC4M4B1 Datasheet
360Kb / 20P
   DRAM
MT4LC8M8P4 MICRON-MT4LC8M8P4 Datasheet
397Kb / 22P
   DRAM
MT4LC16M4A7 MICRON-MT4LC16M4A7 Datasheet
350Kb / 20P
   DRAM
MT4LC4M16F5 MICRON-MT4LC4M16F5 Datasheet
339Kb / 19P
   DRAM
MT4LC4M16R6-1 MICRON-MT4LC4M16R6-1 Datasheet
413Kb / 24P
   DRAM
MT4LC4M16R6 MICRON-MT4LC4M16R6 Datasheet
474Kb / 24P
   DRAM
MT4LC16M4G3 MICRON-MT4LC16M4G3 Datasheet
386Kb / 22P
   DRAM
MT48LC16M4A2 MICRON-MT48LC16M4A2 Datasheet
1Mb / 55P
   SYNCHRONOUS DRAM
MT48LC1M16A1 MICRON-MT48LC1M16A1 Datasheet
1Mb / 51P
   SYNCHRONOUS DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com