Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S80016LK7LK7FB-75A Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # S80016LK7LK7FB-75A
Description  SYVCHRONOUS DRAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

S80016LK7LK7FB-75A Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  S80016LK7LK7FB-75A Datasheet HTML 1Page - List of Unclassifed Manufacturers S80016LK7LK7FB-75A Datasheet HTML 2Page - List of Unclassifed Manufacturers S80016LK7LK7FB-75A Datasheet HTML 3Page - List of Unclassifed Manufacturers S80016LK7LK7FB-75A Datasheet HTML 4Page - List of Unclassifed Manufacturers S80016LK7LK7FB-75A Datasheet HTML 5Page - List of Unclassifed Manufacturers S80016LK7LK7FB-75A Datasheet HTML 6Page - List of Unclassifed Manufacturers S80016LK7LK7FB-75A Datasheet HTML 7Page - List of Unclassifed Manufacturers S80016LK7LK7FB-75A Datasheet HTML 8Page - List of Unclassifed Manufacturers S80016LK7LK7FB-75A Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
128Mb: x4, x8, x16
SDRAM 3.3V
PDF: 09005aef807827f6 / Source: 09005aef807825bd
128Mb SDRAM
Rev: 11/29/2004
5
www.spectek.com
SpecTek reserves the right to change products or
specifications without notice.
© 2001, 2002, 2004 SpecTek
54-PIN PLASTIC TSOP (400 mil)
(Package TK)
NOTE:
1. All dimensions in millimeters MAX/MIN or typical where noted.
2. Package width and length do not include mold protrusion; allowable mold protrusion is 0.25mm per side.


Similar Part No. - S80016LK7LK7FB-75A

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
S8000 COOPER-S8000 Datasheet
120Kb / 2P
   1/4" x 11/4" Fuse Blocks
S8000_SPECS COOPER-S8000_SPECS Datasheet
69Kb / 2P
   1/4x1-1/4 Fuseblocks
logo
Teccor Electronics
S8006D TECCOR-S8006D Datasheet
222Kb / 12P
   SCRs
logo
Littelfuse
S8006D LITTELFUSE-S8006D Datasheet
212Kb / 12P
   SCRs (1 A to 70 A)
S8006D LITTELFUSE-S8006D Datasheet
218Kb / 12P
   RoHS Compliant, Electrically-isolated package
More results

Similar Description - S80016LK7LK7FB-75A

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT4LC8M8E1 MICRON-MT4LC8M8E1 Datasheet
382Kb / 20P
   DRAM
MT4LC4M4B1 MICRON-MT4LC4M4B1 Datasheet
360Kb / 20P
   DRAM
MT4LC8M8P4 MICRON-MT4LC8M8P4 Datasheet
397Kb / 22P
   DRAM
MT4LC16M4A7 MICRON-MT4LC16M4A7 Datasheet
350Kb / 20P
   DRAM
MT4LC4M16F5 MICRON-MT4LC4M16F5 Datasheet
339Kb / 19P
   DRAM
MT4LC4M16R6-1 MICRON-MT4LC4M16R6-1 Datasheet
413Kb / 24P
   DRAM
MT4LC4M16R6 MICRON-MT4LC4M16R6 Datasheet
474Kb / 24P
   DRAM
MT4LC16M4G3 MICRON-MT4LC16M4G3 Datasheet
386Kb / 22P
   DRAM
MT48LC16M4A2 MICRON-MT48LC16M4A2 Datasheet
1Mb / 55P
   SYNCHRONOUS DRAM
MT48LC1M16A1 MICRON-MT48LC1M16A1 Datasheet
1Mb / 51P
   SYNCHRONOUS DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com