Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-AB8X-XX000 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # HLMP-AB8X-XX000
Description  5mm Mini Oval Precision Optical Performance Red, Blue and Green LEDs.
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-AB8X-XX000 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  HLMP-AB8X-XX000 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-AB8X-XX000 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-AB8X-XX000 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-AB8X-XX000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-AB8X-XX000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-AB8X-XX000 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-AB8X-XX000 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-AB8X-XX000 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Part Numbering System
Notes:
1. Derate linearly as shown in figure 3 and figure 7.
2. Duty factor 10%, frequency 1KHz.
3. Duty factor 30%, frequency 1Khz.
4. 1.59 mm (0.06 inch) below body.
Absolute Maximum Rating at TA = 25oC
Parameters
Blue and Green
Red
Unit
DC forward current [1]
30
50
mA
Peak pulsed forward current
100 [2]
100 [3]
mA
Average forward current
30
30
mA
Power dissipation
120
140
mW
LED junction temperature
110
130
oC
Operating temperature range
-40 to +85
-40 to +100
oC
Storage temperature range
-40 to +100
-40 to +120
oC
Wave soldering temperature [4]
250 for 3 seconds
oC
Mechanical Option
00: Bulk
DD: Ammo Pack
ZZ: Flexi-Bin, Ammo pack
Color Bin Options
0: Full color bin distribution
Maximum Intensity Bin
Refer to Device Selection Guide
Minimum Intensity Bin
Refer to Device Selection Guide
Color
B: Blue 470nm
M: Green 525nm
D: Red 630nm
Package
A: 5mm Mini Oval
H L M P
-
-8x
x
x x xx
xx


Similar Part No. - HLMP-AB8X-XX000

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-AB86 AVAGO-HLMP-AB86 Datasheet
353Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Mini Oval LEDs
HLMP-AB86-MQ000 AVAGO-HLMP-AB86-MQ000 Datasheet
353Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Mini Oval LEDs
HLMP-AB86-MQ0DD AVAGO-HLMP-AB86-MQ0DD Datasheet
353Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Mini Oval LEDs
HLMP-AB86-MQ0ZZ AVAGO-HLMP-AB86-MQ0ZZ Datasheet
353Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Mini Oval LEDs
HLMP-AB87 AVAGO-HLMP-AB87 Datasheet
353Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Mini Oval LEDs
More results

Similar Description - HLMP-AB8X-XX000

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-AD61 AVAGO-HLMP-AD61 Datasheet
204Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Mini Oval LEDs
HLMP-AD85 AVAGO-HLMP-AD85 Datasheet
353Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Mini Oval LEDs
HLMP-AG64 AVAGO-HLMP-AG64 Datasheet
231Kb / 12P
   Precision Optical Performance Red Green and Blue New 5mm Mini Oval LEDs
logo
Broadcom Corporation.
HLMP-AG64 BOARDCOM-HLMP-AG64 Datasheet
231Kb / 12P
   Precision Optical Performance Red Green and Blue New 5mm Mini Oval LEDs
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HD61 AVAGO-HLMP-HD61 Datasheet
272Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Standard Oval LEDs
HLMP-HG63 AVAGO-HLMP-HG63 Datasheet
449Kb / 12P
   Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
HLMP-HG64 AVAGO-HLMP-HG64 Datasheet
265Kb / 12P
   Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
HLMP-HG65 AVAGO-HLMP-HG65 Datasheet
884Kb / 14P
   Precision Optical Performance Red, Green, and Blue New 5mm Standard Oval LEDs
HLMP-LD15 AVAGO-HLMP-LD15 Datasheet
428Kb / 12P
   Precision Optical Performance Red, Green and Blue 4mm Standard Oval LEDs
HLMP-HD55 AVAGO-HLMP-HD55 Datasheet
333Kb / 12P
   Precision Optical Performance Red, Green and Blue 5 mm Standard Oval LEDs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com