Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5340-DZZ Datasheet(PDF) 4 Page - Cirrus Logic

Part # CS5340-DZZ
Description  101 dB, 192kHz, MULTI-BIT AUDIO A/D CONVERTER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5340-DZZ Datasheet(HTML) 4 Page - Cirrus Logic

  CS5340-DZZ Datasheet HTML 1Page - Cirrus Logic CS5340-DZZ Datasheet HTML 2Page - Cirrus Logic CS5340-DZZ Datasheet HTML 3Page - Cirrus Logic CS5340-DZZ Datasheet HTML 4Page - Cirrus Logic CS5340-DZZ Datasheet HTML 5Page - Cirrus Logic CS5340-DZZ Datasheet HTML 6Page - Cirrus Logic CS5340-DZZ Datasheet HTML 7Page - Cirrus Logic CS5340-DZZ Datasheet HTML 8Page - Cirrus Logic CS5340-DZZ Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
CS5340
4
DS601PP2
1
CHARACTERISTICS AND SPECIFICATIONS
(All Min/Max characteristics and specifications are guaranteed over the Specified Operating Conditions. Typical
performance characteristics and specifications are derived from measurements taken at typical supply voltages
and TA = 25°C.)
SPECIFIED OPERATING CONDITIONS
(GND = 0 V, all voltages with respect to 0 V.)
Notes: 1. This part is specified at typical analog voltages of 3.3 V and 5.0 V. See Analog Characteristics (CS5340-
CZ/CZZ) and Analog Characteristics (CS5340-DZZ), below, for details.
ABSOLUTE MAXIMUM RATINGS
(GND = 0 V, All voltages with respect to ground.) (Note 4)
Notes: 2. Any pin except supplies. Transient currents of up to ±100 mA on the analog input pins will not cause SRC
latch-up.
3. The maximum over/under voltage is limited by the input current.
4. Operation beyond these limits may result in permanent damage to the device.
Normal operation is not guaranteed at these extremes.
Parameter
Symbol
Min
Typ
Max
Unit
Power Supplies
Analog
Digital
Logic
VA
VD
VL
3.1
3.1
1.7
(Note 1)
3.3
3.3
5.25
5.25
5.25
V
V
V
Ambient Operating Temperature
Commercial (-CZ/CZZ)
(-DZZ)
TAC
TAC
-10
-40
-
-
70
85
°C
°C
Parameter
Symbol
Min
Max
Units
DC Power Supplies:
Analog
Logic
Digital
VA
VL
VD
-0.3
-0.3
-0.3
+6.0
+6.0
+6.0
V
V
V
Input Current
(Note 2)
Iin
-
±10
mA
Analog Input Voltage
(Note 3)
VIN
GND-0.7
VA+0.7
V
Digital Input Voltage
(Note 3)
VIND
-0.7
VL+0.7
V
Ambient Operating Temperature (Power Applied)
TA
-50
+95
°C
Storage Temperature
Tstg
-65
+150
°C


Similar Part No. - CS5340-DZZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5340-DZZ CIRRUS-CS5340-DZZ Datasheet
430Kb / 22P
   101 dB, 192kHz, MULTI-BIT AUDIO A/D CONVERTER
CS5340-DZZ CIRRUS-CS5340-DZZ Datasheet
405Kb / 22P
   101 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5340-DZZR CIRRUS-CS5340-DZZR Datasheet
430Kb / 22P
   101 dB, 192kHz, MULTI-BIT AUDIO A/D CONVERTER
CS5340-DZZR CIRRUS-CS5340-DZZR Datasheet
405Kb / 22P
   101 dB, 192 kHz, Multi-Bit Audio A/D Converter
More results

Similar Description - CS5340-DZZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5340 CIRRUS-CS5340_06 Datasheet
430Kb / 22P
   101 dB, 192kHz, MULTI-BIT AUDIO A/D CONVERTER
CS5340 CIRRUS-CS5340_08 Datasheet
405Kb / 22P
   101 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5361 CIRRUS-CS5361_05 Datasheet
464Kb / 23P
   114 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5381 CIRRUS-CS5381 Datasheet
292Kb / 24P
   120 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5342 CIRRUS-CS5342 Datasheet
400Kb / 22P
   105 dB, 192 kHz, MULTI-BIT AUDIO A/D CONVERTER
CS5342 CIRRUS-CS5342_06 Datasheet
403Kb / 21P
   105 dB, 192 kHz, Multi-bit Audio A/D Converter
CS5341 CIRRUS-CS5341_06 Datasheet
403Kb / 22P
   105 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5351 CIRRUS-CS5351_07 Datasheet
558Kb / 23P
   108 dB, 192 kHz, Multi-bit Audio A/D Converter
CS5341 CIRRUS-CS5341 Datasheet
437Kb / 24P
   105 dB, 192 kHz, MULTI-BIT AUDIO A/D CONVERTER
CS5351 CIRRUS-CS5351 Datasheet
499Kb / 24P
   108 dB, 192 kHz, Multi-Bit Audio A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com