Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-J314-300 Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

Part # HCPL-J314-300
Description  0.4 Amp Output Current IGBT Gate Drive Optocoupler
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-J314-300 Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

Back Button HCPL-J314-300 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-J314-300 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-J314-300 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-J314-300 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-J314-300 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-J314-300 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-J314-300 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-J314-300 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-J314-300 Datasheet HTML 12Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8
Switching Specifications (AC)
Over recommended operating conditions unless otherwise specified.
Test
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
Fig.
Note
Propagation Delay Time to
tPLH
0.1
0.2
0.7
µs
Rg = 47
Ω,
10,11,
14
High Output Level
Cg = 3 nF,
12,13,
Propagation Delay Time to
tPHL
0.1
0.3
0.7
µs
f = 10 kHz,
14,17
Low Output Level
Duty Cycle =
Propagation Delay
PDD
-0.5
0.5
µs
50%,
10
Difference Between Any
IF = 8 mA,
Two Parts or Channels
VCC = 30 V
Rise Time
tR
50
ns
Fall Time
tF
50
ns
Output High Level Common
|CMH|
10
30
kV/
µsTA = 25°C,
18
11
Mode Transient Immunity
VCM = 1.5 kV
Output Low Level Common
|CML|
10
30
kV/
µs18
12
Mode Transient Immunity
Package Characteristics
For each channel unless otherwise specified.
Test
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
Fig.
Note
Input-Output Momentary
VISO
3750
Vrms
TA=25
°C,
8,9
Withstand Voltage
RH<50% for
Output-Output Momentary
VO-O
1500
Vrms
1 min.
15
Withstand Voltage
Input-Output Resistance
RI-O
1012
VI-O=500 V
9
Input-Output Capacitance
CI-O
1.2
pF
Freq=1 MHz
Notes:
1. Derate linearly above 70
°C free air temperature at a rate of 0.3 mA/°C.
2. Maximum pulse width = 10
µs, maximum duty cycle = 0.2%. This value is intended to allow for component tolerances for designs
with IO peak minimum = 0.4 A. See Application section for additional details on limiting IOL peak.
3. Derate linearly above 85
°C, free air temperature at the rate of 4.0 mW/°C.
4. Input power dissipation does not require derating.
5. Maximum pulse width = 50
µs, maximum duty cycle = 0.5%.
6. In this test, VOH is measured with a DC load current. When driving capacitive load VOH will approach VCC as IOH approaches zero
amps.
7. Maximum pulse width = 1 ms, maximum duty cycle = 20%.
8. In accordance with UL 1577, each HCPL-J314 optocoupler is proof tested by applying an insulation test voltage
≥ 5000 V
rms for
1 second (leakage detection current limit II-O ≤ 5 µA). This test is performed before 100% production test for partial discharge
(method B) shown in the IEC/EN/DIN EN 60747-5-2 Insulation Characteristics Table, if applicable.
9. Device considered a two-terminal device: pins on input side shorted together and pins on output side shorted together.
10. PDD is the difference between tPHL and tPLH between any two parts or channels under the same test conditions.
11. Common mode transient immunity in the high state is the maximum tolerable |dVcm/dt| of the common mode pulse VCM to
assure that the output will remain in the high state (i.e. Vo > 6.0 V).
12. Common mode transient immunity in a low state is the maximum tolerable |dVCM/dt| of the common mode pulse, VCM, to assure
that the output will remain in a low state (i.e. Vo < 1.0 V).
13. This load condition approximates the gate load of a 1200 V/25 A IGBT.
14. For each channel. The power supply current increases when operating frequency and Qg of the driven IGBT increases.
15. Device considered a two terminal device: Channel one output side pins shorted together, and channel two output side pins shorted
together.


Similar Part No. - HCPL-J314-300

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-J314-300E AVAGO-HCPL-J314-300E Datasheet
324Kb / 16P
   0.6 Amp Output Current IGBT Gate Drive Optocoupler
More results

Similar Description - HCPL-J314-300

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-314J HP-HCPL-314J Datasheet
420Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-314J AVAGO-HCPL-314J_11 Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J-500E AVAGO-HCPL-314J-500E Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-0314-000E AVAGO-HCPL-0314-000E Datasheet
424Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-0302-500 AVAGO-HCPL-0302-500 Datasheet
227Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-T251-500E AVAGO-HCPL-T251-500E Datasheet
259Kb / 6P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3140-000E AVAGO-HCPL-3140-000E Datasheet
424Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3020-500E AVAGO-HCPL-3020-500E Datasheet
227Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-0302 AVAGO-HCPL-0302 Datasheet
227Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J AVAGO-HCPL-314J Datasheet
287Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com