Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STC12LE2052 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # STC12LE2052
Description  STC12C2052AD
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

STC12LE2052 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button STC12LE2052 Datasheet HTML 5Page - List of Unclassifed Manufacturers STC12LE2052 Datasheet HTML 6Page - List of Unclassifed Manufacturers STC12LE2052 Datasheet HTML 7Page - List of Unclassifed Manufacturers STC12LE2052 Datasheet HTML 8Page - List of Unclassifed Manufacturers STC12LE2052 Datasheet HTML 9Page - List of Unclassifed Manufacturers STC12LE2052 Datasheet HTML 10Page - List of Unclassifed Manufacturers STC12LE2052 Datasheet HTML 11Page - List of Unclassifed Manufacturers STC12LE2052 Datasheet HTML 12Page - List of Unclassifed Manufacturers STC12LE2052 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 71 page
background image
宏晶科技:www.MCU-Memory.com   Mobile:13922805190(姚永平)   Tel:0755-82948409    Fax: 0755-82944243
宏晶科技:专业单片机 / 存储器供应商   www.MCU-Memory.com   STC12C2052AD 系列 1T 8051 单片机中文指南
助记符
功能说明
字节数
12时钟/周期
所需时钟
1时钟/周期
所需时钟
ADD     A,Rn
寄存器内容加到累加器
12
ADD     A,direct
直接地址单元中的数据加到累加器
12
ADD     A,@Ri
间接RAM中的数据加到累加器
12
ADD     A,#data
立即加到累加器
12
ADDC    A,Rn
寄存器内容带进位加到累加器
12
ADDC    A,direct
直接地址单元的内容带进位加到累加器
12
ADDC    A,@Ri
间接RAM内容带进位加到累加器
12
ADDC    A,#data
立即数带进位加到累加器
12
SUBB    A,Rn
累加器带借位减寄存器内容
12
SUBB    A,direct
累加器带借位减直接地址单元的内容
12
SUBB    A,@Ri
累加器带借位减间接RAM中的内容
12
SUBB    A,#data
累加器带借位减立即数
12
INC     A
累加器加1
12
INC     Rn
寄存器加1
12
INC     direct
直接地址单元加1
12
INC     @Ri
间接RAM单元加1
12
DEC     A
累加器减1
12
DEC     Rn
寄存器减1
12
DEC     direct
直接地址单元减1
12
DEC     @Ri
间接RAM单元减1
12
INC     DPTR
地址寄存器DPTR加1
24
MUL     AB
A乘以B
48
DIV     AB
A除以B
48
DA      A 
累加器十进制调整
12
助记符
功能说明
字节数
12时钟/周期
所需时钟
1时钟/周期
所需时钟
ANL     A,Rn
累加器与寄存器相“与”
12
ANL     A,direct
累加器与直接地址单元相“与”
12
ANL     A,@Ri
累加器与间接RAM单元相“与”
12
ANL     A,#data
累加器与立即数相“与”
12
ANL     direct,A
直接地址单元与累加器相“与”
12
ANL     direct,#data
直接地址单元与立即数相“与”
24
ORL     A,Rn
累加器与寄存器相“或”
12
ORL     A,direct
累加器与直接地址单元相“或”
12
ORL     A,@Ri
累加器与间接RAM单元相“或”
12
ORL     A,#data
累加器与立即数相“或”
12
ORL     direct,A
直接地址单元与累加器相“或”
12
ORL     direct,#data
直接地址单元与立即数相“或”
24
XRL     A,Rn
累加器与寄存器相“异或”
12
XRL     A,direct
累加器与直接地址单元相“异或”
12
XRL     A,@Ri
累加器与间接RAM单元相“异或”
12
XRL     A,#data
累加器与立即数相“异或”
12
XRL     direct,A
直接地址单元与累加器相“异或”
12
XRL     direct,#data
直接地址单元与立即数相“异或”
24
CLR     A
累加器清“0”
12
CPL     A
累加器求反
12
RL      A
累加器循环左移
12
RLC     A
累加器带进位位循环左移
12
RR      A
累加器循环右移
12
RRC     A
累加器带进位位循环右移
12
SWAP    A
累加器半字节交换
12
算术操作类指令
   逻辑操作类指令


Similar Part No. - STC12LE2052

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STC12LE5402 ETC1-STC12LE5402 Datasheet
1Mb / 149P
   STC12C5410AD
STC12LE5402AD ETC1-STC12LE5402AD Datasheet
1Mb / 149P
   STC12C5410AD
STC12LE5404 ETC1-STC12LE5404 Datasheet
1Mb / 149P
   STC12C5410AD
STC12LE5404AD ETC1-STC12LE5404AD Datasheet
1Mb / 149P
   STC12C5410AD
STC12LE5406 ETC1-STC12LE5406 Datasheet
1Mb / 149P
   STC12C5410AD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com