Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ILC7010AIC526X Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # ILC7010AIC526X
Description  80mA SC70 Low Noise CMOS RF-LDO Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ILC7010AIC526X Datasheet(HTML) 1 Page - Fairchild Semiconductor

  ILC7010AIC526X Datasheet HTML 1Page - Fairchild Semiconductor ILC7010AIC526X Datasheet HTML 2Page - Fairchild Semiconductor ILC7010AIC526X Datasheet HTML 3Page - Fairchild Semiconductor ILC7010AIC526X Datasheet HTML 4Page - Fairchild Semiconductor ILC7010AIC526X Datasheet HTML 5Page - Fairchild Semiconductor ILC7010AIC526X Datasheet HTML 6Page - Fairchild Semiconductor ILC7010AIC526X Datasheet HTML 7Page - Fairchild Semiconductor ILC7010AIC526X Datasheet HTML 8Page - Fairchild Semiconductor ILC7010AIC526X Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
www.fairchildsemi.com
REV. 1.0.5 3/21/02
Features
• 1% output voltage accuracy
• Low noise
• Only 75µA ground current at 80mA load
• Ripple rejection up to 75dB at 1kHz
• Excellent line and load transient response
• Guaranteed to 80mA output current
• Industry standard five lead SC70 packages
• Fixed 2.5V, 2.6V, 2.7V, 2.8V, 2.85V, 2.9V, 3.0V, 3.1V,
3.3V and custom output voltage options
Applications
• Cellular phones
• Wireless communicators
• PDAs / palmtops / organizers
• Battery powered portable electronics
General Description
The ILC7010/7011 is an 80mA, Ultra Low Noise, Low
Dropout (LDO) linear regulator, designed and processed in
CMOS technology. This process combines the best CMOS
features of low quiescent current, small size and low dropout
voltage with the best bipolar features of high ripple rejection,
ultra low noise and power handling capability. The ILC7010/
7011 offers a quiescent current of less than 100
µA, a logic
level enable (regulator EN) pin, a footprint that is half the
size of the industry standard SOT-23, and a low dropout
voltage of 25mV at 10mA. With better than 70 dB (1kHz) of
ripple rejection, low noise of 40µV RMS and 1% output
voltage accuracy, the ILC7010/7011 sets a new standard in
linear regulators for communications and personal
electronics applications.
Block Diagram
VIN
CN
(ILC7011
only)
EN
+
GND
VOUT
Error
Amplifier
Voltage
Reference
Thermal
Shut
Down
Trans-
conductance
Amplifier
ILC7010/7011
80mA SC70 Low Noise CMOS RF-LDO™ Regulator


Similar Part No. - ILC7010AIC526X

ManufacturerPart #DatasheetDescription
logo
Impala Linear Corporati...
ILC7010 IMPALA-ILC7010 Datasheet
50Kb / 4P
   80MA SC70 ULTRA LOW NOISE CMOS RF-LDO REGULATOR
ILC7010C5-28 IMPALA-ILC7010C5-28 Datasheet
50Kb / 4P
   80MA SC70 ULTRA LOW NOISE CMOS RF-LDO REGULATOR
ILC7010C5-30 IMPALA-ILC7010C5-30 Datasheet
50Kb / 4P
   80MA SC70 ULTRA LOW NOISE CMOS RF-LDO REGULATOR
ILC7010C5-33 IMPALA-ILC7010C5-33 Datasheet
50Kb / 4P
   80MA SC70 ULTRA LOW NOISE CMOS RF-LDO REGULATOR
ILC7010C5-36 IMPALA-ILC7010C5-36 Datasheet
50Kb / 4P
   80MA SC70 ULTRA LOW NOISE CMOS RF-LDO REGULATOR
More results

Similar Description - ILC7010AIC526X

ManufacturerPart #DatasheetDescription
logo
Impala Linear Corporati...
ILC7010 IMPALA-ILC7010 Datasheet
50Kb / 4P
   80MA SC70 ULTRA LOW NOISE CMOS RF-LDO REGULATOR
ILC7011 IMPALA-ILC7011 Datasheet
46Kb / 4P
   80mA SC70 Ultra Low Noise CMOS RF-LDO??Regulator
logo
Taiwan Semiconductor Co...
TS5204 TSC-TS5204_13 Datasheet
205Kb / 9P
   80mA Low Noise LDO Voltage Regulator
TS5213 TSC-TS5213_15 Datasheet
310Kb / 8P
   80mA Low Noise LDO Voltage Regulator with Enable Function
TS5213 TSC-TS5213_10 Datasheet
550Kb / 8P
   80mA Low Noise LDO Voltage Regulator with Enable Function
TS5213 TSC-TS5213 Datasheet
411Kb / 8P
   80mA Low Noise LDO Voltage Regulator with Enable Function
logo
National Semiconductor ...
LMS5213 NSC-LMS5213 Datasheet
271Kb / 10P
   80mA, uCap, Low Dropout Voltage Regulator in SC70
logo
Fairchild Semiconductor
ILC7083 FAIRCHILD-ILC7083 Datasheet
472Kb / 16P
   150mA SOT-23 Low Noise CMOS RF-LDO??Regulator
logo
Exar Corporation
SP6260 EXAR-SP6260_11 Datasheet
738Kb / 13P
   200mA RF Low Noise LDO Regulator
logo
Global Mixed-mode Techn...
AT1203 GMT-AT1203 Datasheet
199Kb / 2P
   Low Noise, 300mA CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com