Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STC12C0254 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # STC12C0254
Description  STC12C2052AD
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

STC12C0254 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button STC12C0254 Datasheet HTML 2Page - List of Unclassifed Manufacturers STC12C0254 Datasheet HTML 3Page - List of Unclassifed Manufacturers STC12C0254 Datasheet HTML 4Page - List of Unclassifed Manufacturers STC12C0254 Datasheet HTML 5Page - List of Unclassifed Manufacturers STC12C0254 Datasheet HTML 6Page - List of Unclassifed Manufacturers STC12C0254 Datasheet HTML 7Page - List of Unclassifed Manufacturers STC12C0254 Datasheet HTML 8Page - List of Unclassifed Manufacturers STC12C0254 Datasheet HTML 9Page - List of Unclassifed Manufacturers STC12C0254 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 71 page
background image
宏晶科技:www.MCU-Memory.com   Mobile:13922805190(姚永平)   Tel:0755-82948409    Fax: 0755-82944243
宏晶科技:专业单片机 / 存储器供应商   www.MCU-Memory.com   STC12C2052AD 系列 1T 8051 单片机中文指南
8
R2IN
R2OUT
9
0.1uF
2
V+
GND 15
1
C1+
Vcc 16
Vcc
3
C1-
T1OUT 14
5
C2-
R1OUT 12
6
V-
T1IN
11
7
T2OUT
T2IN 10
PC_RxD (COM Pin2)
4
C2+
R1IN 13
PC_TxD (COM Pin3)
Gnd
PC / 电脑 串口
  STC3232,STC232,MAX232,SP232
U1-P1.0
U1-P1.1
MCU-VCC
U1-P3.0
U1-P3.1
GND
USB+5V T1OUT
GND
R1IN
USB1
1  RST                         VCC  20
2  RxD/P3.0        P1.7/SCLK/ADC7  19
3  TxD/P3.1       P1.6/MISO/ADC6  18
4  XTAL2           P1.5/MOSI/ADC5  17
6  INT0/P3.2            P1.3/ADC3  15
7  INT1/P3.3            P1.2/ADC2  14
8  ECI/T0/P3.4          P1.1/ADC1  13
9  PWM1/PCA1/T1/P3.5   P1.0/ADC0  12
10  Gnd             P3.7/PCA0/PWM0  11
5  XTAL1             P1.4/SS/ADC4  16
1K
1K
Vcc
Power On
SW1
电源开关
USB +5V
    STC 单片机 典型应用电路(STC12C2052AD 系列)
10K
10μF
C1
R1
33pF
33pF
关于复位电路:C1 可不用
                  ---- 通过 RS-232 转换器连接电脑就可以下载程序
通过电脑端的
STC-ISP 软件
控制下载
“用户程序”
到 STC 单片机
    用户在自己的目标系统上,如将 P3.0/P3.1 经过 RS-232 电平转换器 转换后连接到电
脑的普通 RS-232 串口,就可以在系统编程 / 升级用户软件。建议如果用户板上无 RS-232
电平转换器,应引出一个插座,含 Gnd / P3.1 / P3.0 / Vcc 四个信号线,当然如能引出
Gnd / P3.1 / P3.0 / Vcc / P1.1 / P1.0 六个信号线为最好,这样就可以在用户系统上
直接编程了。关于 ISP 编程的原理及应用指南详见“STC12C2052AD 系列单片机 ISP 编程
原理  使用说明”部分。另外我们有标准化的编程下载工具,用户可以在上面编程后再
插到目标系统上,也可以借用它上面的RS-232电平转换器连接到电脑,以做下载编程之用。
编程一个芯片大致需2秒到3秒钟,速度比普通的通用编程器快很多,故无须买通用编程器。


Similar Part No. - STC12C0254

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STC12C5402 ETC1-STC12C5402 Datasheet
1Mb / 149P
   STC12C5410AD
STC12C5402AD ETC1-STC12C5402AD Datasheet
1Mb / 149P
   STC12C5410AD
STC12C5404 ETC1-STC12C5404 Datasheet
1Mb / 149P
   STC12C5410AD
STC12C5404AD ETC1-STC12C5404AD Datasheet
1Mb / 149P
   STC12C5410AD
STC12C5406 ETC1-STC12C5406 Datasheet
1Mb / 149P
   STC12C5410AD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com