Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K9F2808U0C-FIB0 Datasheet(PDF) 1 Page - Samsung semiconductor

Part # K9F2808U0C-FIB0
Description  16M x 8 Bit NAND Flash Memory
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K9F2808U0C-FIB0 Datasheet(HTML) 1 Page - Samsung semiconductor

  K9F2808U0C-FIB0 Datasheet HTML 1Page - Samsung semiconductor K9F2808U0C-FIB0 Datasheet HTML 2Page - Samsung semiconductor K9F2808U0C-FIB0 Datasheet HTML 3Page - Samsung semiconductor K9F2808U0C-FIB0 Datasheet HTML 4Page - Samsung semiconductor K9F2808U0C-FIB0 Datasheet HTML 5Page - Samsung semiconductor K9F2808U0C-FIB0 Datasheet HTML 6Page - Samsung semiconductor K9F2808U0C-FIB0 Datasheet HTML 7Page - Samsung semiconductor K9F2808U0C-FIB0 Datasheet HTML 8Page - Samsung semiconductor K9F2808U0C-FIB0 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
FLASH MEMORY
1
K9F2808U0C
Document Title
16M x 8 Bit NAND Flash Memory
Revision History
The attached datasheets are prepared and approved by SAMSUNG Electronics. SAMSUNG Electronics CO., LTD. reserve the right
to change the specifications. SAMSUNG Electronics will evaluate and reply to your requests and questions about device. If you have
any questions, please contact the SAMSUNG branch office near you.
Revision No.
0.0
1.0
2.0
2.1
2.2
2.3
2.4
2.5
2.6
Remark
Advance
Advance
Preliminary
History
Initial issue.
TBGA PKG Dimension Change
48-Ball, 6.0mm x 8.5mm --> 63-Ball, 9.0mm x 11.0mm
1.A3 Pin assignment of TBGA Package is changed.(Page 4)
(before) NC --> (after) Vss
2. Add the Rp vs tr ,tf & Rp vs ibusy graph for 1.8V device (Page 32)
3. Add the data protection Vcc guidence for 1.8V device - below about
1.1V. (Page 33)
The min. Vcc value 1.8V devices is changed.
K9F28XXQ0C : Vcc 1.65V~1.95V --> 1.70V~1.95V
Pb-free Package is added.
K9F2808U0C-FCB0,FIB0
K9F2808Q0C-HCB0,HIB0
K9F2816U0C-HCB0,HIB0
K9F2816U0C-PCB0,PIB0
K9F2816Q0C-HCB0,HIB0
K9F2808U0C-HCB0,HIB0
K9F2808U0C-PCB0,PIB0
Some AC parameters are changed(K9F28XXQ0C).
tWC tWH tWP tRC tREH tRP tREA tCEA
Before
45
15
25
50
15
25
30
45
After
60
20
40
60
20
40
40
55
1. New definition of the number of invalid blocks is added.
(Minimum 502 valid blocks are guaranteed for each contiguous 64Mb
memory space)
2.
Note is added.
(VIL can undershoot to -0.4V and VIH can overshoot to VCC +0.4V for
durations of 20 ns or less.)
1. K9F2808U(Q)0C-DC(I)B0,K9F2816U(Q)0C-DC(I)B0 is deleted.
2. tWC is changed.
45ns(Before) ---> 50ns(After)
3. Minimum valid block number is changed.
1004(Before) --> 1009(After)
1. Minimum valid block number is changed.
1009(Before) --> 1004(After)
Draft Date
Apr. 15th 2002
Sep. 5th 2002
Dec.10th 2002
Mar. 6th 2003
Mar. 13rd 2003
Mar. 26th 2003
May. 24th 2003
Oct. 10th 2003
Note : For more detailed features and specifications including FAQ, please refer to Samsung’s Flash web site.
http://www.samsung.com/Products/Semiconductor/Flash/TechnicalInfo/datasheets.htm


Similar Part No. - K9F2808U0C-FIB0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F2808U0C-DCB0 SAMSUNG-K9F2808U0C-DCB0 Datasheet
583Kb / 33P
   16M x 8 Bit , 8M x 16 Bit NAND Flash Memory
K9F2808U0C-DIB0 SAMSUNG-K9F2808U0C-DIB0 Datasheet
583Kb / 33P
   16M x 8 Bit , 8M x 16 Bit NAND Flash Memory
K9F2808U0C-VCB0 SAMSUNG-K9F2808U0C-VCB0 Datasheet
583Kb / 33P
   16M x 8 Bit , 8M x 16 Bit NAND Flash Memory
K9F2808U0C-VIB0 SAMSUNG-K9F2808U0C-VIB0 Datasheet
583Kb / 33P
   16M x 8 Bit , 8M x 16 Bit NAND Flash Memory
More results

Similar Description - K9F2808U0C-FIB0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F2808U0M- SAMSUNG-K9F2808U0M- Datasheet
347Kb / 26P
   16M x 8 Bit NAND Flash Memory
K9F2808U0A- SAMSUNG-K9F2808U0A- Datasheet
354Kb / 26P
   16M x 8 Bit NAND Flash Memory
KM29U128T SAMSUNG-KM29U128T Datasheet
481Kb / 26P
   16M x 8 Bit NAND Flash Memory
K9F2808Q0B SAMSUNG-K9F2808Q0B Datasheet
304Kb / 29P
   16M x 8 Bit NAND Flash Memory
K9F2808Q0C SAMSUNG-K9F2808Q0C Datasheet
583Kb / 33P
   16M x 8 Bit , 8M x 16 Bit NAND Flash Memory
K9F5608Q0C SAMSUNG-K9F5608Q0C Datasheet
684Kb / 42P
   32M x 8 Bit , 16M x 16 Bit NAND Flash Memory
K9F5608UOC SAMSUNG-K9F5608UOC Datasheet
680Kb / 41P
   32M x 8 Bit 16M x 16 Bit NAND Flash Memory
K9F5608U0B SAMSUNG-K9F5608U0B Datasheet
604Kb / 34P
   32M x 8 Bit , 16M x 16 Bit NAND Flash Memory
K9F6408U0B-TCB0 SAMSUNG-K9F6408U0B-TCB0 Datasheet
416Kb / 27P
   8M x 8 Bit NAND Flash Memory
K9F1208U0M- SAMSUNG-K9F1208U0M- Datasheet
1Mb / 41P
   64M x 8 Bit NAND Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com