Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STC12LE0154AD Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # STC12LE0154AD
Description  STC12C2052AD
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

STC12LE0154AD Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button STC12LE0154AD Datasheet HTML 7Page - List of Unclassifed Manufacturers STC12LE0154AD Datasheet HTML 8Page - List of Unclassifed Manufacturers STC12LE0154AD Datasheet HTML 9Page - List of Unclassifed Manufacturers STC12LE0154AD Datasheet HTML 10Page - List of Unclassifed Manufacturers STC12LE0154AD Datasheet HTML 11Page - List of Unclassifed Manufacturers STC12LE0154AD Datasheet HTML 12Page - List of Unclassifed Manufacturers STC12LE0154AD Datasheet HTML 13Page - List of Unclassifed Manufacturers STC12LE0154AD Datasheet HTML 14Page - List of Unclassifed Manufacturers STC12LE0154AD Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 71 page
background image
宏晶科技:www.MCU-Memory.com   Mobile:13922805190(姚永平)   Tel:0755-82948409    Fax: 0755-82944243
宏晶科技:专业单片机 / 存储器供应商   www.MCU-Memory.com   STC12C2052AD 系列 1T 8051 单片机中文指南
11
       特殊功能寄存器映像  SFR Mapping
      Bit
Addressable
                                 Non  Bit  Addressable
      0/8
     1/9
     2/A
     3/B
     4/C
    5/D
    6/E
    7/F
F8h
CH
0000,0000
  CCAP0H
0000,0000
  CCAP1H
0000,0000
FFh
F0h
      B
0000,0000
PCA_PWM0
xxxx,xx00
 PCA_PWM1
xxxx,xx00
F7h
E8h     
      CL
0000,0000
CCAP0L
0000,0000
  CCAP1L
0000,0000
EFh
E0h
     ACC
0000,0000
WDT_CONTR
0x00,0000
ISP_DATA
1111,1111
ISP_ADDRH
0000,0000
ISP_ADDRL
0000,0000
ISP_CMD
xxxx,xx00
ISP_TRIG
xxxx,xxxx
ISP_CONTR
0000,1000
E7h
D8h
  CCON
00xx,xx00
CMOD
0xxx,x000
CCAPM0
x000,0000
CCAPM1
x000,0000
DFh
D0h
     PSW
0000,0000
D7h
C8h
CFh
C0h
ADC_CONTR
0000,0000
ADC_DATA
0000,0000
IDLE_CLK
xxxx,x000
C7h
B8h
IP
x000,0000
SADEN
don't use
BFh
B0h
P3
1x11,1111
P3M0
0000,0000
P3M1
0000,0000
 IPH
x000,0000
B7h
A8h
      IE
0000,0000
    SADDR
don't use
AFh
A0h
 TEST_WDT
don't use
A7h
98h
    SCON
0000,0000
    SBUF
xxxx,xxxx
9Fh
90h
      P1
1111,1111
   P1M0
0000,0000
    P1M1
0000,0000
97h
88h
    TCON
0000,0000
    TMOD
0000,0000
    TL0
0000,0000
    TL1
0000,0000
    TH0
0000,0000
    TH1
0000,0000
    AUXR
0000,00xx
8Fh
80h
      P0
1111,1111
     SP
0000,0111
     DPL
0000,0000
     DPH
0000,0000
   SPSTAT
00xx,xxxx
   SPCTL
0000,0100
    SPDAT
0000,0000
    PCON
0011,0000
87h
      0/8
     1/9
     2/A
     3/B
     4/C
    5/D
    6/E
    7/F


Similar Part No. - STC12LE0154AD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STC12LE5402 ETC1-STC12LE5402 Datasheet
1Mb / 149P
   STC12C5410AD
STC12LE5402AD ETC1-STC12LE5402AD Datasheet
1Mb / 149P
   STC12C5410AD
STC12LE5404 ETC1-STC12LE5404 Datasheet
1Mb / 149P
   STC12C5410AD
STC12LE5404AD ETC1-STC12LE5404AD Datasheet
1Mb / 149P
   STC12C5410AD
STC12LE5406 ETC1-STC12LE5406 Datasheet
1Mb / 149P
   STC12C5410AD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com