Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K9F2808U0C-F Datasheet(PDF) 11 Page - Samsung semiconductor

Part # K9F2808U0C-F
Description  16M x 8 Bit NAND Flash Memory
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K9F2808U0C-F Datasheet(HTML) 11 Page - Samsung semiconductor

Back Button K9F2808U0C-F Datasheet HTML 7Page - Samsung semiconductor K9F2808U0C-F Datasheet HTML 8Page - Samsung semiconductor K9F2808U0C-F Datasheet HTML 9Page - Samsung semiconductor K9F2808U0C-F Datasheet HTML 10Page - Samsung semiconductor K9F2808U0C-F Datasheet HTML 11Page - Samsung semiconductor K9F2808U0C-F Datasheet HTML 12Page - Samsung semiconductor K9F2808U0C-F Datasheet HTML 13Page - Samsung semiconductor K9F2808U0C-F Datasheet HTML 14Page - Samsung semiconductor K9F2808U0C-F Datasheet HTML 15Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
FLASH MEMORY
11
K9F2808U0C
AC Timing Characteristics for Command / Address / Data Input
NOTE : 1. If tCS is set less than 10ns, tWP must be minimum 35ns, otherwise, tWP may be minimum 25ns.
Parameter
Symbol
K9F2808U0C
Unit
CLE Set-up Time
tCLS
0-
ns
CLE Hold Time
tCLH
10
-
ns
CE Setup Time
tCS
0-
ns
CE Hold Time
tCH
10
-
ns
WE Pulse Width
tWP
25
-ns
ALE Setup Time
tALS
0-
ns
ALE Hold Time
tALH
10
-
ns
Data Setup Time
tDS
20
-
ns
Data Hold Time
tDH
10
-
ns
Write Cycle Time
tWC
50
-
ns
WE High Hold Time
tWH
15
-
ns
AC Characteristics for Operation
NOTE : 1. If reset command(FFh) is written at Ready state, the device goes into Busy for maximum 5us.
2. To break the sequential read cycle, CE must be held high for longer time than tCEH.
3. The time to Ready depends on the value of the pull-up resistor tied R/B pin.
Parameter
Symbol
K9F2808U0C
Unit
Data Transfer from Cell to Register
tR
-10
µs
ALE to RE Delay
tAR
10
-
ns
CLE to RE Delay
tCLR
10
-
ns
Ready to RE Low
tRR
20
-
ns
RE Pulse Width
tRP
25
-
ns
WE High to Busy
tWB
-
100
ns
Read Cycle Time
tRC
50
-
ns
CE Access Time
tCEA
-45
ns
RE Access Time
tREA
-30
ns
RE High to Output Hi-Z
tRHZ
-
30
ns
CE High to Output Hi-Z
tCHZ
-20
ns
RE or CE High to Output hold
tOH
15
-
ns
RE High Hold Time
tREH
15
-
ns
Output Hi-Z to RE Low
tIR
0-
ns
WE High to RE Low
tWHR
60
-
ns
Device Resetting Time(Read/Program/Erase)
tRST
-
5/10/500(1)
µs
K9F2808U0C-
Y,P,V,F only
Last RE High to Busy
(at sequential read)
tRB
-
100
ns
CE High to Ready(in case of interception by
CE at read)
tCRY
-
50 +tr(R/B)(3)
ns
CE High Hold Time(at the last serial read)(2)
tCEH
100
-
ns


Similar Part No. - K9F2808U0C-F

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F2808U0C-DCB0 SAMSUNG-K9F2808U0C-DCB0 Datasheet
583Kb / 33P
   16M x 8 Bit , 8M x 16 Bit NAND Flash Memory
K9F2808U0C-DIB0 SAMSUNG-K9F2808U0C-DIB0 Datasheet
583Kb / 33P
   16M x 8 Bit , 8M x 16 Bit NAND Flash Memory
K9F2808U0C-VCB0 SAMSUNG-K9F2808U0C-VCB0 Datasheet
583Kb / 33P
   16M x 8 Bit , 8M x 16 Bit NAND Flash Memory
K9F2808U0C-VIB0 SAMSUNG-K9F2808U0C-VIB0 Datasheet
583Kb / 33P
   16M x 8 Bit , 8M x 16 Bit NAND Flash Memory
More results

Similar Description - K9F2808U0C-F

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F2808U0M- SAMSUNG-K9F2808U0M- Datasheet
347Kb / 26P
   16M x 8 Bit NAND Flash Memory
K9F2808U0A- SAMSUNG-K9F2808U0A- Datasheet
354Kb / 26P
   16M x 8 Bit NAND Flash Memory
KM29U128T SAMSUNG-KM29U128T Datasheet
481Kb / 26P
   16M x 8 Bit NAND Flash Memory
K9F2808Q0B SAMSUNG-K9F2808Q0B Datasheet
304Kb / 29P
   16M x 8 Bit NAND Flash Memory
K9F2808Q0C SAMSUNG-K9F2808Q0C Datasheet
583Kb / 33P
   16M x 8 Bit , 8M x 16 Bit NAND Flash Memory
K9F5608Q0C SAMSUNG-K9F5608Q0C Datasheet
684Kb / 42P
   32M x 8 Bit , 16M x 16 Bit NAND Flash Memory
K9F5608UOC SAMSUNG-K9F5608UOC Datasheet
680Kb / 41P
   32M x 8 Bit 16M x 16 Bit NAND Flash Memory
K9F5608U0B SAMSUNG-K9F5608U0B Datasheet
604Kb / 34P
   32M x 8 Bit , 16M x 16 Bit NAND Flash Memory
K9F6408U0B-TCB0 SAMSUNG-K9F6408U0B-TCB0 Datasheet
416Kb / 27P
   8M x 8 Bit NAND Flash Memory
K9F1208U0M- SAMSUNG-K9F1208U0M- Datasheet
1Mb / 41P
   64M x 8 Bit NAND Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com